Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRS505 Datasheet(PDF) 1 Page - Power-One

Part # CRS505
Description  1/2 WATT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

CRS505 Datasheet(HTML) 1 Page - Power-One

  CRS505 Datasheet HTML 1Page - Power-One CRS505 Datasheet HTML 2Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
CRS DC/DC converters offer excellent regulation and
isolation in an industry standard DIP package. Available
in 5 or 12 Volt input versions, the CRS is perfect for
industrial and EDP applications. The CRS features short
circuit protection and 500 VDC isolation. Please see the
CRD series for dual output applications.
CRS SERIES - 1/2 WATT
DESCRIPTION
• 5V and 12V Inputs
• Input Pi Filter
• Regulated Output
• 500V Isolation
FEATURES
• Industry Standard
Package
• Industry Standard
Pinout
• 85°C Case Operation
• Short Circuit Protection
1.25”
(31.8mm)
0.40”
(10.2mm)
0.80”
(20.3mm)
Selection Chart
Model
Input Range
VDC
Output VDC Output Current
CRS505
4.65 - 5.50
5
0.100
CRS512
4.65 - 5.50
12
0.080
CRS515
4.65 - 5.50
15
0.065
CRS1205
10.90 - 13.20
5
0.100
CRS1212
10.90 - 13.20
12
0.080
CRS1215
10.90 - 13.20
15
0.065
Note: For model options, see the last page of this file.


Similar Part No. - CRS505

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
CRS50 HOKURIKU-CRS50 Datasheet
267Kb / 2P
   Sulfurization-proof Chip Resistor
More results

Similar Description - CRS505

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HW9D1 ETC2-HW9D1 Datasheet
892Kb / 1P
   1/2 WATT METAL
HW222 ETC2-HW222 Datasheet
892Kb / 1P
   1/2 WATT METAL
logo
WJ Communication. Inc.
FP1189-RFID WJCI-FP1189-RFID Datasheet
517Kb / 12P
   1/2 - Watt HFET
logo
NTE Electronics
502-0401 NTE-502-0401 Datasheet
374Kb / 1P
   1/2 Watt and 1/4 Watt, 6mm dia. shaft
logo
RSG Electronic Componen...
RR4-S08-D08 RSG-RR4-S08-D08 Datasheet
155Kb / 3P
   8 Watt 2:1 regulated
logo
First Components Intern...
1N5229A FCI-1N5229A Datasheet
162Kb / 3P
   1/2 Watt ZENER DIODES
logo
Recom International Pow...
RAC01-C RECOM-RAC01-C Datasheet
81Kb / 2P
   1 - 2 Watt Single Output
logo
First Components Intern...
1N5230 FCI-1N5230 Datasheet
183Kb / 2P
   1/2 Watt ZENER DIODES
1N5221 FCI-1N5221 Datasheet
159Kb / 3P
   1/2 Watt ZENER DIODES
logo
Recom International Pow...
RAC01-3.3SC RECOM-RAC01-3.3SC Datasheet
123Kb / 2P
   1 - 2 Watt Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com