Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1748260000 Datasheet(PDF) 4 Page - Weidmuller

Part # 1748260000
Description  B2L 3.5/24 F SN SW
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1748260000 Datasheet(HTML) 4 Page - Weidmuller

  1748260000 Datasheet HTML 1Page - Weidmuller 1748260000 Datasheet HTML 2Page - Weidmuller 1748260000 Datasheet HTML 3Page - Weidmuller 1748260000 Datasheet HTML 4Page - Weidmuller 1748260000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.50 mm (0.138 inch) 2-row | Socket
connectors, tension spring connection | B2L 3.5 | B2L 3.5F
- 4 -
1748060000
B2L 3.5/16 F SN OR
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 16, 180°, Box
1748070000
B2L 3.5/18 F SN OR
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 18, 180°, Box
1748230000
B2L 3.5/18 F SN SW
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 18, 180°, Box
1748080000
B2L 3.5/20 F SN OR
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 20, 180°, Box
1748240000
B2L 3.5/20 F SN SW
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 20, 180°, Box
1748090000
B2L 3.5/22 F SN OR
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 22, 180°, Box
1748250000
B2L 3.5/22 F SN SW
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 22, 180°, Box
1748100000
B2L 3.5/24 F SN OR
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 24, 180°, Box
1748110000
B2L 3.5/26 F SN OR
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 26, 180°, Box
1748270000
B2L 3.5/26 F SN SW
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 26, 180°, Box
1748120000
B2L 3.5/28 F SN OR
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 28, 180°, Box
1748280000
B2L 3.5/28 F SN SW
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 28, 180°, Box
1748130000
B2L 3.5/30 F SN OR
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 30, 180°, Box
1748290000
B2L 3.5/30 F SN SW
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 30, 180°, Box
1748140000
B2L 3.5/32 F SN OR
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 32, 180°, Box
1748300000
B2L 3.5/32 F SN SW
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 32, 180°, Box
1748150000
B2L 3.5/34 F SN OR
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 34, 180°, Box


Similar Part No. - 1748260000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1748260000 WEIDMULLER-1748260000 Datasheet
84Kb / 5P
   PCB connection systems
1748260000 WEIDMULLER-1748260000 Datasheet
84Kb / 5P
   PCB connection systems
1748260000 WEIDMULLER-1748260000 Datasheet
84Kb / 5P
   PCB connection systems
More results

Similar Description - 1748260000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1747940000 WEIDMULLER-1747940000 Datasheet
82Kb / 5P
   B2L 3.5/24 SN SW
1748170000 WEIDMULLER-1748170000 Datasheet
83Kb / 5P
   B2L 3.5/6 F SN SW
1748220000 WEIDMULLER-1748220000 Datasheet
84Kb / 5P
   B2L 3.5/16 F SN SW
1748190000 WEIDMULLER-1748190000 Datasheet
84Kb / 5P
   B2L 3.5/10 F SN SW
1748180000 WEIDMULLER-1748180000 Datasheet
84Kb / 5P
   B2L 3.5/8 F SN SW
1727670000 WEIDMULLER-1727670000 Datasheet
82Kb / 5P
   B2L 3.5/12 SN SW
1727660000 WEIDMULLER-1727660000 Datasheet
82Kb / 5P
   B2L 3.5/10 SN SW
1727650000 WEIDMULLER-1727650000 Datasheet
82Kb / 5P
   B2L 3.5/8 SN SW
1727640000 WEIDMULLER-1727640000 Datasheet
82Kb / 5P
   B2L 3.5/6 SN SW
1727690000 WEIDMULLER-1727690000 Datasheet
82Kb / 5P
   B2L 3.5/16 SN SW
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com