Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1796930000 Datasheet(PDF) 3 Page - Weidmuller

Part # 1796930000
Description  SL-SMT5.00/2/90 1.5SN
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1796930000 Datasheet(HTML) 3 Page - Weidmuller

  1796930000 Datasheet HTML 1Page - Weidmuller 1796930000 Datasheet HTML 2Page - Weidmuller 1796930000 Datasheet HTML 3Page - Weidmuller 1796930000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | Plug
connectors, THR solder connection, pitch 5.00/5.08 | SL-SMT 5.00-5.08/90 | SL-SMT 5.00/90 Box
- 3 -
Classifications
eClass 5.0
27-26-07-01
eClass 5.1
27-26-07-04
Similar products
Order No.
Part designation
Version
1839890000
SL-SMT5.00/2/90 3.2SN SW
BOX
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 5.00 mm, No. of poles: 2, 90°, Box
1796940000
SL-SMT5.00/3/90 1.5SN
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 5.00 mm, No. of poles: 3, 90°, Box
1839900000
SL-SMT5.00/3/90 3.2SN SW
BOX
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 5.00 mm, No. of poles: 3, 90°, Box
1796950000
SL-SMT5.00/4/90 1.5SN
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 5.00 mm, No. of poles: 4, 90°, Box
1839910000
SL-SMT5.00/4/90 3.2SN SW
BOX
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 5.00 mm, No. of poles: 4, 90°, Box
1796960000
SL-SMT5.00/5/90 1.5SN
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 5.00 mm, No. of poles: 5, 90°, Box
1839920000
SL-SMT5.00/5/90 3.2SN SW
BOX
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 5.00 mm, No. of poles: 5, 90°, Box
1796970000
SL-SMT5.00/6/90 1.5SN
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 5.00 mm, No. of poles: 6, 90°, Box
1839930000
SL-SMT5.00/6/90 3.2SN SW
BOX
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 5.00 mm, No. of poles: 6, 90°, Box
1796980000
SL-SMT5.00/7/90 1.5SN
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 5.00 mm, No. of poles: 7, 90°, Box
1839940000
SL-SMT5.00/7/90 3.2SN SW
BOX
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 5.00 mm, No. of poles: 7, 90°, Box
1796990000
SL-SMT5.00/8/90 1.5SN
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 5.00 mm, No. of poles: 8, 90°, Box
1839950000
SL-SMT5.00/8/90 3.2SN SW
BOX
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 5.00 mm, No. of poles: 8, 90°, Box
1797000000
SL-SMT5.00/9/90 1.5SN
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 5.00 mm, No. of poles: 9, 90°, Box
1839960000
SL-SMT5.00/9/90 3.2SN SW
BOX
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 5.00 mm, No. of poles: 9, 90°, Box
1797010000
SL-SMT5.00/10/90 1.5SN
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 5.00 mm, No. of poles: 10, 90°, Box
1839970000
SL-SMT5.00/10/90 3.2SN SW
BOX
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 5.00 mm, No. of poles: 10, 90°, Box
1797020000
SL-SMT5.00/11/90 1.5SN
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 5.00 mm, No. of poles: 11, 90°, Box
1839980000
SL-SMT5.00/11/90 3.2SN SW
BOX
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 5.00 mm, No. of poles: 11, 90°, Box
1797030000
SL-SMT5.00/12/90 1.5SN
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 5.00 mm, No. of poles: 12, 90°, Box
1839990000
SL-SMT5.00/12/90 3.2SN SW
BOX
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 5.00 mm, No. of poles: 12, 90°, Box


Similar Part No. - 1796930000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1796960000 WEIDMULLER-1796960000 Datasheet
90Kb / 4P
   SL-SMT5.00/5/90 1.5SN
logo
List of Unclassifed Man...
179698 ETC2-179698 Datasheet
339Kb / 3P
   NORTH AMERICAN POWER SUPPLY CORD
More results

Similar Description - 1796930000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1796960000 WEIDMULLER-1796960000 Datasheet
90Kb / 4P
   SL-SMT5.00/5/90 1.5SN
1797080000 WEIDMULLER-1797080000 Datasheet
90Kb / 4P
   SL-SMT5.00/2/90G 1.5SN
1796480000 WEIDMULLER-1796480000 Datasheet
91Kb / 4P
   SL-SMT5.00/2/180 1.5SN
1796630000 WEIDMULLER-1796630000 Datasheet
89Kb / 4P
   SL-SMT5.00/2/180G 1.5SN
1796660000 WEIDMULLER-1796660000 Datasheet
89Kb / 4P
   SL-SMT5.00/5/180G 1.5SN
1796510000 WEIDMULLER-1796510000 Datasheet
91Kb / 4P
   SL-SMT5.00/5/180 1.5SN
1797110000 WEIDMULLER-1797110000 Datasheet
92Kb / 4P
   SL-SMT5.00/5/90G 1.5SN
1774762001 WEIDMULLER-1774762001 Datasheet
92Kb / 5P
   SL-SMT5.08/2/90 1.5SN
1775522001 WEIDMULLER-1775522001 Datasheet
94Kb / 5P
   SL-SMT5.08/2/180 1.5SN
1752982001 WEIDMULLER-1752982001 Datasheet
96Kb / 5P
   SL-SMT3.5/2/180G 1.5SN
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com