Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4180IGN-TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT4180IGN-TRPBF
Description  Virtual Remote Sense Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4180IGN-TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LT4180IGN-TRPBF Datasheet HTML 1Page - Linear Technology LT4180IGN-TRPBF Datasheet HTML 2Page - Linear Technology LT4180IGN-TRPBF Datasheet HTML 3Page - Linear Technology LT4180IGN-TRPBF Datasheet HTML 4Page - Linear Technology LT4180IGN-TRPBF Datasheet HTML 5Page - Linear Technology LT4180IGN-TRPBF Datasheet HTML 6Page - Linear Technology LT4180IGN-TRPBF Datasheet HTML 7Page - Linear Technology LT4180IGN-TRPBF Datasheet HTML 8Page - Linear Technology LT4180IGN-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT4180
3
4180fp
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2. The LT4180E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = SENSE = 5V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VINTVCC
LDO Regulator Output Voltage in
Dropout
VIN = 2.5V
2.2
V
VOV
Overvoltage Threshold
Rising
1.21
V
VOHYST
Overvoltage Input Hysteresis
VRISING – VFALLING
20
80
mV
VRUN
Run Threshold
Falling
1.21
V
VRHYST
Run Input Hysteresis
VRISING – VFALLING
20
80
mV
IFB
Input Bias Current
–0.2
0.2
μA
VOS
Current Amplifier Offset Voltage
VIN = 3.5V
VIN = 5V
VIN = 48V
–4
–3
–4
4
3
4
mV
mV
mV
AV(RATIO)
Current Amplifier Gain Ratio
AVL/AVH, AV Measured in V/V
0.891
0.9
0.909
ISENSE
Current Amplifier Input Bias Current
Measured at SENSE with SENSE = VIN
–1
1
μA
AV
ΔVFB Amplifier Gain
9.7
10
10.3
V/V
ICHOLD1
Track/Hold Charging Current
Measured at CHOLD1 with VCHOLD1 = 1.2V
±60
μA
ICHOLD2
Track/Hold Charging Current
Measured at CHOLD2 with VCHOLD2 = 1.2V
±25
μA
ICHOLD3
Track/Hold Charging Current
Measured at CHOLD3 with VCHOLD3 = 1.2V
±25
μA
ICHOLD4
Track/Hold Charging Current
Measured at CHOLD4 with VCHOLD4 = 1.5V,
VCHOLD2 = 1V, VCHOLD3 = 1.2V
10
μA
Measured at CHOLD4 with VCHOLD4 = 1.5V,
VCHOLD2 = 1.4V, VCHOLD3 = 1.2V
–200
μA
ISC
Soft-Correct Current
Measured at CHOLD4
±1.5
μA
ILKG1
Track/Hold Leakage Current
Measured at CHOLD1 with VCHOLD1 = 1.2V
±1
μA
ILKG2
Track/Hold Leakage Current
Measured at CHOLD2 with VCHOLD2 = 1.2V
±1
μA
ILKG3
Track/Hold Leakage Current
Measured at CHOLD3 with VCHOLD3 = 1.2V
±1
μA
ILKG4
Track/Hold Leakage Current
Measured at CHOLD4 with VCHOLD4 = 1.2V
±1
μA
fOSC
Oscillator Frequency
ROSC = 20k, COSC = 1nF
170
200
230
kHz
gmFB
Voltage Error Amplifier
Transconductance
Measured from FB to COMP, VCOMP = 2V,
OSC Stopped with Voltage Feedback Loop Closed
110
μmho
gmIAMP
Current Amplifier Transconductance
Measured from SENSE to COMP, VCOMP = 2V,
OSC Stopped with Current Feedback Loop Closed
750
μmho
to 125°C operating junction temperature range are assured by design
characterization and correlation with statistical process controls. The
LT4180I is guaranteed over the full –40°C to 125°C operating junction
temperature range. The LT4180MP is guaranteed over the full –55°C to
125°C operating junction temperature range.
Note 3. Positive current is defined as flowing into a pin.


Similar Part No. - LT4180IGN-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4180 LINER-LT4180 Datasheet
354Kb / 18P
   Virtual Remote Sense Controller
logo
Analog Devices
LT4180 AD-LT4180 Datasheet
4Mb / 40P
   5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
logo
Linear Technology
LT4180 LINER-LT4180_15 Datasheet
354Kb / 18P
   Virtual Remote Sense Controller
More results

Similar Description - LT4180IGN-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4180 LINER-LT4180_15 Datasheet
354Kb / 18P
   Virtual Remote Sense Controller
logo
Semtech Corporation
SC1404 SEMTECH-SC1404 Datasheet
501Kb / 27P
   Mobile Multi-Output PWM Controller with Virtual Current Sense
logo
Bel Fuse Inc.
ABC201 BEL-ABC201 Datasheet
881Kb / 6P
   Remote Sense
logo
Astec America, Inc
AEH10 ASTEC-AEH10 Datasheet
464Kb / 2P
   Remote sense compensation
logo
Linear Technology
LTC3855 LINER-LTC3855_15 Datasheet
2Mb / 44P
   Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense
logo
ON Semiconductor
CS5421 ONSEMI-CS5421 Datasheet
298Kb / 14P
   Dual Out?뭥f?뭁hase Synchronous Buck Controller with Remote Sense
July, 2006 ??Rev. 10
logo
Linear Technology
LTC3855 LINER-LTC3855 Datasheet
2Mb / 44P
   Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense
logo
Vicor Corporation
PRD48BF480T600A00 VICOR-PRD48BF480T600A00 Datasheet
802Kb / 22P
   PRM짰 Regulator Remote Sense Only
VI-J00-CY VICOR-VI-J00-CY Datasheet
189Kb / 5P
   Remote sense and current limit
VI-211-CY VICOR-VI-211-CY Datasheet
311Kb / 6P
   Remote sense and current limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com