Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMLK19WBEAW Datasheet(PDF) 3 Page - Rohm

Part # SMLK19WBEAW
Description  High heat radiation package from ROHM original flat flame structure
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLK19WBEAW Datasheet(HTML) 3 Page - Rohm

  SMLK19WBEAW Datasheet HTML 1Page - Rohm SMLK19WBEAW Datasheet HTML 2Page - Rohm SMLK19WBEAW Datasheet HTML 3Page - Rohm SMLK19WBEAW Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMLK19 Series
Rank Reference of Brightness
White (WB)
(Ta=25˚C, IF=20mA)
Package
size
(mm)
Luminous
Intensity
(mcd)
Height(mm)
X1
X2
Y1
Y2
Z1
Z2
900 to 1100 1100 to 1400 1400 to 1800 1800 to 2200 2200 to 2800 2800 to 3600
High power 4520
0.6
SMLK19WBEAW
SMLK19WBEBW
SMLK19WBECW
SMLK19WBEDW
Part No. Construction
Concerning the Brightness rank
• Please refer to the rank chart above for luminous intensity classification.
• Part name is individual for each rank.
• When shipped as sample, the part name will be a representative part name.
General products are free of ranks. Please contact sales if rank appointment is needed.
S M L K 1 9 W B E
F
C W 1
Chromaticity rank
Series name
Package name Chip Type
Emitting Color
Resin Color Taping Specifications Brightness Rank∗
9 Ultra High Brightness Type
W MilkyWhite
WB White
1 Cathode at sprocket hole side
1
Center Color
temperature
A
B
C
D
P
High color rendering: color temperature around 5000K
High color rendering: color temperature around 2800K
Color temperature around 8000K
Color temperature around 6000K
Color temperature around 3000K
W Wide gamut type
Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags.
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
3/3
© 2010 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2010.05 - Rev.A


Similar Part No. - SMLK19WBEAW

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLK19WBEAW ROHM-SMLK19WBEAW Datasheet
1Mb / 4P
   High luminousity white LEDs
More results

Similar Description - SMLK19WBEAW

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLK34 ROHM-SMLK34 Datasheet
1,018Kb / 4P
   High heat radiation package from ROHM original flat frame structure
SMLK34 ROHM-SMLK34_11 Datasheet
1Mb / 4P
   High heat radiation package from ROHM original flat frame
logo
Hamamatsu Corporation
R2868_TPT1008E02 HAMAMATSU-R2868_TPT1008E02 Datasheet
162Kb / 2P
   Quick Detection of Flame from Distance,
logo
Rohm
SMLK18WB ROHM-SMLK18WB Datasheet
315Kb / 11P
   High heat radiation "PSML2" series
logo
List of Unclassifed Man...
13633 ETC1-13633 Datasheet
219Kb / 5P
   Normal Wall Flame Retardant Heat Shrink Tubing
logo
Rochester Electronics
AM186ED-40KI ROCHESTER-AM186ED-40KI Datasheet
592Kb / 1P
   ADVANCED MICROCONTROLLER from the Am186ED/EDLV family made from original AMD wafers
logo
Adam Technologies, Inc.
HST-XX-XX-X ADAM-TECH-HST-XX-XX-X Datasheet
867Kb / 2P
   HEAT SHRINK TUBING, SINGLE WALL, FLAME RETARDANT POLYOLEFIN
Rev. B
logo
Sharp Corporation
PC411L0YIP0F SHARP-PC411L0YIP0F Datasheet
205Kb / 13P
   High Speed 15Mb/s, High CMR Mini-flat Package OPIC Mini-flat Package ?뾑PIC
logo
Rohm
SLR-342MC3F ROHM-SLR-342MC3F Datasheet
878Kb / 4P
   ROHM Customer Support System
logo
Hamamatsu Corporation
L11354-01_ETC_KPIC1079E02 HAMAMATSU-L11354-01_ETC_KPIC1079E02 Datasheet
162Kb / 2P
   Quick Detection of Flame from Distance, Compact UV Sensor with High Sensitivity and Wide Directivity, Suitable for Flame Detectors and Fire Alarms.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com