Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1799210000 Datasheet(PDF) 2 Page - Weidmuller

Part # 1799210000
Description  BCZ 3.81/6/270F SN GN
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1799210000 Datasheet(HTML) 2 Page - Weidmuller

  1799210000 Datasheet HTML 1Page - Weidmuller 1799210000 Datasheet HTML 2Page - Weidmuller 1799210000 Datasheet HTML 3Page - Weidmuller 1799210000 Datasheet HTML 4Page - Weidmuller 1799210000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Socket connectors,
screw clamp connection, pitch 3.81 | BCZ 3.81/90/270 | BCZ 3.81/270F
- 2 -
Material data
Contact base material
Copper alloy
Contact surface
tinned
Connectable conductors
Clamping range, min.
0.08 mm²
Clamping range, max.
1.5 mm²
AWG, min.
28
AWG, max.
16
Solid, min. H05(07) V-U
0.2 mm²
Solid, max. H05(07) V-U
1.5 mm²
Flexible, min. H05(07) V-K
0.2 mm²
Flexible, max. H05(07) V-K
1.5 mm²
With wire end ferrule, acc. to DIN 46 228/1, min.
0.2 mm²
With wire end ferrule, acc. to DIN 46 228/1, max. 1.5 mm²
w. plastic collar ferrule, DIN 46228 pt 4, min.
0.2 mm²
w. plastic collar ferrule, DIN 46228 pt 4, max.
1.5 mm²
Gauge to EN 60999 a x b; ø
2.4 mm x 1.5 mm ; 2.4 mm
DIN IEC rating data
Rated current, min. No. pins (Tu=20°C)
17.5 A
Rated current, max. No. pins (Tu=20°C)
15.9 A
Rated current, min. No. pins(Tu=40°C)
17.5 A
Rated current, max. No. pins (Tu=40°C)
14.1 A
Rated voltage for overvoltage class/pollution
severity II/2
320 V
Rated voltage for overvoltage class/pollution
severity III/2
160 V
Rated voltage for overvoltage class/pollution
severity III/3
160 V
Rated impulse withstand voltage for overvoltage
class/pollution severity II/2
2.5 kV
Rated impulse withstand voltage for overvoltage
class/pollution severity III/2
2.5 kV
Rated impulse withstand voltage for overvoltage
class/pollution severity III/3
2.5 kV
Short-time withstand current resistance
3 x 1s with 76 A
CSA rating data
Rated voltage (Use group D)
300 V
Rated current (Use group D)
10 A
AWG conductor (field wiring), min.
28
AWG conductor (field wiring), max.
16
UL 1059 rating data
Rated voltage (Use group D)
300 V
Rated current (Use group D)
10 A
AWG conductor, min.
28
AWG conductor, max.
16


Similar Part No. - 1799210000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1799210000 WEIDMULLER-1799210000 Datasheet
188Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/06/180G 3.2SN BK BX
More results

Similar Description - 1799210000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1799200000 WEIDMULLER-1799200000 Datasheet
86Kb / 5P
   BCZ 3.81/5/270F SN GN
1799220000 WEIDMULLER-1799220000 Datasheet
86Kb / 5P
   BCZ 3.81/8/270F SN GN
1799240000 WEIDMULLER-1799240000 Datasheet
86Kb / 5P
   BCZ 3.81/12/270F SN GN
1799230000 WEIDMULLER-1799230000 Datasheet
86Kb / 5P
   BCZ 3.81/10/270F SN GN
1799190000 WEIDMULLER-1799190000 Datasheet
86Kb / 5P
   BCZ 3.81/4/270F SN GN
1793080000 WEIDMULLER-1793080000 Datasheet
86Kb / 6P
   BCZ 3.81/6/180F SN GN
1798730000 WEIDMULLER-1798730000 Datasheet
94Kb / 5P
   BCZ 3.81/6/90 SN GN
1798890000 WEIDMULLER-1798890000 Datasheet
86Kb / 5P
   BCZ 3.81/6/90F SN GN
1798860000 WEIDMULLER-1798860000 Datasheet
86Kb / 5P
   BCZ 3.81/3/90F SN GN
1798720000 WEIDMULLER-1798720000 Datasheet
94Kb / 5P
   BCZ 3.81/5/90 SN GN
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com