Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1799220000 Datasheet(PDF) 5 Page - Weidmuller

Part # 1799220000
Description  BCZ 3.81/8/270F SN GN
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1799220000 Datasheet(HTML) 5 Page - Weidmuller

  1799220000 Datasheet HTML 1Page - Weidmuller 1799220000 Datasheet HTML 2Page - Weidmuller 1799220000 Datasheet HTML 3Page - Weidmuller 1799220000 Datasheet HTML 4Page - Weidmuller 1799220000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Socket connectors,
screw clamp connection, pitch 3.81 | BCZ 3.81/90/270 | BCZ 3.81/270F
- 5 -
1940630000
BCZ 3.81/11/270F SN GN
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 11, 270°, Box
1940560000
BCZ 3.81/12/270F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 12, 270°, Box
1799150000
BCZ 3.81/12/270F SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 12, 270°, Box
1799240000
BCZ 3.81/12/270F SN GN
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 12, 270°, Box
1940570000
BCZ 3.81/13/270F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 13, 270°, Box
1940700000
BCZ 3.81/13/270F SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 13, 270°, Box
1940640000
BCZ 3.81/13/270F SN GN
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 13, 270°, Box
1940580000
BCZ 3.81/14/270F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 14, 270°, Box
1940710000
BCZ 3.81/14/270F SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 14, 270°, Box
1940650000
BCZ 3.81/14/270F SN GN
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 14, 270°, Box
1940590000
BCZ 3.81/15/270F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 15, 270°, Box
1940720000
BCZ 3.81/15/270F SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 15, 270°, Box
1940660000
BCZ 3.81/15/270F SN GN
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 15, 270°, Box
1940600000
BCZ 3.81/16/270F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 16, 270°, Box
1799160000
BCZ 3.81/16/270F SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 16, 270°, Box
1799250000
BCZ 3.81/16/270F SN GN
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 16, 270°, Box


Similar Part No. - 1799220000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1799220000 WEIDMULLER-1799220000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/08/90G 3.2SN BK BX
More results

Similar Description - 1799220000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1799200000 WEIDMULLER-1799200000 Datasheet
86Kb / 5P
   BCZ 3.81/5/270F SN GN
1799210000 WEIDMULLER-1799210000 Datasheet
86Kb / 5P
   BCZ 3.81/6/270F SN GN
1799240000 WEIDMULLER-1799240000 Datasheet
86Kb / 5P
   BCZ 3.81/12/270F SN GN
1799230000 WEIDMULLER-1799230000 Datasheet
86Kb / 5P
   BCZ 3.81/10/270F SN GN
1799190000 WEIDMULLER-1799190000 Datasheet
86Kb / 5P
   BCZ 3.81/4/270F SN GN
1792910000 WEIDMULLER-1792910000 Datasheet
88Kb / 6P
   BCZ 3.81/8/180 SN GN
1798740000 WEIDMULLER-1798740000 Datasheet
94Kb / 5P
   BCZ 3.81/8/90 SN GN
1793090000 WEIDMULLER-1793090000 Datasheet
86Kb / 6P
   BCZ 3.81/8/180F SN GN
1793080000 WEIDMULLER-1793080000 Datasheet
86Kb / 6P
   BCZ 3.81/6/180F SN GN
1798860000 WEIDMULLER-1798860000 Datasheet
86Kb / 5P
   BCZ 3.81/3/90F SN GN
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com