Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1571110000 Datasheet(PDF) 11 Page - Weidmuller

Part # 1571110000
Description  System pitch 5.08 mm (0.200 inch) BLZP 5.08/12/180 SN BK BX
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1571110000 Datasheet(HTML) 11 Page - Weidmuller

Back Button 1571110000 Datasheet HTML 7Page - Weidmuller 1571110000 Datasheet HTML 8Page - Weidmuller 1571110000 Datasheet HTML 9Page - Weidmuller 1571110000 Datasheet HTML 10Page - Weidmuller 1571110000 Datasheet HTML 11Page - Weidmuller 1571110000 Datasheet HTML 12Page - Weidmuller 1571110000 Datasheet HTML 13Page - Weidmuller 1571110000 Datasheet HTML 14Page - Weidmuller 1571110000 Datasheet HTML 15Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Datasheet
System pitch 5.08 mm (0.200 inch)
BLZP 5.08/12/180 SN BK BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 16
D-32758 Detmold
Germany
Fon: +49 5231 14-0
Fax: +49 5231 14-2083
Mating connector (conditionally pluggable)
Creation date June 17, 2010 5:46:49 PM CEST
Last update 03.05.2010 / We reserve the right to make technical changes.
11
SLS 5.08/180FI
Male connector with screw clamping yoke connection for
connecting conductors. The male connectors provide space
for labelling and can be coded. Packed in cardboard box.
• 0.20 - 2.5 mm² (IEC) / 26 - 12 AWG (UL)
• 400 V (IEC) / 300 V (UL)
• 21.5 A (IEC) / 15 A (UL)
General ordering data
Order No.
Part designation
Version
GTIN (EAN)
Qty.
Packaging
1846310000
SLS 5.08/12/180FI SN OR BX
PCB plug-in connector, male
plug, 5.08 mm, No. of poles:
12, 180°, Clamping yoke
connection, Clamping range,
max.: 3.31 mm², Box
4032248362592
50 pc(s).
Box
SL-SMT 5.08/90F Box
High-temperature-resistant male connector, packed in box or
tape. In tape with 1.5 mm solder pin optimised for automatic
assembly. 3.2 mm solder pin suitable for reflow and wave
soldering. Stable up to 290°C (2 x 30 s), which exceeds the
requirements of EN 61760-1. These male connectors can be
labelled and coded.
• 400 V (IEC) / 300 V (UL)
• 19 A (IEC) / 15 A (UL)
General ordering data
Order No.
Part designation
Version
GTIN (EAN)
Qty.
Packaging
1837730000
SL-SMT 5.08/12/90F 3.2SN BK BX
PCB plug-in connector, male
header, 5.08 mm, No. of poles:
12, 90°, Solder pin length:
3.2 mm, tinned, black, Reflow
solder connection, Box
4032248347544
50 pc(s).
Box


Similar Part No. - 1571110000

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
157111 FESTO-157111 Datasheet
111Kb / 1P
   Compact air cylinder
logo
Tyco Electronics
1571112-1 MACOM-1571112-1 Datasheet
301Kb / 4P
   Power Rocker Switches
1571112-2 MACOM-1571112-2 Datasheet
301Kb / 4P
   Power Rocker Switches
1571113-1 MACOM-1571113-1 Datasheet
301Kb / 4P
   Power Rocker Switches
1571113-2 MACOM-1571113-2 Datasheet
301Kb / 4P
   Power Rocker Switches
More results

Similar Description - 1571110000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1013540000 WEIDMULLER-1013540000 Datasheet
74Kb / 4P
   BLF 5.08/12/180 SN BK BX
1945980000 WEIDMULLER-1945980000 Datasheet
82Kb / 4P
   BLZP 5.08/02/225B SN BK BX
1946560000 WEIDMULLER-1946560000 Datasheet
81Kb / 4P
   BLZP 5.08/02/225 SN BK BX
1013450000 WEIDMULLER-1013450000 Datasheet
74Kb / 4P
   BLF 5.08/04/180 SN BK BX
1013580000 WEIDMULLER-1013580000 Datasheet
74Kb / 4P
   BLF 5.08/16/180 SN BK BX
1013520000 WEIDMULLER-1013520000 Datasheet
74Kb / 4P
   BLF 5.08/10/180 SN BK BX
1013440000 WEIDMULLER-1013440000 Datasheet
74Kb / 4P
   BLF 5.08/03/180 SN BK BX
1013470000 WEIDMULLER-1013470000 Datasheet
74Kb / 4P
   BLF 5.08/06/180 SN BK BX
1013490000 WEIDMULLER-1013490000 Datasheet
74Kb / 4P
   BLF 5.08/08/180 SN BK BX
1013430000 WEIDMULLER-1013430000 Datasheet
74Kb / 4P
   BLF 5.08/02/180 SN BK BX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com