Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1710310000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1710310000
Description  System pitch 5.08 mm (0.200 inch) BLZP 5.08/12/180 SN BK BX
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1710310000 Datasheet(HTML) 1 Page - Weidmuller

  1710310000 Datasheet HTML 1Page - Weidmuller 1710310000 Datasheet HTML 2Page - Weidmuller 1710310000 Datasheet HTML 3Page - Weidmuller 1710310000 Datasheet HTML 4Page - Weidmuller 1710310000 Datasheet HTML 5Page - Weidmuller 1710310000 Datasheet HTML 6Page - Weidmuller 1710310000 Datasheet HTML 7Page - Weidmuller 1710310000 Datasheet HTML 8Page - Weidmuller 1710310000 Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Datasheet
Creation date June 17, 2010 5:46:49 PM CEST
Last update 03.05.2010 / We reserve the right to make technical changes.
1
System pitch 5.08 mm (0.200 inch)
BLZP 5.08/12/180 SN BK BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 16
D-32758 Detmold
Germany
Fon: +49 5231 14-0
Fax: +49 5231 14-2083
General ordering data
Order No.
1943910000
Part designation
BLZP 5.08/12/180 SN BK BX
Version
PCB plug-in connector, female plug, 5.08
mm, No. of poles: 12, 180°, Clamping yoke
connection, Clamping range, max.: 4 mm², Box
GTIN (EAN)
4032248618040
Qty.
36 pc(s).
Packaging
Box
Female connectors with clamping yoke screw connection
for conductor connection with straight (180°) outlet direction.
The female connectors provide space for labelling and can
be coded. Can be fastened with flange or release latch. They
feature an integrated plus/minus screw, protection against
false insertion under clamping yoke. They are delivered with
an opened clamping yoke.
• 0.2-2.5 mm2 (IEC) / 26-12 AWG (UL)
• 400 V (IEC) / 300 V (UL)
• 19 A (IEC) / 15 A (UL)


Similar Part No. - 1710310000

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
171031801 WURTH-171031801 Datasheet
3Mb / 49P
   MagI3C Power Module VDRM ??Variable Step Down Regulator Module
1.0 February 2018
171031801 WURTH-171031801 Datasheet
3Mb / 49P
   MagI3C Power Module VDRM ??Variable Step Down Regulator Module
1.0 February 2018
171031801 WURTH-171031801 Datasheet
455Kb / 6P
   MagI3C Power Modules DNS004 MagI3C Current Source
V1.1
More results

Similar Description - 1710310000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1013540000 WEIDMULLER-1013540000 Datasheet
74Kb / 4P
   BLF 5.08/12/180 SN BK BX
1945980000 WEIDMULLER-1945980000 Datasheet
82Kb / 4P
   BLZP 5.08/02/225B SN BK BX
1946560000 WEIDMULLER-1946560000 Datasheet
81Kb / 4P
   BLZP 5.08/02/225 SN BK BX
1013450000 WEIDMULLER-1013450000 Datasheet
74Kb / 4P
   BLF 5.08/04/180 SN BK BX
1013580000 WEIDMULLER-1013580000 Datasheet
74Kb / 4P
   BLF 5.08/16/180 SN BK BX
1013520000 WEIDMULLER-1013520000 Datasheet
74Kb / 4P
   BLF 5.08/10/180 SN BK BX
1013440000 WEIDMULLER-1013440000 Datasheet
74Kb / 4P
   BLF 5.08/03/180 SN BK BX
1013470000 WEIDMULLER-1013470000 Datasheet
74Kb / 4P
   BLF 5.08/06/180 SN BK BX
1013490000 WEIDMULLER-1013490000 Datasheet
74Kb / 4P
   BLF 5.08/08/180 SN BK BX
1013430000 WEIDMULLER-1013430000 Datasheet
74Kb / 4P
   BLF 5.08/02/180 SN BK BX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com