Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0198020000-ND Datasheet(PDF) 3 Page - Weidmuller

Part # 0198020000-ND
Description  BLF 5.00/02/90 SN BK BX
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0198020000-ND Datasheet(HTML) 3 Page - Weidmuller

  0198020000-ND Datasheet HTML 1Page - Weidmuller 0198020000-ND Datasheet HTML 2Page - Weidmuller 0198020000-ND Datasheet HTML 3Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) |
Female PUSH IN socket block with spring connection in 5.00/5.08 pitch | BLF 5.00-5.08/90/270 | BLF 5.00/90 SN
- 3 -
Notes
Similar products
Order No.
Part designation
Version
1979280000
BLF 5.00/03/90 SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 3, 90°, Box
1979290000
BLF 5.00/04/90 SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 4, 90°, Box
1979300000
BLF 5.00/05/90 SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 5, 90°, Box
1979310000
BLF 5.00/06/90 SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 6, 90°, Box
1979320000
BLF 5.00/07/90 SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 7, 90°, Box
1979330000
BLF 5.00/08/90 SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 8, 90°, Box
1979340000
BLF 5.00/09/90 SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 9, 90°, Box
1979350000
BLF 5.00/10/90 SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 10, 90°, Box
1979360000
BLF 5.00/11/90 SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 11, 90°, Box
1979370000
BLF 5.00/12/90 SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 12, 90°, Box
1979380000
BLF 5.00/13/90 SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 13, 90°, Box
1979390000
BLF 5.00/14/90 SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 14, 90°, Box
1979400000
BLF 5.00/15/90 SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 15, 90°, Box
1979410000
BLF 5.00/16/90 SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 16, 90°, Box
1979420000
BLF 5.00/17/90 SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 17, 90°, Box
1979430000
BLF 5.00/18/90 SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 18, 90°, Box
1979440000
BLF 5.00/19/90 SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 19, 90°, Box
1979450000
BLF 5.00/20/90 SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 20, 90°, Box


Similar Part No. - 0198020000-ND

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0198002070 MOLEX-0198002070 Datasheet
45Kb / 1P
   ATP Crimp Dies for the Tape Crimp Module and ATP-101 & 301 Press
11/02/2021
0198002090 MOLEX-0198002090 Datasheet
35Kb / 2P
   ATP Crimp Dies for the Tape Crimp Module and ATP-101 & 301 Press
07/29/2021
0198002100 MOLEX-0198002100 Datasheet
35Kb / 2P
   ATP Crimp Dies for the Tape Crimp Module and ATP-101 & 301 Press
01/25/2022
0198002110 MOLEX-0198002110 Datasheet
35Kb / 2P
   ATP Crimp Dies for the Tape Crimp Module and ATP-101 & 301 Press
01/25/2022
0198002120 MOLEX-0198002120 Datasheet
36Kb / 2P
   ATP Crimp Dies for the Tape Crimp Module and ATP-101 & 301 Press
06/26/2021
More results

Similar Description - 0198020000-ND

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1979790000 WEIDMULLER-1979790000 Datasheet
80Kb / 3P
   BLF 5.00/02/90LR SN BK BX
1979980000 WEIDMULLER-1979980000 Datasheet
79Kb / 3P
   BLF 5.00/02/90LH SN BK BX
1979330000 WEIDMULLER-1979330000 Datasheet
73Kb / 3P
   BLF 5.00/08/90 SN BK BX
1979370000 WEIDMULLER-1979370000 Datasheet
75Kb / 3P
   BLF 5.00/12/90 SN BK BX
1979310000 WEIDMULLER-1979310000 Datasheet
75Kb / 3P
   BLF 5.00/06/90 SN BK BX
1979290000 WEIDMULLER-1979290000 Datasheet
75Kb / 3P
   BLF 5.00/04/90 SN BK BX
1979280000 WEIDMULLER-1979280000 Datasheet
75Kb / 3P
   BLF 5.00/03/90 SN BK BX
1979350000 WEIDMULLER-1979350000 Datasheet
75Kb / 3P
   BLF 5.00/10/90 SN BK BX
1981370000 WEIDMULLER-1981370000 Datasheet
79Kb / 3P
   BLF 5.00/02/90LH SN OR BX
1980870000 WEIDMULLER-1980870000 Datasheet
80Kb / 3P
   BLF 5.00/02/90LR SN OR BX
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com