Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6990HS6-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6990HS6-PBF
Description  TimerBlox: Voltage Controlled Silicon Oscillator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6990HS6-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6990HS6-PBF Datasheet HTML 3Page - Linear Technology LTC6990HS6-PBF Datasheet HTML 4Page - Linear Technology LTC6990HS6-PBF Datasheet HTML 5Page - Linear Technology LTC6990HS6-PBF Datasheet HTML 6Page - Linear Technology LTC6990HS6-PBF Datasheet HTML 7Page - Linear Technology LTC6990HS6-PBF Datasheet HTML 8Page - Linear Technology LTC6990HS6-PBF Datasheet HTML 9Page - Linear Technology LTC6990HS6-PBF Datasheet HTML 10Page - Linear Technology LTC6990HS6-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC6990
7
6990p
Rise and Fall Time
vs Supply Voltage
Output Disable Propagation Delay
(tPD) vs Supply Voltage
TYPICAL PERFORMANCE CHARACTERISTICS
Frequency Modulation
Frequency Modulation
Typical ISET Current Limit vs V+
Typical Output Waveform
SUPPLY VOLTAGE (V)
6990 G16
3.0
1.5
2.5
1.0
0.5
2.0
0
24
35
6
TA = 25°C
CLOAD = 5pF
tRISE
tFALL
SUPPLY VOLTAGE (V)
6990 G17
50
20
40
10
30
25
45
15
5
35
0
24
35
6
TA = 25°C
CLOAD = 5pF
SUPPLY VOLTAGE (V)
6990 G18
1000
400
800
200
600
0
24
35
6
TA = 25°C
SET PIN SHORTED TO GND
20μs/DIV
6990 G19
OUT
2V/DIV
OE
2V/DIV
V+ = 3.3V
DIVCODE = 2
RSET = 200k
20μs/DIV
6990 G20
OUT
2V/DIV
VCTRL
2V/DIV
fOUT
50kHz/DIV
V+ = 3.3V, DIVCODE = 0
RSET = 200k, RVCO = 464k
fOUT = 175kHz to 350kHz
20μs/DIV
6990 G21
OUT
2V/DIV
VCTRL
2V/DIV
fOUT
50kHz/DIV
V+ = 3.3V, DIVCODE = 0
RSET = 200k, RVCO = 464k
fOUT = 175kHz to 350kHz
V+ = 3V, unless otherwise noted.


Similar Part No. - LTC6990HS6-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6990HS6PBF LINER-LTC6990HS6PBF Datasheet
316Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990HS6TRPBF LINER-LTC6990HS6TRPBF Datasheet
316Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
More results

Similar Description - LTC6990HS6-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6990 LINER-LTC6990_10 Datasheet
316Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990 LINER-LTC6990_15 Datasheet
406Kb / 30P
   Voltage Controlled Silicon Oscillator
LTC6992-1 LINER-LTC6992-1 Datasheet
328Kb / 32P
   TimerBlox Voltage-Controlled Pulse Width Modulator (PWM)
LTC6991 LINER-LTC6991 Datasheet
333Kb / 24P
   TimerBlox: Resettable, Low Frequency Oscillator
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Linear Technology
LTC6995-1 LINER-LTC6995-1 Datasheet
367Kb / 28P
   TimerBlox: Long Timer, Low Frequency Oscillator
LTC6995-1 LINER-LTC6995-1_15 Datasheet
321Kb / 28P
   TimerBlox Long Timer, Low Frequency Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com