Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6990HS6-PBF Datasheet(PDF) 18 Page - Linear Technology

Part # LTC6990HS6-PBF
Description  TimerBlox: Voltage Controlled Silicon Oscillator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6990HS6-PBF Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC6990HS6-PBF Datasheet HTML 14Page - Linear Technology LTC6990HS6-PBF Datasheet HTML 15Page - Linear Technology LTC6990HS6-PBF Datasheet HTML 16Page - Linear Technology LTC6990HS6-PBF Datasheet HTML 17Page - Linear Technology LTC6990HS6-PBF Datasheet HTML 18Page - Linear Technology LTC6990HS6-PBF Datasheet HTML 19Page - Linear Technology LTC6990HS6-PBF Datasheet HTML 20Page - Linear Technology LTC6990HS6-PBF Datasheet HTML 21Page - Linear Technology LTC6990HS6-PBF Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC6990
18
6990p
APPLICATIONS INFORMATION
Depending on the application’s requirements, the non-
inverting VCO circuit in Figure 13 may be preferred for
this wide of a frequency variation as its maximum inac-
curacy due to VSET error is only ±9% and can be reduced
to only ±3% with a small change to the voltage tuning
range specification.
Reducing VSET Error Effects in VCO Applications
Figure 13 shows a VCO that reduces the effect of
ΔVSET
by adding an op-amp to make VCTRL dependent on VSET.
This circuit also has a positive transfer function (the out-
put frequency increases as VIN increases). Furthermore,
for positive VIN voltages, this circuit places the greatest
absolute frequency error at the highest output frequency.
Compared to the simple VCO circuit of Figure 11, the
absolute frequency error is unchanged. However, with
the maximum absolute frequency error (in Hertz) now
occurring at the highest output frequency, the relative
frequency error (in percent) is greatly improved.
Additionally, by choosing the VCO’s specifications shrewdly,
the frequency error (in percent) due to VSET variation is
reduced to
ΔVSET/VSET = ±3%. To realize this improve-
ment, the design must abide by three conditions. First,
the VIN voltage must be positive throughout the range.
Second, choose VMAX/VMIN ≥ fMAX/fMIN. Last, choose
RVCO/RSET ≥ R4/R3.
Figure 13 shows a design similar to the previous design
example where the VMIN voltage is now specified to be
0.4V. This satisfies the VMAX/VMIN ≥ fMAX/fMIN condition
and the design assures that the output frequency error
due to VSET variation is only ±3%.
Figure 13. VCO with Reduced
ΔVSET Sensitivity
6990 F13
LTC6990
OE
GND
SET
OUT
V+
DIV
C1
0.1μF
R1
1M
R2
280k
DIVCODE = 3
(NDIV = 8, Hi-Z = 0)
RSET
249k
3V
RVCO
75k
+
3V
3V
10kHz TO 100kHz
fOUT
VCTRL
VSET
1/2
LTC6078
R4
30.1k
C4
33pF
R3
100k
0.4V TO 4V
VIN
fOUT
1MHz • 50k
NDIV •RVCO
RVCO
RSET
VIN
VSET
1 •
R4
R3
IF
R4
R3
RVCO
RSET
, THE EQUATION REDUCES TO:
fOUT =
1MHz • 50k
NDIV •RSET
VIN
VSET
VIN •25kHz/V


Similar Part No. - LTC6990HS6-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6990HS6PBF LINER-LTC6990HS6PBF Datasheet
316Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990HS6TRPBF LINER-LTC6990HS6TRPBF Datasheet
316Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
More results

Similar Description - LTC6990HS6-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6990 LINER-LTC6990_10 Datasheet
316Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990 LINER-LTC6990_15 Datasheet
406Kb / 30P
   Voltage Controlled Silicon Oscillator
LTC6992-1 LINER-LTC6992-1 Datasheet
328Kb / 32P
   TimerBlox Voltage-Controlled Pulse Width Modulator (PWM)
LTC6991 LINER-LTC6991 Datasheet
333Kb / 24P
   TimerBlox: Resettable, Low Frequency Oscillator
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Linear Technology
LTC6995-1 LINER-LTC6995-1 Datasheet
367Kb / 28P
   TimerBlox: Long Timer, Low Frequency Oscillator
LTC6995-1 LINER-LTC6995-1_15 Datasheet
321Kb / 28P
   TimerBlox Long Timer, Low Frequency Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com