Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-Z12FWT86P Datasheet(PDF) 1 Page - Rohm

Part # SML-Z12FWT86P
Description  High brightness
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-Z12FWT86P Datasheet(HTML) 1 Page - Rohm

  SML-Z12FWT86P Datasheet HTML 1Page - Rohm SML-Z12FWT86P Datasheet HTML 2Page - Rohm SML-Z12FWT86P Datasheet HTML 3Page - Rohm SML-Z12FWT86P Datasheet HTML 4Page - Rohm SML-Z12FWT86P Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
2.8
1.9
φ2.4
※Cathodemark
2.8
1.9
φ2.4
※Anode mark
2.6
1.5
1.5
1.5
*1:Duty1/10, 1kHz / *2:Reference
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta=25℃)
Electrical and Optical Characteristics (Ta=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(℃)
Storage
Temperature
Tstg(℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength λD Luminous intensity IV
Typ.(V) IF(mA) Max.
(μA) VR(V)
Min.*
2
(nm)
Typ.
(nm)
Max.*
2
(nm) IF(mA)
Min.
(mcd)
Typ.
(mcd) IF(mA)
SML-Z14VT(A)
AIGaInP
on GaAs
Red
175
70
-
12
-40 to +100 -40 to +100
1.9
20
10
12
625
630
635
20
56
112
20
SML-Z14UT(A)
615
620
625
112
224
SML-Z14DT(A)
Orange
602
605
608
140
280
SML-Z14YT(A)
Yellow
2.0
586
589
592
SML-Z14MT(A)
Yellowish
Green
568
571
574
45
90
SML-Z14FT(A)
Green
561.5 564 566.5
22.4
45
SML-Z14PT(A)
557
560
563
11.2 22.4
SML-Z14V4T
Red
2.0
50
100
12
625
630
635
50
140
280
50
SML-Z14U4T
615
620
625
280
560
SML-Z14D4T
Orange
602
605
608
355
710
SML-Z14Y4T
Yellow
2.1
587
590
593
SML-Z14M4T
Yellowish
Green
569
572
575
112
224
SML-Z14F4T
Green
562
565
568
71
120
SML-Z14P4T
558
561
564
22.4
56
SMLZ13EDT(A)
InGaN
on SiC
Bluish
Green
120
30
100*
1
5
-40 to +100 -40 to +100
3.3
20
10
5
519
527
536
20
355
710
20
SMLZ13BDT(A)
Blue
3.2
464
470
476
140
280
SMLZ14WBECW(A)
White
120
30
5
-40 to +100 -40 to +100
3.2
20
100
5
(x, y) (0.30, 0.28)
20
1400 2000
20
SMLZ13WBDAW
115
(x, y) (0.36, 0.36)
360
700
SMLZ13WBDBW
(x, y) (0.44, 0.40)
SMLZ13WBDCW(A)
10
(x, y) (0.30, 0.28)
900 1400
SMLZ13WBDDW(A)
100
(x, y) (0.34, 0.34)
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
Y
X
Y’
X’
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
Y
X
Y’
X’
SML-Z14□4T Series / SML-Z14(A) Series
SMLZ13 Series / SMLZ14WBECW(A)
※Different according to the types of LED die
Tolerance : ±0.2
(unit : mm)
(unit : mm)
SML-Z1(V.U.D.Y.M.F.P)
SML-Z1(WBD□W.BDT.EDT)
SMLZ14WBECW(A)
SMLZ13 series
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
Dimensions
Recommended Solder Pattern Viewing Angle
Specifications
Color
Type
V
U
D
Y
M
F
P
E
B
WB
SML-Z1 Series
Features
・High brightness
・20/50mA guaranteed specifications
・PLCC2 package
3528(1411)
3.5×2.8mm(t=1.9mm)
1/4
© 2010 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2010.05 - Rev.B


Similar Part No. - SML-Z12FWT86P

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-Z1 ROHM-SML-Z1 Datasheet
1Mb / 5P
   High brightness
SML-Z1 ROHM-SML-Z1 Datasheet
1Mb / 5P
   High brightness 20/50mA guaranteed specifications PLCC2 package
SML-Z1 ROHM-SML-Z1 Datasheet
730Kb / 11P
   20/50mA guaranteed specifications
SML-Z14BGT ROHM-SML-Z14BGT Datasheet
536Kb / 12P
   High brightness
SML-Z14D4T ROHM-SML-Z14D4T Datasheet
1Mb / 5P
   High brightness
More results

Similar Description - SML-Z12FWT86P

ManufacturerPart #DatasheetDescription
logo
Rohm
SLI-343V8RC3F ROHM-SLI-343V8RC3F Datasheet
145Kb / 4P
   High brightness
logo
AVAGO TECHNOLOGIES LIMI...
HSMM-C110 AVAGO-HSMM-C110 Datasheet
206Kb / 9P
   High brightness
logo
Rohm
SML-Z1 ROHM-SML-Z1_11 Datasheet
1Mb / 5P
   High brightness
logo
Vishay Siliconix
TLVD42 VISHAY-TLVD42 Datasheet
142Kb / 5P
   High brightness
Rev. 1.4, 14-Oct-14
logo
Roithner LaserTechnik G...
RLCD-M63H-350 ROITHNER-RLCD-M63H-350 Datasheet
411Kb / 3P
   high brightness
RLCD-M66H-2W3W ROITHNER-RLCD-M66H-2W3W Datasheet
367Kb / 3P
   High brightness
logo
Rohm
SML-Z14VT ROHM-SML-Z14VT Datasheet
536Kb / 12P
   High brightness
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AM70 AVAGO-HLMP-AM70 Datasheet
273Kb / 10P
   High brightness material
logo
Rohm
SML-51 ROHM-SML-51 Datasheet
134Kb / 3P
   High Brightness Type
logo
STANLEY ELECTRIC CO.,LT...
EFR5365S STANLEY-EFR5365S Datasheet
271Kb / 1P
   HIGH BRIGHTNESS COLOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com