Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD7830NUV Datasheet(PDF) 4 Page - Rohm

Part # BD7830NUV
Description  1.1W to1.5W Monaural Speaker Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7830NUV Datasheet(HTML) 4 Page - Rohm

  BD7830NUV Datasheet HTML 1Page - Rohm BD7830NUV Datasheet HTML 2Page - Rohm BD7830NUV Datasheet HTML 3Page - Rohm BD7830NUV Datasheet HTML 4Page - Rohm BD7830NUV Datasheet HTML 5Page - Rohm BD7830NUV Datasheet HTML 6Page - Rohm BD7830NUV Datasheet HTML 7Page - Rohm BD7830NUV Datasheet HTML 8Page - Rohm BD7830NUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Technical Note
4/17
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD7830NUV
Measurement Circuit Diagram
3pin SOFT terminal
1 :
Usually
2 :
Enable to adjust fade in/out time
by external capacitor
Block diagram
Pin assignment
PIN No.
PIN Name
1
STBY
2
BIAS
3
SOFT
4
IN-
5
OUT1
6
VCC
7
GND
8
OUT2
20k
STBY
BIAS
SOFT
IN-
OUT2
GND
VCC
OUT1
20k
1
2
3
4
5
6
7
8
A
VSTBY
0.1μ
600
Vin
VCC
Vripple
600
100μ
50
8
V
A
Bias
1st Amp
2nd Amp
0.01μ
SOFT
VCC
1
2
V
STBY
BIAS
SOFT
IN-
OUT2
GND
VCC
OUT1
1
2
3
4
5
6
7
8
Bias
1st Amp
2nd
SOFT


Similar Part No. - BD7830NUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7830NUV ROHM-BD7830NUV Datasheet
851Kb / 17P
   1.1W to1.5W Monaural Speaker Amplifiers
More results

Similar Description - BD7830NUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7824FVM ROHM-BH7824FVM_05 Datasheet
528Kb / 9P
   1.1W to1.5W Monaural Speaker Amplifiers
BH7824FVM ROHM-BH7824FVM_10 Datasheet
277Kb / 11P
   1.1W to1.5W Monaural Speaker Amplifiers
BH7824FVM ROHM-BH7824FVM_15 Datasheet
540Kb / 18P
   1.1W to1.5W Monaural Speaker Amplifiers
BD7830NUV ROHM-BD7830NUV Datasheet
851Kb / 17P
   1.1W to1.5W Monaural Speaker Amplifiers
BH7824FVM ROHM-BH7824FVM_11 Datasheet
335Kb / 15P
   1.1W to1.5W Monaural Speaker Amplifiers
logo
Sanyo Semicon Device
LA4820M SANYO-LA4820M Datasheet
677Kb / 20P
   Monaural Speaker/Stereo Headphone Power Amplifier
logo
Rohm
BD5465GUL ROHM-BD5465GUL Datasheet
677Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5460GUL ROHM-BD5460GUL_10 Datasheet
469Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifier
BD5469GUL ROHM-BD5469GUL Datasheet
1Mb / 26P
   Analog Input Monaural Class-D Speaker Amplifier
BD5466GUL ROHM-BD5466GUL Datasheet
691Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com