Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8919FV Datasheet(PDF) 2 Page - Rohm

Part # BD8919FV
Description  IC Care Interface ICs with Built-in Low LDO Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8919FV Datasheet(HTML) 2 Page - Rohm

  BD8919FV Datasheet HTML 1Page - Rohm BD8919FV Datasheet HTML 2Page - Rohm BD8919FV Datasheet HTML 3Page - Rohm BD8919FV Datasheet HTML 4Page - Rohm BD8919FV Datasheet HTML 5Page - Rohm BD8919FV Datasheet HTML 6Page - Rohm BD8919FV Datasheet HTML 7Page - Rohm BD8919FV Datasheet HTML 8Page - Rohm BD8919FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Technical Note
2/15
BD8918F,BD8918FV,BD8919F,BD8919FV
www.rohm.com
2010.4 - Rev.D
© 2009 ROHM Co., Ltd. All rights reserved.
Absolute maximum ratings (Ta=25°C)
Parameter
Symbol
Ratings
Unit
Notes
VDD Input Voltage
VDD
-0.3 ~ 6.5
V
VDDP Input Voltage
VDDP
-0.3 ~ 6.5
V
I/O Pin Voltage
VMIN
VMOUT
-0.3 ~ +6.5
V
Pin: XTAL1, XTAL2, CLKSEL, RSTIN, IO_U
CMDVCCB, OFFB
Card Contact Pin Voltage
VCD
-0.3 ~ +6.5
V
Pin: PRES, CLK, RST, IO_C
Junction Temperature
Tjmax
+150
°C
Storage Temperature
Tstg
-55 ~ +150
°C
Power Dissipation
Ptot
0.375
*1
0.500
*2
W
T = -20 ~ +85°C
(Refer to the following package power dissipation)
*1 BD8918F/BD8919F, *2 BD8918FV/BD8919FV
• This product is not designed to be radiation tolerant.
• Absolute maximum ratings are not meant for guarantee of operation.
Operating Conditions (Ta=25°C)
Parameter
Symb
ol
Ratings
Unit
Notes
MIN
TYP
MAX
VDD Input Voltage
V
DD
2.7
-
5.5
V
VDDP Input Voltage
V
DDP
4.75
-
5.5
V
VCC ≥ 4.55V
Operating Temperature
T
opr
-40
-
+85
°C
Package Power Dissipation
The power dissipation of a simple package in case of a boadless will be as follows.
Use of this device beyond the following the power dissipation may cause permanent damage.
BD8918F/BD8919F
Pd=375mW; however, reduce 3mW per 1°C when used at Ta ≥ 25°C.
BD8918FV/BD8919FV
Pd=500mW; however, reduce 4mW per 1°C when used at Ta ≥ 25°C.
Fig. 1.1 BD8918F/BD8919F Power Dissipation
Fig. 1.2 BD8918FV/BD8919FV Power Dissipation
Package power
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
25
50
75
100
125
150
Temp (℃)
Package power
0.0
0.1
0.2
0.3
0.4
0
25
50
75
100
125
150
Temp (℃)


Similar Part No. - BD8919FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8919FV ROHM-BD8919FV Datasheet
325Kb / 16P
   IC Card Interface ICs with Built-in Low Noise LDO Regulator
More results

Similar Description - BD8919FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8919F ROHM-BD8919F Datasheet
325Kb / 16P
   IC Card Interface ICs with Built-in Low Noise LDO Regulator
BD8904F ROHM-BD8904F Datasheet
682Kb / 16P
   IC card interface ICs with Built-in DC / DC Converter
BD9739KN ROHM-BD9739KN_10 Datasheet
405Kb / 15P
   System Switching Regulator ICs with Built-in FET (10V)
logo
List of Unclassifed Man...
P9813 ETC1-P9813 Datasheet
710Kb / 9P
   IC input voltage 5V-6.5V;built-in LDO,4.5V regulator output
logo
Nippon Precision Circui...
SM5073 NPC-SM5073 Datasheet
108Kb / 14P
   VCXO ICs with Built-in Varicap
logo
Rohm
BD5LL20AEFV-C ROHM-BD5LL20AEFV-C Datasheet
2Mb / 48P
   5ch Low Side Switch with Built-in LDO
13.Jan.2023 Rev.001
BD8355MWV ROHM-BD8355MWV Datasheet
1Mb / 21P
   Regulators ICs for Digital Cameras and Camcorders System Switching Regulator IC with Built-in FET (10V)
logo
Torex Semiconductor
XC2311 TOREX-XC2311_1 Datasheet
192Kb / 12P
   VCXO ICs with Built-in Variable Capacitor
logo
Nippon Precision Circui...
CF5073 NPC-CF5073 Datasheet
105Kb / 14P
   VCXO Module ICs with Built-in Varicap
logo
Sanyo Semicon Device
LC895926 SANYO-LC895926 Datasheet
68Kb / 7P
   CD-R Encoder/Decoder IC with Built-in SCSI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com