Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8918FV-E2 Datasheet(PDF) 11 Page - Rohm

Part # BD8918FV-E2
Description  IC Care Interface ICs with Built-in Low LDO Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8918FV-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BD8918FV-E2 Datasheet HTML 7Page - Rohm BD8918FV-E2 Datasheet HTML 8Page - Rohm BD8918FV-E2 Datasheet HTML 9Page - Rohm BD8918FV-E2 Datasheet HTML 10Page - Rohm BD8918FV-E2 Datasheet HTML 11Page - Rohm BD8918FV-E2 Datasheet HTML 12Page - Rohm BD8918FV-E2 Datasheet HTML 13Page - Rohm BD8918FV-E2 Datasheet HTML 14Page - Rohm BD8918FV-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Technical Note
11/15
BD8918F,BD8918FV,BD8919F,BD8919FV
www.rohm.com
2010.4 - Rev.D
© 2009 ROHM Co., Ltd. All rights reserved.
6) Card clock supply
Card clock is supplied from the CLK pin dividing the input frequency of XTAL1 pin with the CLKSEL pin setting. The clock
division switching time is within the 8 clocks of the XTAL1 signal.
The input signal to the XTAL1 pin is made by a crystal oscillator (BD8918F/FV:8Hz, BD8919F/FV:16MHz) between the
XTAL1 pin and XTAL2 pin or external pulse signal.
When a crystal oscillator is used, the voltage between XTAL1 and XTAL2 may decrease to become close to “-1V”, which
is not a problem.
When an external pulse signal is applied to the XTAL1 pin (except for signal input by crystal oscillation), the duty of the
XTAL1 pin should be 48% - 52% and the transition time of the XTAL1 pin should be within 5% of the signal cycle to
ensure the duty factor of 45% - 55% at the CLK pin.
Table 2 Clock frequency selection (fXTAL: Frequency at XTAL1)
7) RSTIN input, RST output
The RSTIN input becomes effective after the CMDVCCB signal input turns to L from H, activation sequence is initiated
and approximately 48
s after I/O TRANS turns ON. The RST output is released in approximately 472sec (max.
481
sec) after the CMDVCCB signal turns from H to L to output a signal based on the RSTIN input.
8) Fault detection
When the following fault state is detected, the circuit enters the wait mode after it generates an internal alarm signal and
is deactivated.
If a card is not present, it remains in the wait mode.
• When the VCC pin becomes less than 1.6V, or is loaded high current (TYP: 140mA)
• When VDDP voltage is less than the threshold voltage (detected by supply voltage detector)
• When a high temperature is detected by the thermal shutdown circuit
• When the card is removed during operation or the card is not present from the beginning (PRES=L)
9) OFFB output
The OFFB output pin indicates the IC is ready to operate. It is pulled up to VDD with a 20k
 resistor.
When the IC is in the ready state, OFFB is High.
After activation, the OFFB outputs OFF state (Lo) when a fault state is detected.
When a card is present and CMDVCCB becomes High, the internal alarm is released and the OFFB output becomes
High.
Fig. 6 OFFB, CMDVCCB, PRES, VCC operation
BD8918F/FV
CLKSEL
f
clk
BD8919F/FV
CLKSEL
f
clk
1
XTAL
f
1
2
XTAL
f
0
2
XTAL
f
0
4
XTAL
f
端子ショート等による停止動作
カード取り外しによる停止動作
t
debounce
t
debounce
PRES
OFFB
VCC
t
debounce = typ 8ms
CMDVCCB
Shutdown by card removal
Shutdown by short-circuiting of pins


Similar Part No. - BD8918FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8918FV ROHM-BD8918FV Datasheet
325Kb / 16P
   IC Card Interface ICs with Built-in Low Noise LDO Regulator
More results

Similar Description - BD8918FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8919F ROHM-BD8919F Datasheet
325Kb / 16P
   IC Card Interface ICs with Built-in Low Noise LDO Regulator
BD8904F ROHM-BD8904F Datasheet
682Kb / 16P
   IC card interface ICs with Built-in DC / DC Converter
BD9739KN ROHM-BD9739KN_10 Datasheet
405Kb / 15P
   System Switching Regulator ICs with Built-in FET (10V)
logo
List of Unclassifed Man...
P9813 ETC1-P9813 Datasheet
710Kb / 9P
   IC input voltage 5V-6.5V;built-in LDO,4.5V regulator output
logo
Nippon Precision Circui...
SM5073 NPC-SM5073 Datasheet
108Kb / 14P
   VCXO ICs with Built-in Varicap
logo
Rohm
BD5LL20AEFV-C ROHM-BD5LL20AEFV-C Datasheet
2Mb / 48P
   5ch Low Side Switch with Built-in LDO
13.Jan.2023 Rev.001
BD8355MWV ROHM-BD8355MWV Datasheet
1Mb / 21P
   Regulators ICs for Digital Cameras and Camcorders System Switching Regulator IC with Built-in FET (10V)
logo
Torex Semiconductor
XC2311 TOREX-XC2311_1 Datasheet
192Kb / 12P
   VCXO ICs with Built-in Variable Capacitor
logo
Nippon Precision Circui...
CF5073 NPC-CF5073 Datasheet
105Kb / 14P
   VCXO Module ICs with Built-in Varicap
logo
Sanyo Semicon Device
LC895926 SANYO-LC895926 Datasheet
68Kb / 7P
   CD-R Encoder/Decoder IC with Built-in SCSI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com