Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH7881EFV-E2 Datasheet(PDF) 3 Page - Rohm

Part # BH7881EFV-E2
Description  2W 2W Stereo Speaker / Headphone Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7881EFV-E2 Datasheet(HTML) 3 Page - Rohm

  BH7881EFV-E2 Datasheet HTML 1Page - Rohm BH7881EFV-E2 Datasheet HTML 2Page - Rohm BH7881EFV-E2 Datasheet HTML 3Page - Rohm BH7881EFV-E2 Datasheet HTML 4Page - Rohm BH7881EFV-E2 Datasheet HTML 5Page - Rohm BH7881EFV-E2 Datasheet HTML 6Page - Rohm BH7881EFV-E2 Datasheet HTML 7Page - Rohm BH7881EFV-E2 Datasheet HTML 8Page - Rohm BH7881EFV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Technical Note
3/9
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BH7881EFV
Block diagram
Fig.1
Control pin descriptions
1. ACTIVE/SUSPEND:2PIN
Control input
Mode
Function
H
SUSPEND
Suspended state (Except REG)
L
ACTIVE
Active state
When suspended, the regulator (REG) is in an active state and the SP/HP/LINE amplifier is in a suspended state. Originally,
signals from input resistance and feedback resistance leaked into the speaker output even when suspended, because of
the series connection of an inverting amplifier. However, since the signals are cut off on their way in this IC, signal leaks do
not occur in speaker output. (Signals due to feedback resistance are output in LINE amplifier output.)
2. POWER LEVEL:8PIN
Control input
Mode
Function
H
Limiter H
3Vf peak limiter ON (Output approx. 1.25 W)
OPEN
Limiter L
2Vf peak limiter ON(Output approx .0.70W)
L
Limiter OFF
limiter OFF
*VCC=5V,RL=4ohm,VIN=-8dBV
Since a limiter uses diode characteristics, it has temperature characteristics. On the high temperature side, amplitude tends
to decrease, which is a characteristic that protects the IC. Since setting in speaker mode is assumed, it is ineffective (limiter
OFF) in headphone mode. Moreover, precautions must be taken when input is so great, that output becomes a square
wave, since this could cause local oscillation.
3. BASSBOOST ON/OFF:11PIN
Control input
Mode
Function
H
ON
BASSBOOST:ON
L
OFF
BASSBOOST:OFF
The capacitor that constitutes BASSBOOST is eliminated, and also functions as a gain switch.
4. SP/HP:12PIN
Control input
Mode
Function
H
SP+HP
SP:ON, HP:ON
L
HP
SP:OFF,HP:ON
By using the headphone mode in a speaker MUTE mode, it is possible to completely cut off the pop noise when switching
when VCC ON or OFF, or to ACTV or SPND. For control sequence and other information, see the following pages.
*Not all control pins have pull up or pull internal resistors. Therefore add pull up or pull down resistors, accordingly (PIN8 is an exception.)


Similar Part No. - BH7881EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7881EFV ROHM-BH7881EFV Datasheet
216Kb / 6P
   Silicon Monolithic Integrated Circuit
BH7881EFV ROHM-BH7881EFV Datasheet
592Kb / 9P
   2W 2W Stereo Speaker / Headphone Amplifier
BH7881EFV ROHM-BH7881EFV_05 Datasheet
592Kb / 9P
   2W 2W Stereo Speaker / Headphone Amplifier
More results

Similar Description - BH7881EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7881EFV ROHM-BH7881EFV_05 Datasheet
592Kb / 9P
   2W 2W Stereo Speaker / Headphone Amplifier
logo
National Semiconductor ...
LM4913 NSC-LM4913 Datasheet
767Kb / 15P
   2W Monaural, 90mW Stereo Headphone Audio Amplifier
logo
Global Mixed-mode Techn...
G1420 GMT-G1420 Datasheet
377Kb / 20P
   2W Stereo Audio Amplifier
G1431 GMT-G1431 Datasheet
280Kb / 13P
   2W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3431 UTC-PA3431 Datasheet
266Kb / 11P
   2W STEREO AUDIO AMPLIFIER
PA3427 UTC-PA3427_15 Datasheet
270Kb / 7P
   2W STEREO AUDIO AMPLIFIER
PA3017 UTC-PA3017_15 Datasheet
403Kb / 10P
   2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_15 Datasheet
366Kb / 11P
   2W STEREO AUDIO AMPLIFIER
logo
Global Mixed-mode Techn...
G1432 GMT-G1432 Datasheet
334Kb / 15P
   2W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3428 UTC-PA3428 Datasheet
424Kb / 9P
   2W STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com