Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7265SG Datasheet(PDF) 1 Page - Rohm

Part # BU7265SG
Description  Ultra Low Power CMOS Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7265SG Datasheet(HTML) 1 Page - Rohm

  BU7265SG Datasheet HTML 1Page - Rohm BU7265SG Datasheet HTML 2Page - Rohm BU7265SG Datasheet HTML 3Page - Rohm BU7265SG Datasheet HTML 4Page - Rohm BU7265SG Datasheet HTML 5Page - Rohm BU7265SG Datasheet HTML 6Page - Rohm BU7265SG Datasheet HTML 7Page - Rohm BU7265SG Datasheet HTML 8Page - Rohm BU7265SG Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/17
www.rohm.com
2010.03 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
SSOP5
1
2
5
4
3
IN+
VSS
OUT
IN-
VDD
+
-
BU7265G
BU7265SG
BU7271G
BU7271SG
BU7411G
BU7411SG
BU7421G
BU7421SG
General-purpose Operational Amplifier / Comparator Series
Ultra Low Power
CMOS Operational Amplifiers
Input / Output Full Swing type
BU7265G,BU7265SG,BU7271G,BU7271SG
Input Ground Sense / Output Full Swing type
BU7411G,BU7411SG,BU7421G,BU7421SG
Description
Ultra Low Power CMOS Op-Amp BU7265/BU7271 family (Input-Output Full Swing)
and BU7411/BU7421 family (ground sense)are monolithic IC.
Supply current is very small (BU7265 family, BU7411 family: 0.35[μA]),and VDD range
is +1.6[V]~+5.5[V] (BU7411 family : single supply),so operable with low voltage.
It’s suitable for applications of portable equipments and battery movements.
Features
1) Ultra Low Power
3) Low input bias current 1[pA] (Typ.)
0.35[µA] :BU7265 family
4) Internal ESD protection
BU7411 family
Human body model(HBM) ±4000[V](Typ.)
8.5[µA] :BU7421 family
5) Wide temperature range
8.6[µA] :BU7271 family
-40[℃]~+85[℃]
2) Operable with low voltage
(BU7265G,BU7271G,BU7411G,BU7421G)
+1.8[V]~+5.5[V](single supply) :BU7265 family
-40[℃]~+105[℃]
BU7271 family
(BU7265SG,BU7271SG,BU7411SG,BU7421SG)
+1.7[V]~+5.5[V](single supply) :BU7421 family
6) Internal phase compensation
+1.6[V]~+5.5[V](single supply) :BU7411 family
7) High large signal voltage gain
Pin Assignments
No.10049EAT14
(BU7421SG:Operation guaranteed up to +105℃)
(BU7271SG:Operation guaranteed up to +105℃)
(BU7265SG:Operation guaranteed up to +105℃)
(BU7411SG:Operation guaranteed up to +105℃)
BU7271G
BU7265G
Input-Output Full Swing
BU7421G
BU7411G
Ultra Low Power
Low Power
Ground Sense
Ultra Low Power
Low Power
Single
Single
Single
Single


Similar Part No. - BU7265SG

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7265SG ROHM-BU7265SG Datasheet
129Kb / 5P
   SILICON MONOLITHIC INTEGRATED CIRCUIT
BU7265SG ROHM-BU7265SG Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
BU7265SG ROHM-BU7265SG Datasheet
867Kb / 37P
   Ultra Low Power CMOS Operational Amplifiers
BU7265SG-TR ROHM-BU7265SG-TR Datasheet
867Kb / 37P
   Ultra Low Power CMOS Operational Amplifiers
More results

Similar Description - BU7265SG

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
BU7265G ROHM-BU7265G_13 Datasheet
867Kb / 37P
   Ultra Low Power CMOS Operational Amplifiers
BU7475HFV-TR ROHM-BU7475HFV-TR Datasheet
479Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7271G ROHM-BU7271G_13 Datasheet
522Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7411G ROHM-BU7411G_13 Datasheet
521Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611_07 Datasheet
251Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
ICL7611 INTERSIL-ICL7611_06 Datasheet
252Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
ICL7611 INTERSIL-ICL7611 Datasheet
100Kb / 10P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7621 RENESAS-ICL7621 Datasheet
450Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621 Datasheet
394Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com