Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7411SG Datasheet(PDF) 8 Page - Rohm

Part # BU7411SG
Description  Ultra Low Power CMOS Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7411SG Datasheet(HTML) 8 Page - Rohm

Back Button BU7411SG Datasheet HTML 4Page - Rohm BU7411SG Datasheet HTML 5Page - Rohm BU7411SG Datasheet HTML 6Page - Rohm BU7411SG Datasheet HTML 7Page - Rohm BU7411SG Datasheet HTML 8Page - Rohm BU7411SG Datasheet HTML 9Page - Rohm BU7411SG Datasheet HTML 10Page - Rohm BU7411SG Datasheet HTML 11Page - Rohm BU7411SG Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
BU7265G,BU7265SG,BU7271G,BU7271SG,
BU7411G,BU7411SG,BU7421G,BU7421SG
8/17
www.rohm.com
2010.03 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Technical Note
BU7411 family
(*)The above data is ability value of sample, it is not guaranteed.BU7411G:-40[℃]~+85[℃] BU7411SG:-40[℃]~+105[℃]
BU7411 family
BU7411 family
BU7411 family
85
105
Fig.47 Derating curve
Fig.58 Output Sink Current
– Ambient Temperature
(VOUT=VSS+0.4[V])
Fig.57 Output Sink Current
– Output Voltage (VDD=3[V])
Fig.56 Output Source Current
– Ambient Temperature
(VOUT=VDD-0.4[V])
Fig.53 Output Voltage Low
– Supply Voltage (RL=10[kΩ])
Fig.49 Supply Current
– Supply Voltage
Fig.50 Supply Current
– Ambient Temperature
Fig.51 Output Voltage High
– Supply Voltage (RL=10[kΩ])
Fig.52 Output Voltage High
– Ambient Temperature(RL=10[kΩ])
Fig.54 Output Voltage Low
– Ambient Temperature (RL=10[kΩ])
Fig.48 Derating curve
Fig.55 Output Source Current
– Output Voltage (VDD=3.0[V])
BU7411 family
BU7411 family
BU7411 family
-40℃
25℃
85℃
105℃
BU7411G
BU7411SG
BU7411 family
BU7411 family
BU7411 family
1.6V
5.5V
3.0V
-40℃
25℃
85℃
105℃
1.6V
5.5V
3.0V
-40℃
25℃
85℃
105℃
1.6V
5.5V
3.0V
25℃
85℃
105℃
-40℃
5.5V
3.0V
25℃
85℃
105℃
1.6V
5.5V
3.0V
1.6V
-40℃
BU7411 family
BU7411 family
BU7411 family
0
2
4
6
8
10
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [°C]
0.0
0.2
0.4
0.6
0.8
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [°C]
0.0
0.2
0.4
0.6
0.8
01
2
34
5
6
SUPPLY VOLTAGE [V]
0
5
10
15
20
01
2
3
OUTPUT VOLTAGE [V]
0
10
20
30
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [°C]
0
2
4
6
8
10
01
2
3
OUTPUT VOLTAGE [V]
0
2
4
6
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [°C]
0
2
4
6
01
2
3
45
6
SUPPLY VOLTAGE [V]
0
200
400
600
800
0
50
100
150
AMBIENT TEMPERATURE [°C]
0
200
400
600
800
0
50
100
150
AMBIENT TEMPERATURE [°C]
0
10
20
30
01
23
4
56
SUPPLY VOLTAGE [V]
0
5
10
15
20
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [°C]


Similar Part No. - BU7411SG

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7411SG ROHM-BU7411SG Datasheet
130Kb / 5P
   SILICON MONOLITHIC INTEGRATED CIRCUIT
BU7411SG ROHM-BU7411SG Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
BU7411SG ROHM-BU7411SG Datasheet
521Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7411SG-TR ROHM-BU7411SG-TR Datasheet
521Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
More results

Similar Description - BU7411SG

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
BU7265G ROHM-BU7265G_13 Datasheet
867Kb / 37P
   Ultra Low Power CMOS Operational Amplifiers
BU7475HFV-TR ROHM-BU7475HFV-TR Datasheet
479Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7271G ROHM-BU7271G_13 Datasheet
522Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7411G ROHM-BU7411G_13 Datasheet
521Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611_07 Datasheet
251Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
ICL7611 INTERSIL-ICL7611_06 Datasheet
252Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
ICL7611 INTERSIL-ICL7611 Datasheet
100Kb / 10P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7621 RENESAS-ICL7621 Datasheet
450Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621 Datasheet
394Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com