Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3404 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3404
Description  Thermal Performance of the LM3404/04HV in SO-8 and PSOP-8 Packages
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3404 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3404_1 Datasheet HTML 1Page - National Semiconductor (TI) LM3404_1 Datasheet HTML 2Page - National Semiconductor (TI) LM3404_1 Datasheet HTML 3Page - National Semiconductor (TI) LM3404_1 Datasheet HTML 4Page - National Semiconductor (TI) LM3404_1 Datasheet HTML 5Page - National Semiconductor (TI) LM3404_1 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Thermal Performance of the
LM3404/04HV in SO-8 and
PSOP-8 Packages
National Semiconductor
Application Note 1629
Chris Richardson
May 2007
Introduction
The LM3404/04HV is a buck-regulator designed for driving
high powered LEDs at forward currents of up to 1.0A. LED
drivers often experience thermal conditions that are extreme
even by the standards of switching converters. For example,
LED drivers are often placed on the same metal-core PCB
(MCPCB) as the LEDs themselves. At 1.0A, a single-die white
LED can dissipate more than 3W. The temperature of the
MCPCB can easily reach 60°C or more. Even when the driver
is placed on a separate PCB, the combination of high power
dissipation, small, enclosed spaces, and little-to-no air flow
create high ambient temperatures and even higher junction
temperatures.
Thermal conditions for integrated (MOSFET on-board) LED
drivers are made worse by the high duty cycles of LED drivers.
For applications that use multiple LEDs, as many LEDs as
possible are placed in series to match the current and voltage
limitations of the regulator regulator. The result is that output
voltage is just below the input voltage. A voltage regulator that
provides a 5V output from a 24V input has a duty cycle of 21%,
meaning that the internal MOSFET is on for 21% of the time.
In contrast, a 24V input is often used to drive five series-con-
nected white LEDs, and at 3.5V each this gives an output
voltage of 17.5V, forcing the MOSFET to conduct for 73% of
the time.
The first part of this application note will explore the perfor-
mance of the LM3404HV in a high current, high input voltage,
high duty cycle application typical of many LED drivers, using
lab-tested thermal performance results and simulations. The
industry standard SO-8 package and the pin-for-pin compat-
ible PSOP-8 package with an exposed thermal pad (also
called a die-attach paddle, or DAP) will be compared to help
the user estimate the die temperature under various condi-
tions, and determine which package is best for their applica-
tion.
The second part of this application note uses the power dis-
sipation calculated in the first section to estimate the
LM3404HV’s die temperature under two typical configura-
tions of the LEDs relative to the LED driver. The first case is
for the LM3404HV mounted on a separate PCB that is con-
nected to the LEDs by a wiring harness. This case assumes
an ambient temperature influenced by the heating of the
LEDs, but no direct heating of the PCB by the LEDs them-
selves. The second case assumes the LM3404HV is mounted
to the same MCPCB as the LEDs themselves. In this config-
uration the temperature of the MCPCB has a much stronger
influence over the LM3404HV die temperature than the am-
bient temperature, and the tests assume a fixed MCPCB
temperature instead of a fixed ambient temperature.
Test Circuit
The test circuit uses the LM3404HV to drive ten series-con-
nected 3W white LEDs from an input voltage of 48V ±5%. The
total forward current, I
F, is 1A ±5% at a typical forward drop
of 36V (in thermal equilibrium). Output current ripple is 70
mA
P-P or less. Switching frequency is 550 kHz ±10% and the
circuit is surge protected up to 60V. A complete BOM is listed
at the back of this document, and performance waveforms are
given in Application Note AN-1585. The schematic is shown
in Figure 1.
30019201
FIGURE 1.
© 2007 National Semiconductor Corporation
300192
www.national.com


Similar Part No. - LM3404_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3404 TI1-LM3404_13 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 TI1-LM3404_14 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
More results

Similar Description - LM3404_1

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
IFLOW-200 ATS-IFLOW-200 Datasheet
776Kb / 1P
   MEASURE THE THERMAL AND HYDRAULIC PERFORMANCE OF COLD PLATES
R2_0215
logo
Linear Technology
LTC1285 LINER-LTC1285_15 Datasheet
352Kb / 24P
   3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages
LTC1285 LINER-LTC1285 Datasheet
412Kb / 24P
   3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages
LTC1288 LINER-LTC1288_15 Datasheet
352Kb / 24P
   3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages
logo
Analog Devices
AD7450BRM-REEL AD-AD7450BRM-REEL Datasheet
435Kb / 22P
   Differential Input, 1 MSPS ADC in SOIC-8 and SO-8
REV. A
logo
Sangdest Microelectroni...
SMDA03LCC SMC-SMDA03LCC Datasheet
161Kb / 4P
   SO-8
SMDA03-TH SMC-SMDA03-TH Datasheet
132Kb / 4P
   SO-8
SMDA24C SMC-SMDA24C Datasheet
131Kb / 4P
   SO-8
SMDA03C SMC-SMDA03C Datasheet
126Kb / 4P
   SO-8
S8ULCC03-2 SMC-S8ULCC03-2 Datasheet
147Kb / 4P
   SO-8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com