Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS62P15IRGCT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS62P15IRGCT
Description  Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS62P15IRGCT Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS62P15IRGCT Datasheet HTML 2Page - Texas Instruments ADS62P15IRGCT Datasheet HTML 3Page - Texas Instruments ADS62P15IRGCT Datasheet HTML 4Page - Texas Instruments ADS62P15IRGCT Datasheet HTML 5Page - Texas Instruments ADS62P15IRGCT Datasheet HTML 6Page - Texas Instruments ADS62P15IRGCT Datasheet HTML 7Page - Texas Instruments ADS62P15IRGCT Datasheet HTML 8Page - Texas Instruments ADS62P15IRGCT Datasheet HTML 9Page - Texas Instruments ADS62P15IRGCT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
ADS62P15
SLAS572B – OCTOBER 2007 – REVISED APRIL 2009 .................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Typical values at 25°C, min and max values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD =
3.3V, DRVDD = 1.8V to 3.3V, sampling frequency = 125 MSPS, 50% clock duty cycle, –1dBFS differential analog input,
internal reference mode, applies to CMOS and LVDS interfaces (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Fin= 10 MHz
67.2
Fin = 50 MHz
65.5
67.1
Fin = 70 MHz
67.1
SNR
Signal to noise ratio
0 dB gain
66.8
dBFS
Fin= 170 MHz
3.5 dB gain
66.4
0 dB gain
66.6
Fin = 230 MHz
3.5 dB gain
66.2
Fin= 10 MHz
67.1
Fin = 50 MHz
65
66.9
Fin = 70 MHz
66.9
SINAD
Signal to noise and distortion ratio
0 dB gain
66.5
dBFS
Fin= 170 MHz
3.5 dB gain
66.2
0 dB gain
66.3
Fin = 230 MHz
3.5 dB gain
65.9
ENOB
Effective number of bits
Fin = 50 MHz
10.5
10.8
LSB
Fin= 10 MHz
89
Fin = 50 MHz
75
79
Fin = 70 MHz
85
SFDR
Spurious free dynamic range
0 dB gain
82
dBc
Fin= 170 MHz
3.5 dB gain
84
0 dB gain
78
Fin = 230 MHz
3.5 dB gain
80
Fin= 10 MHz
87
Fin = 50 MHz
72
77
Fin = 70 MHz
83
THD
Total harmonic distortion
0 dB gain
79
dBc
Fin= 170 MHz
3.5 dB gain
81
0 dB gain
75
Fin = 230 MHz
3.5 dB gain
77
Fin= 10 MHz
95
Fin = 50 MHz
75
93
Fin = 70 MHz
93
HD2
Second harmonic distortion
0 dB gain
85
dBc
Fin= 170 MHz
3.5 dB gain
87
0 dB gain
82
Fin = 230 MHz
3.5 dB gain
84
Fin= 10 MHz
89
Fin = 50 MHz
75
79
Fin = 70 MHz
85
HD3
Third harmonic distortion
0 dB gain
82
dBc
Fin= 170 MHz
3.5 dB gain
84
0 dB gain
78
Fin = 230 MHz
3.5 dB gain
80
6
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS62P15


Similar Part No. - ADS62P15IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P15IRGCT TI-ADS62P15IRGCT Datasheet
1Mb / 57P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15IRGCT TI-ADS62P15IRGCT Datasheet
1Mb / 63P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15IRGCTG4 TI-ADS62P15IRGCTG4 Datasheet
1Mb / 57P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15IRGCTG4 TI-ADS62P15IRGCTG4 Datasheet
1Mb / 63P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
More results

Similar Description - ADS62P15IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P15 TI-ADS62P15 Datasheet
1Mb / 57P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15 TI-ADS62P15_1 Datasheet
1Mb / 63P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62C15 TI-ADS62C15 Datasheet
1Mb / 62P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62C15 TI-ADS62C15_10 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P19 TI-ADS62P19 Datasheet
1Mb / 65P
[Old version datasheet]   Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com