Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24090DGQR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24090DGQR
Description  1A, Single-Input, Single Cell Li-Ion Battery Charger
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24090DGQR Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ24090DGQR Datasheet HTML 3Page - Texas Instruments BQ24090DGQR Datasheet HTML 4Page - Texas Instruments BQ24090DGQR Datasheet HTML 5Page - Texas Instruments BQ24090DGQR Datasheet HTML 6Page - Texas Instruments BQ24090DGQR Datasheet HTML 7Page - Texas Instruments BQ24090DGQR Datasheet HTML 8Page - Texas Instruments BQ24090DGQR Datasheet HTML 9Page - Texas Instruments BQ24090DGQR Datasheet HTML 10Page - Texas Instruments BQ24090DGQR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
1
2
3
4
5
10
9
8
7
6
IN
ISET
VSS
PRETERM
PG
NC
ISET2
CHG
TS
OUT
bq2409x
bq24090, bq24091
bq24092, bq24093
www.ti.com
SLUS968B – JANUARY 2010 – REVISED JUNE 2010
PIN CONFIGURATION
PIN FUNCTIONS
NAME
PIN
I/O
DESCRIPTION
Input power, connected to external DC supply (AC adapter or USB port). Expected range of bypass
IN
1
I
capacitors 1mF to 10mF, connect from IN to VSS.
Battery Connection. System Load may be connected. Average load should not be excessive, allowing
OUT
10
O
battery to charge within the 10 hour safety timer window. Expected range of bypass capacitors 1mF to
10mF.
Programs the Current Termination Threshold (5 to 50% of Iout which is set by ISET) and Sets the
PRE-TERM
4
I
Pre-Charge Current to twice the Termination Current Level.
Expected range of programming resistor is 1k to 10k
Ω (2k: Ipgm/10 for term; Ipgm/5 for precharge)
Programs the Fast-charge current setting. External resistor from ISET to VSS defines fast charge current
ISET
2
I
value. Range is 10.8k (50mA) to 675
Ω (800mA).
Programming the Input/Output Current Limit for the USB or Adaptor source:
ISET2
7
I
High = 500mAmax, Low = ISET, FLOAT = 100mAmax.
Temperature sense pin connected to bq24090/2 -10k at 25°C NTC thermistor & bq24091/3 -100k at
25°C NTC thermistor, in the battery pack. Floating TS Pin or pulling High puts part in TTDM “Charger”
TS
9
I
Mode and disable TS monitoring, Timers and Termination. Pulling pin Low disables the IC. If NTC
sensing is not needed, connect this pin to VSS through an external 10 k
Ω/100kΩ resistor. A 250kΩ from
TS to ground will prevent IC entering TTDM mode when battery with thermistor is removed.
VSS
3
Ground terminal
CHG
8
O
Low (FET on) indicates charging and Open Drain (FET off) indicates no Charging or Charge complete.
PG
5
O
Low (FET on) indicates the input voltage is above UVLO and the OUT (battery) voltage.
NC
6
NA
Do not make a connection to this pin (for internal use) – Do not route through this pin
There is an internal electrical connection between the exposed thermal pad and the VSS pin of the
Thermal PAD
Pad
device. The thermal pad must be connected to the same potential as the VSS pin on the printed circuit
and Package
5x3mm2
board. Do not use the thermal pad as the primary ground input for the device. VSS pin must be
connected to ground at all times
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): bq24090 bq24091 bq24092 bq24093


Similar Part No. - BQ24090DGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24090DGQR TI-BQ24090DGQR Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090DGQR TI-BQ24090DGQR Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090DGQR TI-BQ24090DGQR Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090DGQR TI-BQ24090DGQR Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
More results

Similar Description - BQ24090DGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_12 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
logo
Global Mixed-mode Techn...
G5803 GMT-G5803 Datasheet
76Kb / 1P
   1A Single Cell Li-Ion Battery Linear Charger
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ24045 TI1-BQ24045 Datasheet
1Mb / 35P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
BQ24210 TI1-BQ24210 Datasheet
679Kb / 26P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
BQ24212 TI1-BQ24212 Datasheet
254Kb / 8P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com