Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-1776283-6 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1-1776283-6
Description  PIVOT BLOCK ASSEMBLY, W/ SCREW FLANGE, 22-24 AWG, GREEN, 3.5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1776283-6 Datasheet(HTML) 1 Page - Tyco Electronics

  1-1776283-6 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 1-1776283-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1776280-0 MACOM-1-1776280-0 Datasheet
147Kb / 1P
   TERMINAL BLOCK , 90 DEGREE, STACKING W/WIRE PROTECTION 5.0mm PITCH, HIGH TEMP
1-1776280-1 MACOM-1-1776280-1 Datasheet
147Kb / 1P
   TERMINAL BLOCK , 90 DEGREE, STACKING W/WIRE PROTECTION 5.0mm PITCH, HIGH TEMP
1-1776280-2 MACOM-1-1776280-2 Datasheet
147Kb / 1P
   TERMINAL BLOCK , 90 DEGREE, STACKING W/WIRE PROTECTION 5.0mm PITCH, HIGH TEMP
1-1776282-0 MACOM-1-1776282-0 Datasheet
88Kb / 1P
   PIVOT BLOCK ASSEMBLY, 22-24 AWG, GREEN, 3.5mm
1-1776282-1 MACOM-1-1776282-1 Datasheet
88Kb / 1P
   PIVOT BLOCK ASSEMBLY, 22-24 AWG, GREEN, 3.5mm
More results

Similar Description - 1-1776283-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-1776282 MACOM-C-1776282 Datasheet
88Kb / 1P
   PIVOT BLOCK ASSEMBLY, 22-24 AWG, GREEN, 3.5mm
1776279 MACOM-1776279 Datasheet
271Kb / 1P
   PIVOT BLOCK ASSEMBLY, 22-24 AWG, LIGHT BLUE, 3.5mm
C-284510 MACOM-C-284510 Datasheet
49Kb / 1P
   TERMINAL BLOCK, PLUG WITH SCREW FLANGE 3.5mm PITCH
C-284539 MACOM-C-284539 Datasheet
47Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY 90 ? , 3.5mm PITCH WITH THREADED FLANGE
C-284516 MACOM-C-284516 Datasheet
47Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY STRAIGHT, 3.5mm PITCH WITH THREADED FLANGE
C-1776132 MACOM-C-1776132 Datasheet
101Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, STRAIGHT, W/THREADED FLG, 3.5mm PITCH
C-284515 MACOM-C-284515 Datasheet
47Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY STRAIGHT, OPEN ENDS, STACKING W/INTERLOCK, 3.5mm PITCH
C-1776133 MACOM-C-1776133 Datasheet
105Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, STRAIGHT, W/THREADED FLANGE, 3.81mm PITCH
C-796867 MACOM-C-796867 Datasheet
124Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, VERTICAL WITH LOCKING SCREW FLANGE, 5.08mm PITCH
logo
TE Connectivity Ltd
C-2213145 TEC-C-2213145 Datasheet
300Kb / 1P
   CONNECTOR ASSEMBLY, PIVOT POWER RJ45
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com