Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9555PWRE4 Datasheet(PDF) 3 Page - Texas Instruments

Part # PCA9555PWRE4
Description  REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9555PWRE4 Datasheet(HTML) 3 Page - Texas Instruments

  PCA9555PWRE4 Datasheet HTML 1Page - Texas Instruments PCA9555PWRE4 Datasheet HTML 2Page - Texas Instruments PCA9555PWRE4 Datasheet HTML 3Page - Texas Instruments PCA9555PWRE4 Datasheet HTML 4Page - Texas Instruments PCA9555PWRE4 Datasheet HTML 5Page - Texas Instruments PCA9555PWRE4 Datasheet HTML 6Page - Texas Instruments PCA9555PWRE4 Datasheet HTML 7Page - Texas Instruments PCA9555PWRE4 Datasheet HTML 8Page - Texas Instruments PCA9555PWRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
PCA9555
www.ti.com ......................................................................................................................................................... SCPS131E – AUGUST 2005 – REVISED MAY 2008
TERMINAL FUNCTIONS
NO.
SOIC (D),
SSOP (DB),
NAME
DESCRIPTION
QSOP (DBQ),
QFN (RGE)
TSSOP (PW), AND
TVSOP (DGV)
1
22
INT
Interrupt output. Connect to VCC through a pullup resistor.
2
23
A1
Address input 1. Connect directly to VCC or ground.
3
24
A2
Address input 2. Connect directly to VCC or ground.
4
1
P00
P-port input/output. Push-pull design structure.
5
2
P01
P-port input/output. Push-pull design structure.
6
3
P02
P-port input/output. Push-pull design structure.
7
4
P03
P-port input/output. Push-pull design structure.
8
5
P04
P-port input/output. Push-pull design structure.
9
6
P05
P-port input/output. Push-pull design structure.
10
7
P06
P-port input/output. Push-pull design structure.
11
8
P07
P-port input/output. Push-pull design structure.
12
9
GND
Ground
13
10
P10
P-port input/output. Push-pull design structure.
14
11
P11
P-port input/output. Push-pull design structure.
15
12
P12
P-port input/output. Push-pull design structure.
16
13
P13
P-port input/output. Push-pull design structure.
17
14
P14
P-port input/output. Push-pull design structure.
18
15
P15
P-port input/output. Push-pull design structure.
19
16
P16
P-port input/output. Push-pull design structure.
20
17
P17
P-port input/output. Push-pull design structure.
21
18
A0
Address input 0. Connect directly to VCC or ground.
22
19
SCL
Serial clock bus. Connect to VCC through a pullup resistor.
23
20
SDA
Serial data bus. Connect to VCC through a pullup resistor.
24
21
VCC
Supply voltage
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): PCA9555


Similar Part No. - PCA9555PWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9555PWRE4 TI-PCA9555PWRE4 Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555PWRE4 TI-PCA9555PWRE4 Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555PWRE4 TI1-PCA9555PWRE4 Datasheet
1Mb / 42P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
More results

Similar Description - PCA9555PWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9535 TI-PCA9535 Datasheet
834Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9539 TI-PCA9539 Datasheet
777Kb / 34P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9534A_101 TI-PCA9534A_101 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A_10 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com