Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4BP-8-T1-LL-B Datasheet(PDF) 3 Page - Yamaichi Electronics Co., Ltd.

Part # P4BP-8-T1-LL-B
Description  Power Connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

P4BP-8-T1-LL-B Datasheet(HTML) 3 Page - Yamaichi Electronics Co., Ltd.

  P4BP-8-T1-LL-B Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. P4BP-8-T1-LL-B Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. P4BP-8-T1-LL-B Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
D-79
Internal
Connectors
Trading Division
Specifications
Insulation Resistance:
1,000M
Ω min.
Withstanding Voltage:
1,500V ACrms for 1 minute
Contact Resistance:
10m
Ω max.
Voltage Rating:
600V AC/DC
Current Rating:
9A AC/DC
Operating Temp. Range: –40°C to +105°C
Materials and Finish
Insulator:
Nylon66, UL94V-2 rated
Contact:
Brass, Tin Plated
Designed for high current/high density applications
For wire-to-wire and wire-to-board applications
Fully insulated terminals
Low engagement terminals
Locking function
P4BP - 4 - T* -
LL - B
Series
Pin Count (2 to24)
T1 = 180°
T9 = 90°
Plating: Mating / Termination Area
LL = Tin / Tin
B = Bulk Packaging
Part Number (Details)
Series BoardFit4.2 - Power Connectors
180° and 90° Male Header 4.20mm Pitch (Dual Row) TH
P4BP-2-T*-LL-B
2
-
5.50
P4BP-4-T*-LL-B
4
4.20
9.70
P4BP-6-T*-LL-B
6
8.40
13.90
P4BP-8-T*-LL-B
8
12.60
18.10
P4BP-10-T*-LL-B
10
16.80
22.30
P4BP-12-T*-LL-B
12
21.00
26.50
Part Number
Pin Count
A
B
PCB Layout
Outline Dimensions 90° Dual Row
PCB Layout
Outline Dimensions 180° Dual Row
P4BP-14-T*-LL-B
14
25.20
30.70
P4BP-16-T*-LL-B
16
29.40
34.90
P4BP-18-T*-LL-B
18
33.60
39.10
P4BP-20-T*-LL-B
20
37.80
43.50
P4BP-22-T*-LL-B
22
42.00
47.50
P4BP-24-T*-LL-B
24
46.20
51.70
Part Number
Pin Count
A
B


Similar Part No. - P4BP-8-T1-LL-B

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
P4B MKS-P4B Datasheet
257Kb / 4P
   Multi-gas/Multi-range Mass Flow Contro ller
logo
Shindengen Electric Mfg...
P4B40HP2 SHINDENGEN-P4B40HP2 Datasheet
180Kb / 4P
   Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
P4B40HP2 DOINGTER-P4B40HP2 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Inchange Semiconductor ...
P4B40HP2 ISC-P4B40HP2 Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
P4B60HP2 DOINGTER-P4B60HP2 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - P4BP-8-T1-LL-B

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
P3BP-2S-T1-LL-T YAMAICHI-P3BP-2S-T1-LL-T Datasheet
353Kb / 5P
   Power Connectors
logo
Lumberg
161409 LUMBERG-161409 Datasheet
311Kb / 3P
   Power supply connectors
161419 LUMBERG-161419 Datasheet
417Kb / 3P
   Power supply connectors
161421 LUMBERG-161421 Datasheet
382Kb / 3P
   Power supply connectors
163304 LUMBERG-163304 Datasheet
416Kb / 3P
   Power supply connectors
163401 LUMBERG-163401 Datasheet
826Kb / 3P
   Power supply connectors
163602 LUMBERG-163602 Datasheet
405Kb / 3P
   Power supply connectors
NESJ250 LUMBERG-NESJ250 Datasheet
363Kb / 3P
   Power supply connectors
NEB1R LUMBERG-NEB1R Datasheet
494Kb / 3P
   Power supply connectors
XNESJ210 LUMBERG-XNESJ210 Datasheet
469Kb / 3P
   Power supply connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com