Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HCT14DG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCT14DG4
Description  HEX SCHMITT-TRIGGER INVERTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCT14DG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74HCT14DG4 Datasheet HTML 1Page - Texas Instruments SN74HCT14DG4 Datasheet HTML 2Page - Texas Instruments SN74HCT14DG4 Datasheet HTML 3Page - Texas Instruments SN74HCT14DG4 Datasheet HTML 4Page - Texas Instruments SN74HCT14DG4 Datasheet HTML 5Page - Texas Instruments SN74HCT14DG4 Datasheet HTML 6Page - Texas Instruments SN74HCT14DG4 Datasheet HTML 7Page - Texas Instruments SN74HCT14DG4 Datasheet HTML 8Page - Texas Instruments SN74HCT14DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SN54HCT14, SN74HCT14
HEX SCHMITT-TRIGGER INVERTERS
SCLS225E – JULY 1995 – REVISED JULY 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54HCT14
SN74HCT14
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
VT+
Positive going
4.5 V
1.2
1.5
1.9
1.2
1.9
1.2
1.9
V
Positive-going
threshold
5.5 V
1.4
1.7
2.1
1.4
2.1
1.4
2.1
V
VT–
Negative going
4.5 V
0.5
0.9
1.2
0.5
1.2
0.5
1.2
V
Negative-going
threshold
5.5 V
0.6
1
1.4
0.6
1.4
0.6
1.4
V
∆VT
Hysteresis
4.5 V
0.4
0.6
1.4
0.4
1.4
0.4
1.4
V
Hysteresis
(VT+ – VT–)
5.5 V
0.4
0.65
1.5
0.4
1.5
0.4
1.5
V
VOH
IOH = –20 µA
4.5 V
4.4
4.49
4.4
4.4
V
VOH
IOH = –4 mA
4.5 V
3.98
4.3
3.7
3.84
V
VOL
IOL = 20 µA
4.5 V
0.001
0.1
0.1
0.1
V
VOL
IOL = 4 mA
4.5 V
0.17
0.26
0.4
0.33
V
II
VI = VCC or GND
5.5 V
±0.1
±1
±1
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
2
40
20
µA
∆ICC†
One input at 0.5 V or 2.4 V,
Other inputs at GND or VCC
5.5 V
0.2
2.4
3
2.9
mA
Ci
VI = VCC or GND
5 V
3
10
10
10
pF
† This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than 0 V or VCC.
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HCT14
SN74HCT14
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
t d
A
Y
4.5 V
20
32
48
40
ns
tpd
A
Y
5.5 V
18
30
45
38
ns
tt
Y
4.5 V
7
15
22
19
ns
tt
Y
5.5 V
6
14
20
17
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
10
pF


Similar Part No. - SN74HCT14DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCT14DG4 TI-SN74HCT14DG4 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results

Similar Description - SN74HCT14DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
RD74LVC14B RENESAS-RD74LVC14B Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com