Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1963A-18DCYR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL1963A-18DCYR
Description  1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL1963A-18DCYR Datasheet(HTML) 1 Page - Texas Instruments

  TL1963A-18DCYR Datasheet HTML 1Page - Texas Instruments TL1963A-18DCYR Datasheet HTML 2Page - Texas Instruments TL1963A-18DCYR Datasheet HTML 3Page - Texas Instruments TL1963A-18DCYR Datasheet HTML 4Page - Texas Instruments TL1963A-18DCYR Datasheet HTML 5Page - Texas Instruments TL1963A-18DCYR Datasheet HTML 6Page - Texas Instruments TL1963A-18DCYR Datasheet HTML 7Page - Texas Instruments TL1963A-18DCYR Datasheet HTML 8Page - Texas Instruments TL1963A-18DCYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
3
2
GND
IN
SHDN
SENSE/ADJ
OUT
5
4
KTT PACKAGE
(TOP VIEW)
DCQ PACKAGE
(TOP VIEW)
1
3
2
GND
IN
SHDN
SENSE/ADJ
OUT
5
4
6
1
3
2
OUT
IN
GND
DCY PACKAGE
(TOP VIEW)
4
TL1963A-xx
www.ti.com........................................................................................................................................................ SLVS719E – JUNE 2008 – REVISED AUGUST 2009
1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
1
FEATURES
2
Optimized for Fast Transient Response
Output Current: 1.5 A
Dropout Voltage: 340 mV
Low Noise: 40
μVRMS (10 Hz to 100 kHz)
1-mA Quiescent Current
No Protection Diodes Needed
Controlled Quiescent Current in Dropout
Fixed Output Voltages: 1.5 V, 1.8 V, 2.5 V,
and 3.3 V
Adjustable Output Voltage: 1.21 V to 20 V
Less Than 1-
μA Quiescent Current in
Shutdown
Stable with 10-
μF Output Capacitor
Stable with Ceramic Capacitors
Reverse-Battery Protection
No Reverse Current
Thermal Limiting
APPLICATIONS
3.3-V to 2.5-V Logic Power Supplies
Post Regulator for Switching Supplies
DESCRIPTION/ORDERING INFORMATION
The TL1963A-xx is a low-dropout (LDO) regulator optimized for fast transient response. The device can supply
1.5 A of output current with a dropout voltage of 340 mV. Operating quiescent current is 1 mA, dropping to less
than 1
μA in shutdown. Quiescent current is well controlled; it does not rise in dropout as it does with many other
regulators. In addition to fast transient response, the TL1963A-xx regulators have very low output noise, which
makes them ideal for sensitive RF supply applications.
Output voltage range is from 1.21 V to 20 V. The TL1963A-xx regulators are stable with output capacitors as low
as 10
μF. Small ceramic capacitors can be used without the necessary addition of ESR, as is common with other
regulators. Internal protection circuitry includes reverse-battery protection, current limiting, thermal limiting, and
reverse-current protection. The devices are available in fixed output voltages of 1.5 V, 1.8 V, 2.5 V, and 3.3 V,
and as an adjustable device with a 1.21-V reference voltage. The TL1963A-xx regulators are available in the
5-pin TO-263 (KTT), 6-pin TO-223 (DCQ), and 3-pin SOT-223 (DCY) packages.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD, PowerFLEX are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TL1963A-18DCYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1963A-18DCYR TI-TL1963A-18DCYR Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-18DCYR TI1-TL1963A-18DCYR Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
More results

Similar Description - TL1963A-18DCYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1963A-XX TI-TL1963A-XX_10 Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A TI1-TL1963A_16 Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-Q1 TI1-TL1963A-Q1 Datasheet
612Kb / 23P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX Datasheet
805Kb / 26P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501M TI1-TPS7A4501M Datasheet
406Kb / 21P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATOR
TL1963A TI-TL1963A_15 Datasheet
2Mb / 39P
[Old version datasheet]   TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TPS73801 TI1-TPS73801 Datasheet
711Kb / 21P
[Old version datasheet]   1.0-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
logo
ON Semiconductor
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
logo
Texas Instruments
TPS73801 TI-TPS73801_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS73801 1.0-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com