Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL52055DR Datasheet(PDF) 10 Page - Texas Instruments

Part # TL52055DR
Description  WIDE-BANDWIDTH,2-INPUT,1-OUTPUT 3-CIRCUIT VIDEO SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL52055DR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL52055DR Datasheet HTML 3Page - Texas Instruments TL52055DR Datasheet HTML 4Page - Texas Instruments TL52055DR Datasheet HTML 5Page - Texas Instruments TL52055DR Datasheet HTML 6Page - Texas Instruments TL52055DR Datasheet HTML 7Page - Texas Instruments TL52055DR Datasheet HTML 8Page - Texas Instruments TL52055DR Datasheet HTML 9Page - Texas Instruments TL52055DR Datasheet HTML 10Page - Texas Instruments TL52055DR Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - TL52055DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL52055DR TI-TL52055DR Datasheet
233Kb / 10P
[Old version datasheet]   WIDE BANDWIDTH 2 INPUT 1 OUTPUT 3-CIRCUIT VIDEO SWITCH
More results

Similar Description - TL52055DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL52055 TI-TL52055 Datasheet
233Kb / 10P
[Old version datasheet]   WIDE BANDWIDTH 2 INPUT 1 OUTPUT 3-CIRCUIT VIDEO SWITCH
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
MM1238 MITSUMI-MM1238 Datasheet
91Kb / 6P
   3-Input 2-Output 3-Circuit Video Switch
MM1389 MITSUMI-MM1389 Datasheet
108Kb / 7P
   Pedestal Clamp 2-Input 1-Output 3-Circuit Video Switch
MM1231 MITSUMI-MM1231 Datasheet
143Kb / 7P
   2-Input 1-Output 3-Circuit Video Switch Monolithic IC
logo
New Japan Radio
NJM2585 NJRC-NJM2585 Datasheet
1Mb / 13P
   WIDE BAND 3-INPUT 1-OUTPUT 3-CIRCUIT VIDEO AMPLIFIER
NJM2586A NJRC-NJM2586A Datasheet
562Kb / 9P
   WIDE BAND 3-INPUT 1-OUTPUT 3-CIRCUIT VIDEO AMPLIFIER
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
NJM2533 NJRC-NJM2533 Datasheet
193Kb / 4P
   2-INPUT 1-OUTPUT VIDEO SWITCH???
logo
Mitsubishi Electric Sem...
MM1221 MITSUBISHI-MM1221 Datasheet
162Kb / 7P
   2-Input 1-Output Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com