Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS4000 Datasheet(PDF) 11 Page - Power-One

Part # LS4000
Description  100 Watt AC-DC Converters with PFC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LS4000 Datasheet(HTML) 11 Page - Power-One

Back Button LS4000 Datasheet HTML 7Page - Power-One LS4000 Datasheet HTML 8Page - Power-One LS4000 Datasheet HTML 9Page - Power-One LS4000 Datasheet HTML 10Page - Power-One LS4000 Datasheet HTML 11Page - Power-One LS4000 Datasheet HTML 12Page - Power-One LS4000 Datasheet HTML 13Page - Power-One LS4000 Datasheet HTML 14Page - Power-One LS4000 Datasheet HTML 15Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Cassette Style
100 Watt AC-DC Converters
S Series PFC
Edition 01/01.2001
11/27
0
t
t
0
Inhibit
1
0.1
1
Uo/Uo nom
tr
tf
06001
Fig. 19
Output response as a function of inhibit control
Auxiliary Functions
i Inhibit for Remote On and Off
Note: With open i input: Output is disabled (
Uo = off).
The outputs of the module may be enabled or disabled by
means of a logic signal (TTL, CMOS, etc.) applied between
the inhibit input i and the negative pin of output 1 (Vo1–). In
systems with several units, this feature can be used, for ex-
ample, to control the activation sequence of the converters.
If the inhibit function is not required, connect the inhibit pin
18 to pin 14 to enable the outputs (active low logic, fail
safe). For output response refer to:
Hold-up Time and Out-
put Response.
Vi+
Vi–
Vo–
i
Vo+
Iinh
Uinh
06031
1.6
0.8
0
–0.8
–50
Uinh [V]
Iinh [mA]
–30
0
–10
10
30
50
2.0
1.2
0.4
–0.4
Uinh = 0.8 V
Uo = on
Uo = off
Uinh = 2.4 V
Fig. 17
Definition of Uinh and Iinh.
Fig. 18
Typical inhibit current Iinh versus inhibit voltage Uinh
Table 5: Inhibit characteristics
Characteristic
Conditions
min
typ
max Unit
Uinh Inhibit
Uo = on
Ui min…Ui max
–50
0.8
V
voltage
Uo = off
2.4
50
Iinh
Inhibit current
Uinh = 0
–400
µA
tr
Rise time
30
ms
tf
Fall time
depending on
Io
Sense Lines
(Only for single output units 5.1 V, 12 V, 15 V, 24 V)
This feature enables for compensation of voltage drops
across the connector contacts and if necessary, across the
load lines. If the sense lines are connected at the load
rather than directly at the connector, the user should ensure
that
Uo max (between Vo1+ and Vo1–) is not exceeded. We
recommend connecting the sense lines directly at the fe-
male connector.
For further information, please refer to:
Application Notes .
To ensure correct operation, both sense lines (S+ and S–)
should be connected to their respective power outputs
(Vo1+ and Vo1–) and the voltage difference between any
sense line and its respective power output pin (as meas-
ured on the connector) should not exceed the following val-
ues:
Table 6: Maximum Voltage compensation allowed using
sense lines
Output
Total voltage difference
Voltage difference
voltage
between sense lines and
between
their respective outputs
Vo– and S–
5.1 V
<0.5 V
<0.25 V
12 V, 15 V
<1.0 V
<0.25 V
If the output voltages are increased above
Uo nom via R-in-
put control, option P setting, remote sensing or option T, the
output currents must be reduced accordingly so that
Po nom is not exceeded.
Important: The output terminals Vo1+ and Vo1– must
always be connected to the load before connecting the
sense lines S+ and S–, otherwise the unit will be dam-
aged.


Similar Part No. - LS4000

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS40 CITIZEN-LS40 Datasheet
475Kb / 2P
   Illuminated Type
logo
Micross Components
LS403 MICROSS-LS403 Datasheet
282Kb / 1P
   Linear Systems replaces discontinued Siliconix U403
logo
DONG IL TECHNOLOGY LTD.
LS403012M DIT-LS403012M Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
LS403012M DIT-LS403012M Datasheet
1,005Kb / 1P
   COMMON MODE CHOKE COIL
LS403012N DIT-LS403012N Datasheet
1,005Kb / 1P
   COMMON MODE CHOKE COIL
More results

Similar Description - LS4000

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CBM100S CINCON-CBM100S Datasheet
342Kb / 2P
   100 WATT AC-DC POWER SUPPLY WITH PFC
logo
Power-One
LS1001-7R POWER-ONE-LS1001-7R Datasheet
66Kb / 4P
   100 Watt AC-DC Converters
logo
Intronics Power, Inc.
AC100X INTRONICS-AC100X Datasheet
260Kb / 2P
   100 WATT OPEN FRAME AC-DC MODULES WITH PFC
logo
CINCON ELECTRONICS Corp...
CFM101S CINCON-CFM101S Datasheet
276Kb / 2P
   100 WATT OPEN FRAME AC-DC MODULES WITH PFC
logo
Intronics Power, Inc.
AC200X INTRONICS-AC200X Datasheet
567Kb / 3P
   200 WATT AC-DC OPEN FRAME WITH PFC
logo
CINCON ELECTRONICS Corp...
CFM200M CINCON-CFM200M Datasheet
461Kb / 3P
   200 WATT AC-DC POWER SUPPLY WITH PFC
logo
List of Unclassifed Man...
CFM361S ETC2-CFM361S Datasheet
362Kb / 3P
   360 WATT AC-DC POWER SUPPLY WITH PFC
logo
CINCON ELECTRONICS Corp...
CFM300M CINCON-CFM300M Datasheet
478Kb / 3P
   300 WATT AC-DC POWER SUPPLY WITH PFC
logo
List of Unclassifed Man...
CQB100-110S ETC2-CQB100-110S Datasheet
158Kb / 2P
   100 WATT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
CFM300S CINCON-CFM300S Datasheet
713Kb / 3P
   300 WATT AC-DC POWER SUPPLY WITH PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com