Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS4301-7R Datasheet(PDF) 7 Page - Power-One

Part # LS4301-7R
Description  100 Watt AC-DC Converters with PFC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LS4301-7R Datasheet(HTML) 7 Page - Power-One

Back Button LS4301-7R Datasheet HTML 3Page - Power-One LS4301-7R Datasheet HTML 4Page - Power-One LS4301-7R Datasheet HTML 5Page - Power-One LS4301-7R Datasheet HTML 6Page - Power-One LS4301-7R Datasheet HTML 7Page - Power-One LS4301-7R Datasheet HTML 8Page - Power-One LS4301-7R Datasheet HTML 9Page - Power-One LS4301-7R Datasheet HTML 10Page - Power-One LS4301-7R Datasheet HTML 11Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Cassette Style
100 Watt AC-DC Converters
S Series PFC
Edition 01/01.2001
7/27
Table 4b: Output data double output modules
Output
LS 5320
LS 5540
LS 5660
(Outputs connected in Series)
24 V (2
× 12 V)
30 V (2
× 15 V)
48 V (2
× 24 V)
Characteristics
Conditions
min
typ
max
min
typ
max
min
typ
max
Unit
Uo
Output voltage 2
Ui nom, Io nom
24.0
30.0
48.0
V
Uop
Overvoltage protection
38
48
74
(supressor diode)
Io nom
Output current 1
Ui min...Ui max
4.0
3.2
2.0
A
TC min...TC max
IoL
Output current limit 4
Ui min...Ui max
4.2
3.4
2.1
uo 7
Output
Low frequency
Ui nom, Io nom
33
5
mVpp
voltage
Switching freq.
IEC/EN 61204
15
15
20
noise 3
Total
BW = 20 MHz
100
100
150
DUo U Static line regulation
Ui min...Ui max
±12
±15
±24
mV
Io nom
DUo I
Static load regulation
Ui nom, Io =40
60
96
(0.1...1)
Io nom
uo d 5
Dynamic Voltage
Ui nom, Io =
±250
±200
±150
load
deviation
Io nom 1/2 Io nom
t d 5
regulat.
Recovery time
IEC/EN 61204
0.3
0.3
0.3
ms
aUo
Temperature coefficient
Ui min...Ui max
–2.2
–2.2
–2.6
mV/K
of output voltage 6
0...
Io nom
1 If the output voltages are increased above Uo nom through R-input control, option P setting, remote sensing or option T, the output cur-
rents should be reduced accordingly so that
Po nom is not exceeded.
2 Series connection for Uo nom = 24 V, 30 V or 48 V, see: R-Function for different output configurations.
3 Shortest possible wiring for series connection at the connector.
4 See: Output Voltage Regulation of Single or Double Output Modules with Outputs 1 and 2 Connected in Series.
5 See: Typical dynamic load regulation of Uo1 and Uo2.
6 Negative temperature coefficient (0...-3 mV/cell and K) available on request.
7 Measured according to IEC/EN 61204 sub clause 3.10 with a probe acc. to annex A of the same standards. (See:Technical Informa-
tion: Measuring and Testing)


Similar Part No. - LS4301-7R

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
LS430850 POWEREX-LS430850 Datasheet
98Kb / 4P
   POW-R-BLOK Single SCR Isolated Module (500 Amperes / Up to 1600 Volts)
LS430850 POWEREX-LS430850 Datasheet
173Kb / 4P
   Single SCR Isolated Module
LS430850 POWEREX-LS430850_10 Datasheet
173Kb / 4P
   Single SCR Isolated Module
More results

Similar Description - LS4301-7R

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CBM100S CINCON-CBM100S Datasheet
342Kb / 2P
   100 WATT AC-DC POWER SUPPLY WITH PFC
logo
Power-One
LS1001-7R POWER-ONE-LS1001-7R Datasheet
66Kb / 4P
   100 Watt AC-DC Converters
logo
Intronics Power, Inc.
AC100X INTRONICS-AC100X Datasheet
260Kb / 2P
   100 WATT OPEN FRAME AC-DC MODULES WITH PFC
logo
CINCON ELECTRONICS Corp...
CFM101S CINCON-CFM101S Datasheet
276Kb / 2P
   100 WATT OPEN FRAME AC-DC MODULES WITH PFC
logo
Intronics Power, Inc.
AC200X INTRONICS-AC200X Datasheet
567Kb / 3P
   200 WATT AC-DC OPEN FRAME WITH PFC
logo
CINCON ELECTRONICS Corp...
CFM200M CINCON-CFM200M Datasheet
461Kb / 3P
   200 WATT AC-DC POWER SUPPLY WITH PFC
logo
List of Unclassifed Man...
CFM361S ETC2-CFM361S Datasheet
362Kb / 3P
   360 WATT AC-DC POWER SUPPLY WITH PFC
logo
CINCON ELECTRONICS Corp...
CFM300M CINCON-CFM300M Datasheet
478Kb / 3P
   300 WATT AC-DC POWER SUPPLY WITH PFC
logo
List of Unclassifed Man...
CQB100-110S ETC2-CQB100-110S Datasheet
158Kb / 2P
   100 WATT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
CFM300S CINCON-CFM300S Datasheet
713Kb / 3P
   300 WATT AC-DC POWER SUPPLY WITH PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com