Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

110IMX7-05-05-9 Datasheet(PDF) 3 Page - Power-One

Part # 110IMX7-05-05-9
Description  7 Watt DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

110IMX7-05-05-9 Datasheet(HTML) 3 Page - Power-One

  110IMX7-05-05-9 Datasheet HTML 1Page - Power-One 110IMX7-05-05-9 Datasheet HTML 2Page - Power-One 110IMX7-05-05-9 Datasheet HTML 3Page - Power-One 110IMX7-05-05-9 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.power-one.com
Edition 4/04.2001
Mechanical data
Tolerances
±0.3 mm (0.012") unless otherwise indicated.
European
Projection
IMX 7
50.8 (2")
3.81(0.15")
3.81(0.15")
PT 2.2
self tapping screws
1
4
10
14
0.8
× 1.2 (0.03 x 0.05") Pins
∅ 1.6 (0.06) PCB holes
3.4 (0.13")
45.7 (1.8")
4.6 (0.18")
S09030
Measuring point
of case temperature
TC
0.8 (0.3")
09032
35.5 (1.4")
15.2 (0.6")
1
2
3
4
5
∅ 1 (0.04") Pins
∅ 1.2 (0.05") PCB holes
0.5(0.02")
50.8 (2")
Measuring point of
case temperature
TC
IMX 7 (option C)
IMX 7 (option Z)
43.2 (1.7")
S90002
48 (1.9")
1
4
10
14
3.5 (0.14")
0.8 (0.3")
0.8
× 1.2 (0.03 x 0.05") Pins
∅ 1.6 (0.06) PCB holes
IMX 7 Series
7 Watt DC-DC Converters


Similar Part No. - 110IMX7-05-05-9

ManufacturerPart #DatasheetDescription
logo
Power-One
110IMX7-05-05-8 POWER-ONE-110IMX7-05-05-8 Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
logo
Bel Fuse Inc.
110IMX7-05-05-8 BEL-110IMX7-05-05-8 Datasheet
480Kb / 14P
   7-Watt DC-DC Converters
More results

Similar Description - 110IMX7-05-05-9

ManufacturerPart #DatasheetDescription
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
logo
Bel Fuse Inc.
IMX7 BEL-IMX7 Datasheet
480Kb / 14P
   7-Watt DC-DC Converters
logo
Tumbler Technologies + ...
TSC2-2S053.3N TRUMPOWER-TSC2-2S053.3N Datasheet
27Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 2 Watt
TSC-1S053.3 TRUMPOWER-TSC-1S053.3 Datasheet
15Kb / 1P
   DC/DC CONVERTERS 7-Pin SIP, Regulated 1 Watt
logo
Astrodyne Corporation
ASD07 ASTRODYNE-ASD07 Datasheet
412Kb / 3P
   Isolated and Regulated 7 WATT Modular DC/DC Converters
logo
Power-One
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
logo
Tumbler Technologies + ...
TSC-3QS0505N TRUMPOWER-TSC-3QS0505N Datasheet
16Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 0.25 to 1 Watt
logo
Power-One
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com