Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3BP-10D-S9-LL-T Datasheet(PDF) 4 Page - Yamaichi Electronics Co., Ltd.

Part # P3BP-10D-S9-LL-T
Description  Power Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

P3BP-10D-S9-LL-T Datasheet(HTML) 4 Page - Yamaichi Electronics Co., Ltd.

  P3BP-10D-S9-LL-T Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. P3BP-10D-S9-LL-T Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. P3BP-10D-S9-LL-T Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. P3BP-10D-S9-LL-T Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. P3BP-10D-S9-LL-T Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
D-75
Internal
Connectors
Trading Division
Specifications
Insulation Resistance:
1,000M
Ω min.
Withstanding Voltage:
1,500V ACrms for 1 minute
Contact Resistance:
20m
Ω (single row)
10m
Ω (dual row)
Voltage Rating:
250V AC/DC
Current Rating:
5A AC/DC
Operating Temp. Range: –25°C to +105°C
Materials and Finish
Insulator:
Nylon66, UL94V-0 rated
Contact:
Phosphor Bronze, Tin Plated
Crimp Terminal: Phosphor Bronze, Tin Plated
Features
For wire-to-wire and wire-to-board applications
Fully insulated terminals
Low engagement terminals
Locking function
P3CP - 12
* - C1
-
LL - B
Series
Pin Count
S = Single Row (2 to 12)
D = Dual Row (2 to 24)
C1 = 180° Crimp
Plating: Mating / Termination Area
LL = Tin / Tin
B = Bulk Packaging
Series BoardFit3.0 - Power Connectors
180° Male Cable Power Connector 3.00mm Pitch(Single&DualRow)
Part Number (Details)
Outline Dimensions Crimp Contacts
P3CP-2S-C1-LL-B
2
3.00
6.85
P3CP-3S-C1-LL-B
3
6.00
9.85
P3CP-4S-C1-LL-B
4
9.00
12.85
P3CP-5S-C1-LL-B
5
12.00
15.85
P3CP-6S-C1-LL-B
6
15.00
18.85
P3CP-7S-C1-LL-B
7
18.00
21.85
P3CP-8S-C1-LL-B
8
21.00
24.85
P3CP-9S-C1-LL-B
9
24.00
27.85
P3CP-10S-C1-LL-B
10
27.00
30.85
P3CP-11S-C1-LL-B
11
30.00
33.85
P3CP-12S-C1-LL-B
12
33.00
36.85
Part Number
Pin Count
A
B
P3CP-Contact (wire gauge = AWG 20-24)
Outline Dimensions 180° Dual Row
Outline Dimensions 180° Single Row
Part Number for Crimp Contacts
Part Number
Pin Count
A
B
P3CP-2D-C1-LL-B
2
-
3.85
P3CP-4D-C1-LL-B
4
3.00
6.85
P3CP-6D-C1-LL-B
6
6.00
9.85
P3CP-8D-C1-LL-B
8
9.00
12.85
P3CP-10D-C1-LL-B
10
12.00
15.85
P3CP-12D-C1-LL-B
12
15.00
18.85
P3CP-14D-C1-LL-B
14
18.00
21.85
P3CP-16D-C1-LL-B
16
21.00
24.85
P3CP-18D-C1-LL-B
18
24.00
27.85
P3CP-20D-C1-LL-B
20
27.00
30.85
P3CP-22D-C1-LL-B
22
30.00
33.85
P3CP-24D-C1-LL-B
24
33.00
36.85
Single Row
Dual Row


Similar Part No. - P3BP-10D-S9-LL-T

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
P3B28HP2 SHINDENGEN-P3B28HP2 Datasheet
180Kb / 4P
   Power MOSFET
logo
Inchange Semiconductor ...
P3B28HP2 ISC-P3B28HP2 Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
logo
PEAK electronics GmbH
P3BU-0505E PEAK-P3BU-0505E Datasheet
234Kb / 2P
   P3BU-XXXXE 1KV ISOLATED 0,5W UNREGULATED SINGLE OUTPUT DIP8
P3BU-0505ELF PEAK-P3BU-0505ELF Datasheet
138Kb / 3P
   PMA-SERIES
P3BU-0509ELF PEAK-P3BU-0509ELF Datasheet
138Kb / 3P
   PMA-SERIES
More results

Similar Description - P3BP-10D-S9-LL-T

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
P4CP-3S-C1-LL-B YAMAICHI-P4CP-3S-C1-LL-B Datasheet
255Kb / 3P
   Power Connectors
logo
Lumberg
161409 LUMBERG-161409 Datasheet
311Kb / 3P
   Power supply connectors
161419 LUMBERG-161419 Datasheet
417Kb / 3P
   Power supply connectors
161421 LUMBERG-161421 Datasheet
382Kb / 3P
   Power supply connectors
163304 LUMBERG-163304 Datasheet
416Kb / 3P
   Power supply connectors
163401 LUMBERG-163401 Datasheet
826Kb / 3P
   Power supply connectors
163602 LUMBERG-163602 Datasheet
405Kb / 3P
   Power supply connectors
NESJ250 LUMBERG-NESJ250 Datasheet
363Kb / 3P
   Power supply connectors
NEB1R LUMBERG-NEB1R Datasheet
494Kb / 3P
   Power supply connectors
XNESJ210 LUMBERG-XNESJ210 Datasheet
469Kb / 3P
   Power supply connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com