Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS4601-7R Datasheet(PDF) 8 Page - Power-One

Part # LS4601-7R
Description  100 Watt AC-DC Converters with PFC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LS4601-7R Datasheet(HTML) 8 Page - Power-One

Back Button LS4601-7R Datasheet HTML 4Page - Power-One LS4601-7R Datasheet HTML 5Page - Power-One LS4601-7R Datasheet HTML 6Page - Power-One LS4601-7R Datasheet HTML 7Page - Power-One LS4601-7R Datasheet HTML 8Page - Power-One LS4601-7R Datasheet HTML 9Page - Power-One LS4601-7R Datasheet HTML 10Page - Power-One LS4601-7R Datasheet HTML 11Page - Power-One LS4601-7R Datasheet HTML 12Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Cassette Style
100 Watt AC-DC Converters
S Series PFC
Edition 01/01.2001
8/27
Table 4c: Output data double output modules
Output
LS 5320
LS 5540
(Outputs independently loaded) 1
12 V/12 V
15 V/15 V
Characteristics
Conditions
Output 1
Output 2
Output 1
Output 2
min
typ
max
min
typ
max
min
typ
max
min
typ
max
Unit
Uo
Output voltage
Ui nom, Io nom 2
11.93
12.07 11.82
12.18 14.91
15.09 14.78
15.23
V
Uop
Overvoltage protection
19
19
24
24
(supressor diode)
Io nom
Output current 3
Ui min...Ui max
4.0
4.0
3.2
3.2
A
TC min...TC max
IoL
Output current limit 4
Ui min...Ui max
4.2
4.2
3.4
3.4
uo 8
Output
Low frequency
Ui nom, Io nom
3333
mVpp
voltage
Switching freq.
IEC/EN 61204
12
12
10
10
noise
Total
BW = 20 MHz
80
40
100
40
DUo U Static line regulation
Ui min...Ui nom
±12
±12
±15
±15
mV
Ui nom...Ui max
Io nom
DUo I
Static load regulation
Ui nom, Io =48
5
60
5
(0.1...1)
Io nom 5
uo d 6
Dynamic Voltage
Ui nom, Io =
±100
±100
load
deviation
Io nom 1/2 Io nom
t d 6
regulat.
Recovery time
IEC/EN 61204
0.3
0.3
ms
aUo
Temperature coefficient
Ui min...Ui max
–1.5
–1.5
mV/K
of output voltage 7
0...
Io nom
Table 4d: Output data double output modules
Output
LS 5660
(Outputs independently loaded) 1
24 V/24 V
Characteristics
Conditions
Output 1
Output 2
min
typ
max
min
typ
max
Unit
Uo
Output voltage
Ui nom, Io nom 2
23.86
24.14 23.64
24.36
V
Uop
Overvoltage protection
37
37
(supressor diode)
Io nom
Output current 3
Ui min...Ui max
2.0
2.0
A
TC min...TC max
IoL
Output current limit 4
Ui min...Ui max
2.1
2.1
uo 8
Output
Low frequency
Ui nom, Io nom
33
mVpp
voltage
Switching freq.
IEC/EN 61204
10
10
noise
Total
BW = 20 MHz
100
40
DUo U
Static line regulation
Ui min...Ui nom,
±24
±24
mV
Ui nom...Ui max,
Io nom
DUo I
Static load regulation
Ui nom, Io =96
5
(0.1...1)
Io nom 5
uo d 6
Dynamic Voltage
Ui nom, Io =
±80
load
deviation
Io nom 1/2 Io nom
t d 6
regulat.
Recovery time
IEC/EN 61204
0.3
ms
aUo
Temperature coefficient
Ui min...Ui max
–0.5
mV/K
of output voltage 7
0...
Io nom
1 Depending upon the desired out-
put configuration the wiring should
be made as shown in:
R-Function
for different output configurations.
2 Same conditions for both outputs.
3 If the control voltages are in-
creased above
Uo nom via R-input
control, option Psetting, remote
sensing or option T, the output
currentsshould be reduced ac-
cordingly so that
Po nom is not ex-
ceeded.
4 See: Output Voltage Regulation of
Single or Double Output Modules
with Outputs 1 and 2 Connected
in Series.
5 Condition for specified output.
Other output loaded with constant
current
Io = Io nom. See: Output
voltage regulation of double out-
put units.
6 See: Typical dynamic load regula-
tion of Uo1 and Uo2.
7 Negative temperature coefficient
(0....–3 mV/cell and K) available
on request.
8 Measured according to IEC/EN
61204 sub clause 3.10 with a
probe acc. to annex A of the same
standards.


Similar Part No. - LS4601-7R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
LS4678 MCC-LS4678 Datasheet
203Kb / 5P
   500mW SiliconZener Diodes
LS4679 MCC-LS4679 Datasheet
203Kb / 5P
   500mW SiliconZener Diodes
LS4680 MCC-LS4680 Datasheet
203Kb / 5P
   500mW SiliconZener Diodes
LS4681 MCC-LS4681 Datasheet
203Kb / 5P
   500mW SiliconZener Diodes
LS4682 MCC-LS4682 Datasheet
203Kb / 5P
   500mW SiliconZener Diodes
More results

Similar Description - LS4601-7R

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CBM100S CINCON-CBM100S Datasheet
342Kb / 2P
   100 WATT AC-DC POWER SUPPLY WITH PFC
logo
Power-One
LS1001-7R POWER-ONE-LS1001-7R Datasheet
66Kb / 4P
   100 Watt AC-DC Converters
logo
Intronics Power, Inc.
AC100X INTRONICS-AC100X Datasheet
260Kb / 2P
   100 WATT OPEN FRAME AC-DC MODULES WITH PFC
logo
CINCON ELECTRONICS Corp...
CFM101S CINCON-CFM101S Datasheet
276Kb / 2P
   100 WATT OPEN FRAME AC-DC MODULES WITH PFC
logo
Intronics Power, Inc.
AC200X INTRONICS-AC200X Datasheet
567Kb / 3P
   200 WATT AC-DC OPEN FRAME WITH PFC
logo
CINCON ELECTRONICS Corp...
CFM200M CINCON-CFM200M Datasheet
461Kb / 3P
   200 WATT AC-DC POWER SUPPLY WITH PFC
logo
List of Unclassifed Man...
CFM361S ETC2-CFM361S Datasheet
362Kb / 3P
   360 WATT AC-DC POWER SUPPLY WITH PFC
logo
CINCON ELECTRONICS Corp...
CFM300M CINCON-CFM300M Datasheet
478Kb / 3P
   300 WATT AC-DC POWER SUPPLY WITH PFC
logo
List of Unclassifed Man...
CQB100-110S ETC2-CQB100-110S Datasheet
158Kb / 2P
   100 WATT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
CFM300S CINCON-CFM300S Datasheet
713Kb / 3P
   300 WATT AC-DC POWER SUPPLY WITH PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com