Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA006-7000-0 Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # FMA006-7000-0
Description  Card Reader (Removable Tray without Switch)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

FMA006-7000-0 Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  FMA006-7000-0 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Card
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Card
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Connectors
A-50
Specifications
Insulation Resistance:
500M
Ω min. at 500V DC
Withstanding Voltage:
250V ACrms for 1 minute
Contact Resistance:
100m
Ω max. at 10mA / 20mV max.
Current Rating:
0.5A
Voltage Rating.
5.0V AC rms
Operating Temp. Range:
-25
°C to +85°C
Mating Cycles:
5,000 insertions
Materials and Finish
Insulator:
LCP (black)
Contact Plating:
Phosphor Bronze, Gold over Nickel
Reinforce metal: SUS
Metal Cover:
SUS, Plating Gold over Nickel
Tray:
POM
Outline Connector Dimensions (top view)
FMS006
- 7000 -0
Part Number (Details)
Series No.
Design No.
Recommended PCB Layout (mounting side)
Series FMS
SIM Card Reader (Removable Tray without Switch)
Prohibited Area
Part Number Tray
Features
Removable Tray with spring-out stop feature
2 point contact, protection against electrical interruption
Added reinforce metal for improved stability and coplanarity
Packaging Card Reader: Tape and Reel (MOQ 1,200 pcs./reel)
Packaging for Trays: Tray
FMA006-7000 -0


Similar Part No. - FMA006-7000-0

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
FMA006-3900-0 YAMAICHI-FMA006-3900-0 Datasheet
206Kb / 1P
   SIM Card Tray connector, Top mount Super low profile H=1.42mm
More results

Similar Description - FMA006-7000-0

ManufacturerPart #DatasheetDescription
logo
FCI connector
VJW54076 FCI-CONNECTOR-VJW54076 Datasheet
117Kb / 1P
   CARD READER WITHOUT CARD
logo
Yamaichi Electronics Co...
FMS006-5000-0 YAMAICHI-FMS006-5000-0 Datasheet
111Kb / 1P
   SIM Card Reader (Manual, Std. Type without Switch)
logo
JDS Uniphase Corporatio...
OST-04XCC-LU1-ES JDSU-OST-04XCC-LU1-ES Datasheet
66Kb / 2P
   Optical Switch Tray
logo
Amphenol Corporation
101-00271-82 AMPHENOL-101-00271-82 Datasheet
148Kb / 1P
   SIM CARD READER 8PIN(PUCH/PCH)WITH SWITCH
logo
JDS Uniphase Corporatio...
OST-04X04-LP8-ES JDSU-OST-04X04-LP8-ES Datasheet
71Kb / 2P
   Multimode Optical Switch Tray
logo
Yamaichi Electronics Co...
FMS008-4000-T-EDC YAMAICHI-FMS008-4000-T-EDC Datasheet
139Kb / 1P
   8 Pin SIM Card Reader (Manual) with Separate Switch
FMS006-2320-0 YAMAICHI-FMS006-2320-0 Datasheet
112Kb / 1P
   SIM Card Reader (Push / Lock, Reversed w/o Switch)
FMS008-6001-0 YAMAICHI-FMS008-6001-0 Datasheet
325Kb / 1P
   8 Pin SIM Card Reader (Push / Push with Switch)
logo
FCI connector
7111S2015X0X FCI-CONNECTOR-7111S2015X0X Datasheet
214Kb / 2P
   SIM CARD READER
logo
Yamaichi Electronics Co...
FMS006-3000-1 YAMAICHI-FMS006-3000-1 Datasheet
135Kb / 2P
   SIM Card Reader
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com