Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3318EIPW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3318EIPW
Description  2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX3318EIPW Datasheet(HTML) 10 Page - Texas Instruments

Back Button MAX3318EIPW Datasheet HTML 6Page - Texas Instruments MAX3318EIPW Datasheet HTML 7Page - Texas Instruments MAX3318EIPW Datasheet HTML 8Page - Texas Instruments MAX3318EIPW Datasheet HTML 9Page - Texas Instruments MAX3318EIPW Datasheet HTML 10Page - Texas Instruments MAX3318EIPW Datasheet HTML 11Page - Texas Instruments MAX3318EIPW Datasheet HTML 12Page - Texas Instruments MAX3318EIPW Datasheet HTML 13Page - Texas Instruments MAX3318EIPW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
www.ti.com
Auto-Power-Down Plus Section Electrical Characteristics
Auto-Power-Down Plus Section Switching Characteristics
MAX3318E
2.5-V 460-kbps RS-232 TRANSCEIVER
WITH
±15-kV ESD PROTECTION
SLLS741 – JUNE 2006
over recommended ranges of supply voltage and operating free-air temperature,
V
CC = 2.25 V to 3 V, C1–C4 = 0.1 µF, TA = TMIN to TMAX (unless otherwise noted) (see Figure 4)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Positive threshold
2.7
Receiver input threshold to INVALID high
V
Negative threshold
–2.7
Receiver input threshold INVALID low
–0.3
0.3
V
INVALID, READY voltage low
IOUT = 0.5 mA
0.1
× V
CC
V
INVALID, READY voltage high
IOUT = –0.5 mA
0.8
× V
CC
V
over recommended ranges of supply voltage and operating free-air temperature,
V
CC = 2.25 V to 3 V, C1–C4 = 0.1 µF, TA = TMIN to TMAX (unless otherwise noted) (see Figure 4)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tINVH
Receiver positive or negative threshold to INVALID high
VCC = 2.5 V
1
µs
tINVL
Receiver positive or negative threshold to INVALID low
VCC = 2.5 V
30
µs
tWU
Receiver or driver edge to driver enabled
VCC = 2.5 V
100
µs
tAUTOPRDN
Receiver or driver edge to driver shutdown
VCC = 2.5 V
15
30
60
s
(1)
Typical values are at VCC = 2.5 V, TA = 25°C.
10
Submit Documentation Feedback


Similar Part No. - MAX3318EIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3318EIPW TI-MAX3318EIPW Datasheet
166Kb / 18P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318EIPWG4 TI-MAX3318EIPWG4 Datasheet
166Kb / 18P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318EIPWR TI-MAX3318EIPWR Datasheet
166Kb / 18P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318EIPWRG4 TI-MAX3318EIPWRG4 Datasheet
166Kb / 18P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
More results

Similar Description - MAX3318EIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3318 TI-TRS3318 Datasheet
342Kb / 17P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318E TI-MAX3318E Datasheet
166Kb / 18P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318E TI-TRS3318E_10 Datasheet
319Kb / 19P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318E TI-TRS3318E Datasheet
313Kb / 19P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318 TI-MAX3318 Datasheet
178Kb / 18P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318 TI-TRS3318_08 Datasheet
382Kb / 17P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
logo
STMicroelectronics
ST3241EB STMICROELECTRONICS-ST3241EB_07 Datasheet
654Kb / 15P
   짹15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
ST3241EB STMICROELECTRONICS-ST3241EB_10 Datasheet
274Kb / 13P
   짹15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
logo
Texas Instruments
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS208 TI-TRS208 Datasheet
456Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com