Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBS-14-T1-LL-1 Datasheet(PDF) 3 Page - Yamaichi Electronics Co., Ltd.

Part # MBS-14-T1-LL-1
Description  MatchCon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

MBS-14-T1-LL-1 Datasheet(HTML) 3 Page - Yamaichi Electronics Co., Ltd.

  MBS-14-T1-LL-1 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. MBS-14-T1-LL-1 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. MBS-14-T1-LL-1 Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. MBS-14-T1-LL-1 Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. MBS-14-T1-LL-1 Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd. MBS-14-T1-LL-1 Datasheet HTML 6Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Internal
Connectors
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
D-52
Trading Division
MBP-6-T1-LL-0
6
9.74
5.08
MBP-8-T1-LL-0
8
12.28
7.62
MBP-10-T1-LL-0
10
14.82
10.16
MBP-12-T1-LL-0
12
17.36
12.70
MBP-14-T1-LL-0
14
19.90
15.24
MBP-16-T1-LL-0
16
22.44
17.78
Part Number
Pin Count
A
B
Standard Types
MBP-4-T1-LL-0
4
7.20
2.54
MBP-18-T1-LL-0
18
24.98
20.32
MBP-20-T1-LL-0
20
27.52
22.86
MBP-22-T1-LL-0
22
30.06
25.40
MBP-24-T1-LL-0
24
32.60
27.94
MBP-26-ST1-LL-0*
26
35.14
30.48
Part Number
Pin Count
A
B
For the following pin counts are available on request, please contact Yamaichi
Series MatchCon
180° Male Box Header, (1.27mm Pitch) TH
Specifications
Insulation Resistance:
1,000M
Ω min.
Withstanding Voltage:
500V ACrms for 1 minute
Contact Resistance:
20m
Ω max.
Current Rating:
1.0A AC/DC
Voltage Rating:
30V AC/DC
Operating Temp. Range: –40°C to +105°C
Materials and Finish
Insulator: High Temperature Plastic UL94V-0
Contacts: Phosphor Bronze
Plating:
Tin over Nickel (matt finish)
Features
1.27mm staggered centre line
Additional positioning spring absorbs relative movements
Air tight connection
Outline Dimensions 180°
Series (male)
Pin Count
Termination Type:
T1 = TH (180° )
Plating: Mating / Termination Area
LL = Tin / Tin
0 = Without Locking
MBP
- 16 - T1 - LL - 0
Part Number (Details)
PCB Layout


Similar Part No. - MBS-14-T1-LL-1

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBS-1 MCC-MBS-1 Datasheet
117Kb / 3P
   0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com