Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZP4-130-08-G2 Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # ZP4-130-08-G2
Description  Header for SMT (Various Heights)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

ZP4-130-08-G2 Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  ZP4-130-08-G2 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. ZP4-130-08-G2 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Internal
Connectors
Trading Division
Part Number
Dim. H
Available Pin Counts
Specifications
Voltage Rating:
150V AC
Current Rating:
1.5A
Operating Temp. Range:
–40°C to +105°C
Withstanding Voltage:
500V for 1 minute
Soldering Temp.:
220°C min. / 60 sec., 250°C peak
Materials and Finish
Housing
UL 94V-0 listed
Terminals:
Brass
Contact Plating: Gold over Nickel
Features
Pin count from 8 to 60
Outline Connector Dimensions
Series No.
Plastic Height (see table)
No. of Contact Pins (8 to 60)
Mating Face Plating:
G2 = Gold Flash
Recommended PCB Layout
Top View
Part Numbers for Plastic Heights and Available Corresponding Pin Counts
Part Number (Details)
ZP4
- *** - ** - G2
ZP4-080-**-G2
1.5
8, 10, 12, 14, 16, 18, 20, 22, 24, 26, 30, 32, 40, 50, 60
ZP4-085-**-G2
2.0
8, 12, 16, 32, 36
ZP4-090-**-G2
2.5
8, 12
ZP4-095-**-G2
3.0
4, 12, 14, 16, 36, 44
ZP4-100-**-G2
3.5
8, 24
ZP4-105-**-G2
4.0
8, 10, 12, 16, 26, 34
ZP4-110-**-G2
4.5
16, 18, 24, 30, 50, 60
ZP4-115-**-G2
5.0
8, 12, 20, 28, 30, 34, 50, 60
ZP4-120-**-G2
5.5
12, 20, 30
ZP4-125-**-G2
6.0
10
ZP4-130-**-G2
6.5
4, 8, 10, 20
ZP4-135-**-G2
7.0
24, 36
ZP4-140-**-G2
7.5
26
ZP4-145-**-G2
8.0
8,40, 50
ZP4-150-**-G2
8.5
14
ZP4-155-**-G2
9.0
20
ZP4-160-**-G2
9.5
14, 16, 20
ZP4-165-**-G2
10.0
10, 16, 30, 40
ZP4-170-**-G2
10.5
30
ZP4-175-**-G2
11.0
8, 12, 16, 20, 44
Series ZP4
Header for SMT (Various Heights)
Part Number
Dim. H
Available Pin Counts
ZP4-***-08-G2
8.0
6.0
4.0
ZP4-***-10-G2
10.0
8.0
6.0
ZP4-***-12-G2
12.0
10.0
8.0
ZP4-***-14-G2
14.0
12.0
10.0
ZP4-***-16-G2
16.0
14.0
12.0
ZP4-***-18-G2
18.0
16.0
14.0
ZP4-***-20-G2
20.0
18.0
16.0
ZP4-***-22-G2
22.0
20.0
18.0
ZP4-***-24-G2
24.0
22.0
20.0
ZP4-***-26-G2
26.0
24.0
22.0
ZP4-***-28-G2
28.0
26.0
24.0
ZP4-***-30-G2
30.0
28.0
26.0
ZP4-***-32-G2
32.0
30.0
28.0
ZP4-***-34-G2
34.0
32.0
30.0
ZP4-***-36-G2
36.0
34.0
32.0
ZP4-***-38-G2
38.0
36.0
34.0
ZP4-***-40-G2
40.0
38.0
36.0
ZP4-***-42-G2
42.0
40.0
38.0
ZP4-***-44-G2
44.0
42.0
40.0
ZP4-***-46-G2
46.0
44.0
42.0
ZP4-***-48-G2
48.0
46.0
44.0
ZP4-***-50-G2
50.0
48.0
46.0
ZP4-***-52-G2
52.0
50.0
48.0
ZP4-***-54-G2
54.0
52.0
50.0
ZP4-***-56-G2
56.0
54.0
52.0
ZP4-***-58-G2
58.0
56.0
54.0
ZP4-***-60-G2
60.0
58.0
56.0
Dimensional Information
Part Number
Dim. A
Dim.B
Dim. C


Similar Part No. - ZP4-130-08-G2

ManufacturerPart #DatasheetDescription
logo
ZHEJIANG HUAJING RECTIF...
ZP4000A HUAJING-ZP4000A Datasheet
264Kb / 3P
   Rectifier Diode
logo
Shenzhen Luguang Electr...
ZP4000A LUGUANG-ZP4000A Datasheet
2Mb / 2P
   Rectifier Diodes
logo
List of Unclassifed Man...
ZP4000A ETC-ZP4000A Datasheet
98Kb / 1P
   ZP series silicon rectifier
logo
ZHEJIANG HUAJING RECTIF...
ZP400A HUAJING-ZP400A Datasheet
261Kb / 3P
   Rectifier Diode
logo
Shenzhen Luguang Electr...
ZP4200A LUGUANG-ZP4200A Datasheet
2Mb / 2P
   Rectifier Diodes
More results

Similar Description - ZP4-130-08-G2

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
200109MA SUYIN-USA-200109MA Datasheet
259Kb / 2P
   2.0mm DUAL ROW HEADER OF VARIOUS HEIGHTS S.M.D. TYPE
12717MA SUYIN-USA-12717MA Datasheet
249Kb / 2P
   1.27X1.27mm DUAL ROW BOX HEADER OF VARIOUS HEIGHTS FOR BOARD TO BOARD S.M.D. SERIES
logo
Dialight Corporation
561-XX0X-XXX DIALIGHT-561-XX0X-XXX Datasheet
80Kb / 11P
   5mm LED CBI Circuit Board Indicator Vertical, Various Heights
logo
Sanyo Semicon Device
2SB1126 SANYO-2SB1126 Datasheet
81Kb / 3P
   For Various Drivers
2SB880 SANYO-2SB880 Datasheet
119Kb / 4P
   For Various Drivers
logo
ON Semiconductor
2SB1126 ONSEMI-2SB1126 Datasheet
122Kb / 4P
   For Various Drivers
Jan-2011, Rev. 0
logo
Infineon Technologies A...
2PS12017E44G35911 INFINEON-2PS12017E44G35911 Datasheet
683Kb / 8P
   Stacks for various inverter application.
2016-02-09 revision:2.0
logo
New Jersey Semi-Conduct...
2N4381 NJSEMI-2N4381 Datasheet
92Kb / 1P
   VARIOUS
logo
Panasonic Semiconductor
DS1E-S-DC3V PANASONIC-DS1E-S-DC3V Datasheet
92Kb / 6P
   High Reliability Relay for Various Applications
logo
SUYIN USA, INC.
12713MS SUYIN-USA-12713MS Datasheet
235Kb / 2P
   1.27X1.27mm DUAL ROW BOX HEADER OF VARIOUS HEIGHT FOR BOARD TO BOARD SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com