Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ78PL114RGZT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ78PL114RGZT
Description  PowerLAN??Master Gateway Battery Management Controller With PowerPump??Cell Balancing Technology
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ78PL114RGZT Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ78PL114RGZT Datasheet HTML 3Page - Texas Instruments BQ78PL114RGZT Datasheet HTML 4Page - Texas Instruments BQ78PL114RGZT Datasheet HTML 5Page - Texas Instruments BQ78PL114RGZT Datasheet HTML 6Page - Texas Instruments BQ78PL114RGZT Datasheet HTML 7Page - Texas Instruments BQ78PL114RGZT Datasheet HTML 8Page - Texas Instruments BQ78PL114RGZT Datasheet HTML 9Page - Texas Instruments BQ78PL114RGZT Datasheet HTML 10Page - Texas Instruments BQ78PL114RGZT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
AVAILABLE OPTIONS
P0023-16
bq78PL114
RGZPackage
(TopView)
CHG
DSG
PRE
EFCIC
EFCID
CCBAT
CCPACK
VLDO1
CSBAT
CSPACK
OSCI
OSCO
1
2
3
4
5
6
7
8
9
10
11
12
LED5
LED4
LED3
LED2
LED1
LEDEN
SPROT
NC
NC
NC
NC
RSTN
36
35
34
33
32
31
30
29
28
27
26
25
ThermalPad
bq78PL114
www.ti.com................................................................................................................................................ SLUS850B – SEPTEMBER 2008 – REVISED APRIL 2009
ORDERING INFORMATION
Package
Temperature
Quantity,
Product
Cell Configuration(1)
Package
Ordering Number
Designator
Range
Transport Media
bq78PL114RGZT
250, tape and reel
QFN-48, 7-mm
bq78PL114
3 to 8 series cells
RGZ
–40°C to 85°C
× 7-mm
bq78PL114RGZR
2500, tape and reel
bq78PL114S
Firmware download
3 to 12 series cells
N/A
N/A
N/A
N/A
12
and upgrade
(1)
For configurations consisting of more than four series cells, additional bq76PL102 parts must be used.
Figure 5. bq78PL114 Pinout
bq78PL114 TERMINAL FUNCTIONS
NAME
NO.
TYPE(1)
DESCRIPTION
CCBAT
6
IA
Coulomb counter input (sense resistor), connect to battery negative
CCPACK
7
IA
Coulomb counter input (sense resistor), connect to pack negative
CHG
1
O
Charge MOSFET control (active-high, low opens MOSFET)
CSBAT
9
IA
Current sense input (safety), connect to battery negative
CSPACK
10
IA
Current sense input (safety), connect to pack negative
DSG
2
O
Discharge MOSFET control (active-high, low opens MOSFET)
EFCIC
4
I
External charge MOSFET control input
(1)
I – input, IA – analog input, O – output, OA – analog output, P – power
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): bq78PL114


Similar Part No. - BQ78PL114RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78PL114RGZT TI-BQ78PL114RGZT Datasheet
451Kb / 22P
[Old version datasheet]   PowerLATM Master Gateway Battery Management Controller With PowerPumTM Cell Balancing Technology
More results

Similar Description - BQ78PL114RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78PL114 TI-BQ78PL114 Datasheet
451Kb / 22P
[Old version datasheet]   PowerLATM Master Gateway Battery Management Controller With PowerPumTM Cell Balancing Technology
BQ78PL116 TI-BQ78PL116 Datasheet
456Kb / 34P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller
BQ78PL116 TI1-BQ78PL116_15 Datasheet
1,010Kb / 37P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller
BQ76PL102 TI-BQ76PL102 Datasheet
979Kb / 18P
[Old version datasheet]   PowerLAN Dual-Cell Li-Ion Battery Monitor With PowerPump Cell Balancing
BQ6400 TI-BQ6400 Datasheet
282Kb / 17P
[Old version datasheet]   Single Chip 3 or 4 Cell Li-Ion Battery Management Controller With PowerPump??Cell Balancing Technology
logo
NXP Semiconductors
MC33665A NXP-MC33665A Datasheet
136Kb / 9P
   Battery management communication gateway
Rev. 3 - 29 July 2022
logo
Aeroflex Circuit Techno...
BEU8635-24 AEROFLEX-BEU8635-24 Datasheet
212Kb / 8P
   Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-08 AEROFLEX-BEU8635-08 Datasheet
211Kb / 8P
   Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-12 AEROFLEX-BEU8635-12 Datasheet
212Kb / 8P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry
logo
Analog Devices
AD7280A AD-AD7280A Datasheet
870Kb / 48P
   Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com