Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ78PL114RGZT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ78PL114RGZT
Description  PowerLAN??Master Gateway Battery Management Controller With PowerPump??Cell Balancing Technology
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ78PL114RGZT Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ78PL114RGZT Datasheet HTML 4Page - Texas Instruments BQ78PL114RGZT Datasheet HTML 5Page - Texas Instruments BQ78PL114RGZT Datasheet HTML 6Page - Texas Instruments BQ78PL114RGZT Datasheet HTML 7Page - Texas Instruments BQ78PL114RGZT Datasheet HTML 8Page - Texas Instruments BQ78PL114RGZT Datasheet HTML 9Page - Texas Instruments BQ78PL114RGZT Datasheet HTML 10Page - Texas Instruments BQ78PL114RGZT Datasheet HTML 11Page - Texas Instruments BQ78PL114RGZT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
bq78PL114
SLUS850B – SEPTEMBER 2008 – REVISED APRIL 2009................................................................................................................................................ www.ti.com
bq78PL114 TERMINAL FUNCTIONS (continued)
NAME
NO.
TYPE(1)
DESCRIPTION
EFCID
5
I
External discharge MOSFET control input
LED1
32
O
LED1 – open-drain, active-low
LED2
33
O
LED2 – open-drain, active-low
LED3
34
O
LED3 – open-drain, active-low
LED4
35
O
LED4 – open-drain, active-low
LED5
36
O
LED5 – open-drain, active-low
LEDEN
31
IO
LEDEN – common-anode drive (active-low) and pushbutton input
NC
26
IO
Connect 1-M
Ω resistor to VSS
NC
27
I
Connect 1-M
Ω resistor to VSS
NC
28, 29
O
No connect
OSCI
11
I
External oscillator input (no connect, internal oscillator used)
OSCO
12
O
External oscillator output (no connect, internal oscillator used)
P1N
15
O
Charge-balance gate drive, cell 1 north
P2S
16
O
Charge-balance gate drive, cell 2 south
P2N
17
O
Charge-balance gate drive, cell 2 north
P3N
21
O
Charge-balance gate drive, cell 3 north
P3S
20
O
Charge-balance gate drive, cell 3 south
P4N
23
O
Charge-balance gate drive, cell 4 north
P4S
22
O
Charge-balance gate drive, cell 4 south
P-LAN
24
IO
PowerLAN I/O to external bq76PL102 nodes
PRE
3
O
Precharge MOSFET control (active-high)
RSTN
25
I
Device reset, active-low
SDI1
14
I
Connect to SDO0 via a capacitor
SDI3
19
I
Internal PowerLAN connection – connect to SDO2 through a 0.01-
µF capacitor
SDO0
13
O
Requires 100-k
Ω pullup resistor to VLDO1
SDO2
18
O
Internal PowerLAN connection – connect to SDI3 through a 0.01-
µF capacitor
SMBCLK
37
IO
SMBus clock signal
SMBDAT
38
IO
SMBus data signal
SPROT
30
O
Secondary protection output, active-high (FUSE)
V1
47
IA
Cell-1 positive input
V2
44
IA
Cell-2 positive input
V3
42
IA
Cell-3 positive input
V4
39
IA
Cell-4 positive input
VLDO1
8
P
Internal LDO-1 output, bypass with 10-
µF capacitor to VSS
VLDO2
43
P
Internal LDO-2 output, bypass with 10-
µF capacitor to V2
VSS
48
IA
Cell-1 negative input
XT1
46
IA
External temperature-sensor-1 input
XT2
45
IA
External temperature-sensor-2 input
XT3
41
IA
External temperature-sensor-3 input
XT4
40
IA
External temperature-sensor-4 input
P
Thermal pad. Connect to VSS
8
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): bq78PL114


Similar Part No. - BQ78PL114RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78PL114RGZT TI-BQ78PL114RGZT Datasheet
451Kb / 22P
[Old version datasheet]   PowerLATM Master Gateway Battery Management Controller With PowerPumTM Cell Balancing Technology
More results

Similar Description - BQ78PL114RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78PL114 TI-BQ78PL114 Datasheet
451Kb / 22P
[Old version datasheet]   PowerLATM Master Gateway Battery Management Controller With PowerPumTM Cell Balancing Technology
BQ78PL116 TI-BQ78PL116 Datasheet
456Kb / 34P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller
BQ78PL116 TI1-BQ78PL116_15 Datasheet
1,010Kb / 37P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller
BQ76PL102 TI-BQ76PL102 Datasheet
979Kb / 18P
[Old version datasheet]   PowerLAN Dual-Cell Li-Ion Battery Monitor With PowerPump Cell Balancing
BQ6400 TI-BQ6400 Datasheet
282Kb / 17P
[Old version datasheet]   Single Chip 3 or 4 Cell Li-Ion Battery Management Controller With PowerPump??Cell Balancing Technology
logo
NXP Semiconductors
MC33665A NXP-MC33665A Datasheet
136Kb / 9P
   Battery management communication gateway
Rev. 3 - 29 July 2022
logo
Aeroflex Circuit Techno...
BEU8635-24 AEROFLEX-BEU8635-24 Datasheet
212Kb / 8P
   Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-08 AEROFLEX-BEU8635-08 Datasheet
211Kb / 8P
   Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-12 AEROFLEX-BEU8635-12 Datasheet
212Kb / 8P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry
logo
Analog Devices
AD7280A AD-AD7280A Datasheet
870Kb / 48P
   Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com