Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCM61001 Datasheet(PDF) 5 Page - Texas Instruments

Part # CDCM61001
Description  One Output, Integrated VCO, Low-Jitter Clock Generator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM61001 Datasheet(HTML) 5 Page - Texas Instruments

  CDCM61001_10 Datasheet HTML 1Page - Texas Instruments CDCM61001_10 Datasheet HTML 2Page - Texas Instruments CDCM61001_10 Datasheet HTML 3Page - Texas Instruments CDCM61001_10 Datasheet HTML 4Page - Texas Instruments CDCM61001_10 Datasheet HTML 5Page - Texas Instruments CDCM61001_10 Datasheet HTML 6Page - Texas Instruments CDCM61001_10 Datasheet HTML 7Page - Texas Instruments CDCM61001_10 Datasheet HTML 8Page - Texas Instruments CDCM61001_10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
CDCM61001
www.ti.com
SCAS869C – FEBRUARY 2009 – REVISED FEBRUARY 2010
ELECTRICAL CHARACTERISTICS
At VCC = 3 V to 3.6 V, TA = –40°C to +85°C, unless otherwise noted.
CDCM61001
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LVCMOS Input Characteristics
VIH
Input high voltage
0.6VCC
V
VIL
Input low voltage
0.4VCC
V
IIH
Input high current
VCC = 3.6 V, VIL = 0 V
200
mA
IIL
Input low current
VCC = 3 V, VIH = 3.6 V
–200
mA
LVCMOS Output Characteristics(1) (See Figure 9 and Figure 10)
fOSC_OUT
Bypass output frequency
21.875
28.47
MHz
fOUT
Output frequency
43.75
250
MHz
VCC
VOH
Output high voltage
VCC = min to max, IOH = –100 mA
V
–0.5
VOL
Output low voltage
VCC = min to max, IOL = 100 mA
0.3
V
ps,
tRJIT
RMS phase jitter
250 MHz (10 kHz to 20 MHz)
0.85
RMS
tSLEW-RATE
Output rise/fall slew rate
20% to 80%
2.4
V/ns
ODC
Output duty cycle
45
55
%
ICC,
Device current, LVCMOS
fIN = 25 MHz, fOUT = 250 MHz, CL = 5 pF
95
110
mA
LVCMOS
LVPECL Output Characteristics(2) (See Figure 11 and Figure 12)
fOUT
Output frequency
43.75
683.264
MHz
VCC
VCC
VOH
Output high voltage
V
–1.18
–0.73
VCC
VOL
Output low voltage
VCC –2
V
–1.55
|VOD|
Differential output voltage
0.6
1.23
V
ps,
tRJIT
RMS phase jitter
625 MHz (10 kHz to 20 MHz)
0.77
RMS
tR/tF
Output rise/fall time
20% to 80%
175
ps
ODC
Output duty cycle
45
55
%
ICC,
Device current, LVPECL
fIN = 25 MHz, fOUT = 625 MHz
100
115
mA
LVPECL
LVDS Output Characteristics(3) (See Figure 13 and Figure 14)
fOUT
Output frequency
43.75
683.264
MHz
|VOD|
Differential output voltage
0.247
0.454
V
ΔVOD
VDD magnitude change
50
mV
VOS
Common-mode voltage
1.125
1.375
V
ΔVOS
VOS magnitude change
50
mV
ps,
tRJIT
RMS phase jitter
625 MHz (10 kHz to 20 MHz)
0.73
RMS
tR/tF
Output rise/fall time
20% to 80%
255
ps
ODC
Output duty cycle
45
55
%
ICC, LVDS
Device current, LVDS
fIN = 25 MHz, fOUT = 625 MHz
90
105
mA
(1)
Figure 9 and Figure 10 show dc and ac test setups, respectively. Jitter measurements made using 25-MHz quartz crystal in.
(2)
Figure 11 and Figure 12 show dc and ac test setups, respectively. Jitter measurements made using 25-MHz quartz crystal in.
(3)
Figure 13 and Figure 14 show dc and ac test setups, respectively. Jitter measurements made using 25-MHz quartz crystal in.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): CDCM61001


Similar Part No. - CDCM61001_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM61001 TI1-CDCM61001_12 Datasheet
787Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_17 Datasheet
953Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
More results

Similar Description - CDCM61001_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM61001 TI1-CDCM61001_12 Datasheet
787Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI-CDCM61001 Datasheet
857Kb / 33P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_17 Datasheet
953Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM6100XEVM TI1-CDCM6100XEVM Datasheet
735Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002 Datasheet
865Kb / 34P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002_10 Datasheet
711Kb / 35P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004_101 TI-CDCM61004_101 Datasheet
714Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004 Datasheet
867Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004_10 Datasheet
790Kb / 34P
[Old version datasheet]   Four Output, Integrated VCO, Low-jitter Clock Generator
CDCM61004 TI1-CDCM61004_17 Datasheet
1Mb / 39P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com