Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFC500-1028 Datasheet(PDF) 3 Page - Power-One

Part # PFC500-1028
Description  PerFormanCe POWER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PFC500-1028 Datasheet(HTML) 3 Page - Power-One

  PFC500-1028 Datasheet HTML 1Page - Power-One PFC500-1028 Datasheet HTML 2Page - Power-One PFC500-1028 Datasheet HTML 3Page - Power-One PFC500-1028 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
PerFormanCe POWER PFC500
ENVIRONMENTAL SPECIFICATIONS
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Altitude
Operating.
10k
ASL Ft.
Non-Operating.
40k
ASL Ft.
Operating Temperature
At 100% load
0
50
°C
Derate linearly above 50°C by 2.5% per °C.
At 50% load
0
70
°C
Storage Temperature
-55
85
°C
Forced Air Cooling
Forced air cooling of 300 LFM is required if the internal fan is not specified.
Cooling air velocity is measured 1/4" above, at the middle of the chassis.
Airflow direction is from the input section to the output section.
Temperature Coefficient
0°C to 70°C (after 15 minute warm-up).
±0.02
±0.05
%/°C
Relative Humidity
Non-Condensing.
5
95
%RH
Shock
Operating: 10±3mSec, 3 axis, Half Sine.
20
G
Non-operating: 10±3mSec, 3 axis, Half Sine.
40
Vibration
Operating:
5-32Hz
0.02
in (DA)
32-2000Hz Sinusoidal
1
GPK
Non-operating:
6.15
GRMS
OPTIONS
DESCRIPTION
NOTES
SIZE IMPACT
Isolation Diodes
Add “D” as a suffix to the model number to order factory installed isolation diodes
N/A
for parallel or redundant operation.
Fan
Add “F” as a suffix to the model number to order integral fan.
10.50" x 5.00" x 2.50"
(provides required 300 LFM of forced air cooling).
(266.7mm x 127.0mm x 63.5mm)
Metric Mounting
Add “M” as a suffix to the model number to order chassis with
N/A
M4 x 0.7 mounting inserts.
www.power-one.com
www.power-one.com
For the Most Up-To-Date Information
24 Hours/Day—7 Days/Week
NUCLEAR AND MEDICAL APPLICATIONS Power-One products are not authorized for use as critical components in life support systems, equipment used in hazardous environments,
or nuclear control systems without the express written consent of the President of Power-One, Inc.
TECHNICAL REVISIONS The appearance of products, including safety agency certifications pictured on labels, may change depending on the date manufactured. Specifications are
subject to change without notice.


Similar Part No. - PFC500-1028

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
PFC500-1028G BEL-PFC500-1028G Datasheet
823Kb / 5P
   Power Factor Correction meets EN61000-3-2 (AC input versions)
More results

Similar Description - PFC500-1028

ManufacturerPart #DatasheetDescription
logo
Power-One
PFC250 POWER-ONE-PFC250 Datasheet
266Kb / 4P
   PerFormanCe POWER
PFC375 POWER-ONE-PFC375 Datasheet
220Kb / 4P
   PerFormanCe POWER
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
List of Unclassifed Man...
MX-PS5000 ETC-MX-PS5000 Datasheet
2Mb / 21P
   Power. Precision. Performance.
logo
Laird Tech Smart Techno...
FGM LSTD-FGM Datasheet
135Kb / 2P
   High power performance
MCS LSTD-MCS Datasheet
200Kb / 2P
   High power performance
logo
Seme LAB
SML50HB06 SEME-LAB-SML50HB06 Datasheet
617Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML75HB06 SEME-LAB-SML75HB06 Datasheet
641Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
logo
Guangdong Kexin Industr...
FMMT495 KEXIN-FMMT495 Datasheet
36Kb / 2P
   Power High Performance Transistor
logo
Seme LAB
SML300HB12GG SEME-LAB-SML300HB12GG Datasheet
239Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com