Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74CB3Q3384ADBQRE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74CB3Q3384ADBQRE4
Description  10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74CB3Q3384ADBQRE4 Datasheet(HTML) 1 Page - Texas Instruments

  74CB3Q3384ADBQRE4 Datasheet HTML 1Page - Texas Instruments 74CB3Q3384ADBQRE4 Datasheet HTML 2Page - Texas Instruments 74CB3Q3384ADBQRE4 Datasheet HTML 3Page - Texas Instruments 74CB3Q3384ADBQRE4 Datasheet HTML 4Page - Texas Instruments 74CB3Q3384ADBQRE4 Datasheet HTML 5Page - Texas Instruments 74CB3Q3384ADBQRE4 Datasheet HTML 6Page - Texas Instruments 74CB3Q3384ADBQRE4 Datasheet HTML 7Page - Texas Instruments 74CB3Q3384ADBQRE4 Datasheet HTML 8Page - Texas Instruments 74CB3Q3384ADBQRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
DBQ, DGV, OR PW PACKAGE
(TOP VIEW)
1OE
1B1
1A1
1A2
1B2
1B3
1A3
1A4
1B4
1B5
1A5
GND
VCC
2B5
2A5
2A4
2B4
2B3
2A3
2A2
2B2
2B1
2A1
2OE
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
DESCRIPTION/ORDERING INFORMATION
SN74CB3Q3384A
10-BIT FET BUS SWITCH
2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SCDS114D – DECEMBER 2002 – REVISED JUNE 2005
Data and Control Inputs Provide Undershoot
Clamp Diodes
High-Bandwidth Data Path (up to 500 MHz (1))
Low Power Consumption (ICC = 1 mA Typ)
5-V Tolerant I/Os With Device Powered Up or
Powered Down
VCC Operating Range From 2.3 V to 3.6 V
Low and Flat ON-State Resistance
Data I/Os Support 0- to 5-V Signaling Levels
(r
on) Characteristics Over Operating Range
(0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V, 5 V)
(r
on = 3 Ω Typ)
Control Inputs Can Be Driven by TTL or
Rail-to-Rail Switching on Data I/O Ports
5-V/3.3-V CMOS Outputs
– 0- to 5-V Switching With 3.3-V V
CC
Ioff Supports Partial-Power-Down Mode
Operation
– 0- to 3.3-V Switching With 2.5-V V
CC
Latch-Up Performance Exceeds 100 mA Per
Bidirectional Data Flow With Near-Zero
JESD 78, Class II
Propagation Delay
ESD Performance Tested Per JESD 22
Low Input/Output Capacitance Minimizes
– 2000-V Human-Body Model
Loading and Signal Distortion
(A114-B, Class II)
(Cio(OFF) = 4 pF Typ)
– 1000-V Charged-Device Model (C101)
Fast Switching Frequency (fOE = 20 MHz Max)
Supports Both Digital and Analog
(1)
For additional information regarding the performance
Applications: PCI Interface, Differential Signal
characteristics of the CB3Q family, refer to the TI application
Interface, Memory Interleaving, Bus Isolation,
report, CBT-C, CB3T, and CB3Q Signal-Switch Families,
literature number SCDA008.
Low-Distortion Signal Gating
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QSOP – DBQ
Tape and reel
SN74CB3Q3384ADBQR
CB3Q3384A
Tube
SN74CB3Q3384APW
–40
°C to 85°C
TSSOP – PW
BU384A
Tape and reel
SN74CB3Q3384APWR
TVSOP – DGV
Tape and reel
SN74CB3Q3384ADGVR
BU384A
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - 74CB3Q3384ADBQRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74CB3Q3384ADBQRE4 TI-74CB3Q3384ADBQRE4 Datasheet
428Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results

Similar Description - 74CB3Q3384ADBQRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3384A TI-SN74CB3Q3384A_2 Datasheet
428Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3244 TI1-SN74CB3Q3244_15 Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3245 TI-SN74CB3Q3245_05 Datasheet
823Kb / 20P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q16244 TI-SN74CB3Q16244_09 Datasheet
358Kb / 15P
[Old version datasheet]   16-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3345 TI1-SN74CB3Q3345_15 Datasheet
1,012Kb / 19P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q16244 TI-SN74CB3Q16244 Datasheet
181Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3345 TI-SN74CB3Q3345_05 Datasheet
687Kb / 17P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3245 TI-SN74CB3Q3245_10 Datasheet
771Kb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3306A-EP TI1-SN74CB3Q3306A-EP Datasheet
986Kb / 15P
[Old version datasheet]   Dual FET Bus Switch 2.5-V/3.3-V Low-Voltage High-Bandwidth Bus Switch
SN74CB3Q3306A TI-SN74CB3Q3306A Datasheet
176Kb / 10P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE, HIGH-BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com