Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75185PW Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75185PW
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75185PW Datasheet(HTML) 5 Page - Texas Instruments

  SN75185PW Datasheet HTML 1Page - Texas Instruments SN75185PW Datasheet HTML 2Page - Texas Instruments SN75185PW Datasheet HTML 3Page - Texas Instruments SN75185PW Datasheet HTML 4Page - Texas Instruments SN75185PW Datasheet HTML 5Page - Texas Instruments SN75185PW Datasheet HTML 6Page - Texas Instruments SN75185PW Datasheet HTML 7Page - Texas Instruments SN75185PW Datasheet HTML 8Page - Texas Instruments SN75185PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.ti.com
Recommended Operating Conditions
Supply Currents
SN75185
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS181D–DECEMBER 1994–REVISED JANUARY 2006
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VDD
Supply voltage
7.5
9
15
V
VSS
Supply voltage
–7.5
–9
–15
V
VIH
High-level input voltage (drivers only)
1.9
V
VIL
Low-level input voltage (drivers only)
0.8
V
Drivers
–6
IOH
High-level output current
mA
Receivers
–0.5
Drivers
6
IOL
Low-level output current
mA
Receivers
16
TA
Operating free-air temperature
070
°C
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
ICC
Supply current from VCC
All inputs at 5 V,
No load,
VCC =5V
30
mA
VDD = 9 V,
VSS =–9V
15
All inputs at 1.9 V,
No load
VDD =12V,
VSS =–12 V
19
VDD =15V,
VSS =–15 V
25
IDD
Supply current from VDD
mA
VDD = 9 V,
VSS =–9V
4.5
All inputs at 0.8 V,
No load
VDD =12V,
VSS =–12 V
5.5
VDD =15V,
VSS =–15 V
9
VDD = 9 V,
VSS =–9V
–15
All inputs at 1.9 V,
No load
VDD =12V,
VSS =–12 V
–19
VDD =15V,
VSS =–15 V
–25
ISS
Supply current from VSS
mA
VDD = 9 V,
VSS =–9V
–3.2
All inputs at 0.8 V,
No load
VDD =12V,
VSS =–12 V
–3.2
VDD =15V,
VSS =–15 V
–3.2
5


Similar Part No. - SN75185PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75185PW TI-SN75185PW Datasheet
357Kb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185PWR TI-SN75185PWR Datasheet
357Kb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results

Similar Description - SN75185PW

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
   Multiple RS-232 drivers and receivers
logo
Unisonic Technologies
75323 UTC-75323_15 Datasheet
383Kb / 12P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI1-GD75323_16 Datasheet
1Mb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75196 TI-SN75196 Datasheet
189Kb / 12P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Holtek Semiconductor In...
HT6571 HOLTEK-HT6571 Datasheet
483Kb / 8P
   Multiple RS-232 Drivers and Receivers
logo
STMicroelectronics
ST75285 STMICROELECTRONICS-ST75285 Datasheet
300Kb / 13P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
December 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com