Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA4311D Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TCA4311D
Description  HOT SWAPPABLE 2-WIRE BUS BUFFERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA4311D Datasheet(HTML) 5 Page - Texas Instruments

  TCA4311D Datasheet HTML 1Page - Texas Instruments TCA4311D Datasheet HTML 2Page - Texas Instruments TCA4311D Datasheet HTML 3Page - Texas Instruments TCA4311D Datasheet HTML 4Page - Texas Instruments TCA4311D Datasheet HTML 5Page - Texas Instruments TCA4311D Datasheet HTML 6Page - Texas Instruments TCA4311D Datasheet HTML 7Page - Texas Instruments TCA4311D Datasheet HTML 8Page - Texas Instruments TCA4311D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
ELECTRICAL CHARACTERISTICS
TCA4311
www.ti.com........................................................................................................................................................................................... SCPS173 – DECEMBER 2008
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply
VCC
Positive supply voltage
2.7
5.5
V
ICC
Supply current
VCC = 5.5 V, VSDAIN = VSCLIN = 0 V
5.1
7
mA
Supply current in shutdown
ISD
VEN = 0 V
0.1
µA
mode
Start-Up Circuitry
VPRE
Precharge voltage
SDA, SCL floating
0.8
1
1.2
V
tIDLE
Bus idle time
50
95
150
µs
VEN
EN threshold voltage
0.5 × VCC
0.9 × VCC
V
VDIS
Disable threshold voltage
EN Pin
0.1 × VCC
0.5 × VCC
V
IEN
EN input current
EN from 0 V to VCC
±0.1
±1
µA
tEN
Enable time
95
µs
Disable time (EN to
tDIS
30
ns
READY)
SDAIN to READY delay
tSTOP
1.2
µs
after STOP
SCLOUT/SDAOUT to
tREADY
0.8
µs
READY
READY OFF state leakage
IOFF
±0.1
µA
current
VOL
READY output low voltage
IPULLUP = 3 mA
0.4
V
Rise-Time Accelerators
Transient boosted pull-up
IPULLUPAC
Positive transition on SDA, SCL, VCC = 2.7 V,
1
2
mA
current
Input-Output Connection
VOS
Input-output offset voltage
10 k
Ω to VCC on SDA, SCL, VCC = 3.3 V,
(1)
0
100
175
mV
CIN
Digital input capacitance
10
pF
Output low voltage, input =
VOL
SDA, SCL pins, ISINK = 3 mA,
0
0.4
V
0 V
II
Input leakage current
SDA, SCL pins = VCC = 5.5 V
±5
µA
(1)
The connection circuitry always regulates its output to a higher voltage than its input. The magnitude of this offset voltage as a function
of the pullup resistor and VCC voltage is shown in the Typical Performance Characteristics section.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TCA4311


Similar Part No. - TCA4311D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA4311D TI-TCA4311D Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311DG4 TI-TCA4311DG4 Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311DGKR TI-TCA4311DGKR Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311DGKRG4 TI-TCA4311DGKRG4 Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311DR TI-TCA4311DR Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
More results

Similar Description - TCA4311D

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4300A-1 LINER-LTC4300A-1 Datasheet
286Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
logo
Texas Instruments
TCA4311A TI1-TCA4311A Datasheet
695Kb / 22P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300A-2 LINER-LTC4300A-2_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-1 LINER-LTC4300-1 Datasheet
287Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300A-1 LINER-LTC4300A-1_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
logo
Texas Instruments
TCA4311 TI-TCA4311 Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300-1 LINER-LTC4300-1_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-2 LINER-LTC4300-2_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4301 LINER-LTC4301_09 Datasheet
223Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
LTC4301 LINER-LTC4301_15 Datasheet
228Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com