Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22949AYZPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22949AYZPR
Description  CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22949AYZPR Datasheet(HTML) 5 Page - Texas Instruments

  TPS22949AYZPR Datasheet HTML 1Page - Texas Instruments TPS22949AYZPR Datasheet HTML 2Page - Texas Instruments TPS22949AYZPR Datasheet HTML 3Page - Texas Instruments TPS22949AYZPR Datasheet HTML 4Page - Texas Instruments TPS22949AYZPR Datasheet HTML 5Page - Texas Instruments TPS22949AYZPR Datasheet HTML 6Page - Texas Instruments TPS22949AYZPR Datasheet HTML 7Page - Texas Instruments TPS22949AYZPR Datasheet HTML 8Page - Texas Instruments TPS22949AYZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TPS22949
TPS22949A
www.ti.com
SLVS908C – FEBRUARY 2009 – REVISED JANUARY 2010
ABSOLUTE MAXIMUM RATINGS
(1)
MIN
MAX
UNIT
VI
Input voltage
VIN, EN1, EN2, V+
–0.3
6
V
VOUTCL
Current limiter output voltage
VIN + 0.3
V
TJ
Operating junction temperature range
–40
105
°C
Tstg
Storage temperature range
–65
150
°C
Human-Body Model
3.5
Electrostatic discharge protection (ESD)
kV
Charged-Device Model
1
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATINGS
DERATING FACTOR ABOVE
BOARD
PACKAGE
R
θJC
R
θJA
TA = 25°C
TA < 25°C
TA = 70°C
TA = 85°C
High-K (JESD 51-7)
YZP
13.79°C/W
101.92°C/W
98.1 mW/°C
784 mW
343 mW
196 mW
High-K (JESD 51-5)
DRG
56.6°C/W
52.44°C/W
19 mW/°C
1525 mW
667 mW
381 mW
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VIN
Input voltage(1)
1.62
4.5
V
VOUTCL
Current limiter output voltage
VIN
V
V+
Supply voltage
2.6
5.5
V
CIN
Input capacitor
1
μF
TA
Ambient free-air temperature
–40
85
°C
Control Inputs (EN1, EN2)
VIH
High-level input voltage
1.4
5.5
V
VIL
Low-level input voltage
0.4
V
(1)
See the Application Information section
ELECTRICAL CHARACTERISTICS
TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
EN1 and EN2 = V+
V+ = VOUT + 1.4 V or 2.5, whichever > 5.5 V,
IGND
Ground pin current
85
110
μA
VOUTCL ≥ VOUTLDO + 0.5 V
IOUT2 = 0 mA
Ground pin current (current
IGNDCL
EN1 = V+ and EN2 = 0
40
75
μA
limiter only)
EN1 and EN2 = GND,
VIN = V+ = 3.3 V
2
IGND(OFF)
OFF-state ground pin current
VOUTCL = Open,
μA
VIN = 3.6 V, V+ = 5.5 V
6
VOUTLDO = Open
IEN2
Enable pin 2 current, enabled
VEN2 = V+ =5.5 V, VIN = 4.5 V
1
μA
IEN1
Enable pin 1 current, enabled
VEN1 = V+ = 5.5 V, VIN = 4.5 V
1
μA
TPS22949
122
Shutdown threshold (TA)
TPS22949A
135
TPS22949
112
Thermal
Return from shutdown
°C
shutdown
TPS22949A
120
TPS22949
10
Hysteresis
TPS22949A
10
(1)
Typical values are at VIN = 3.3 V and TA = 25°C.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS22949 TPS22949A


Similar Part No. - TPS22949AYZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22949AYZPR TI-TPS22949AYZPR Datasheet
749Kb / 22P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949AYZPR TI-TPS22949AYZPR Datasheet
1Mb / 28P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
More results

Similar Description - TPS22949AYZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22949_101 TI-TPS22949_101 Datasheet
1Mb / 28P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949 TI-TPS22949 Datasheet
749Kb / 22P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5255 GMT-G5255 Datasheet
75Kb / 1P
   Current Limited Load Switch
G527 GMT-G527 Datasheet
110Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
   Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4612 ANALOGICTECH-AAT4612 Datasheet
670Kb / 10P
   Current Limited Load Switch
AAT4618 ANALOGICTECH-AAT4618 Datasheet
225Kb / 10P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5254 GMT-G5254 Datasheet
73Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4610 AAT-AAT4610 Datasheet
252Kb / 10P
   Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com