Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5V330DR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TS5V330DR
Description  QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5V330DR Datasheet(HTML) 5 Page - Texas Instruments

  TS5V330DR Datasheet HTML 1Page - Texas Instruments TS5V330DR Datasheet HTML 2Page - Texas Instruments TS5V330DR Datasheet HTML 3Page - Texas Instruments TS5V330DR Datasheet HTML 4Page - Texas Instruments TS5V330DR Datasheet HTML 5Page - Texas Instruments TS5V330DR Datasheet HTML 6Page - Texas Instruments TS5V330DR Datasheet HTML 7Page - Texas Instruments TS5V330DR Datasheet HTML 8Page - Texas Instruments TS5V330DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Recommended Operating Conditions
(1)
Electrical Characteristics
TS5V330
www.ti.com .............................................................................................................................................................. SCDS164D – MAY 2004 – REVISED JUNE 2009
MIN
MAX
UNIT
VCC
Supply voltage range
4
5.5
V
VIH
High-level control input voltage range (EN, IN)
2
5.5
V
VIL
Low-level control input voltage range (EN, IN)
0
0.8
V
VANALOG
Analog I/O voltage range
0
Vcc
V
TA
Operating free-air temperature range
–40
85
°C
(1)
All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
over recommended operating free-air temperature range, VCC = 5 V ±10% (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN TYP(2)
MAX
UNIT
VIK
EN, IN
VCC = 4.5 V,
IIN = –18 mA
–1.8
V
Vhys
EN, IN
150
mV
IIH
EN, IN
VCC = 5.5 V,
VIN and VEN = VCC
±1
µA
IIL
EN, IN
VCC = 5.5 V,
VIN and VEN = GND
±1
µA
IOZ
(3)
VCC = 5.5 V,
VO = 0 to 5.5 V,
VI = 0,
Switch OFF
±1
µA
IOS
(4)
VCC = 5.5 V,
VO = 0.5 VCC,
VI = 0,
Switch ON
50
mA
Ioff
VCC = 0 V,
VO = 0 to 5.5 V,
VI = 0
1
µA
ICC
VCC = 5.5 V,
II/O = 0,
Switch ON or OFF
3
µA
ΔICC
EN, IN
VCC = 5.5 V,
One input at 3.4 V,
Other inputs at VCC or GND
2.5
mA
ICCD
VEN = GND, VCC = 5.5 V, D and S ports open, VIN input switching 50% duty cycle
0.25
mA/MHz
VIN of VEN = 0,
CIN
EN, IN
3.5
pF
f = 1 MHz
D port
6
COFF
VI = 0,
f = 1 MHz,
Outputs open,
Switch OFF
pF
S port
4
CON
VI = 0,
f = 1 MHz,
Outputs open,
Switch ON
14
pF
VI = 1 V,
IO = 13 mA,
RL = 75 Ω
3
7
ron
(5)
VCC = 4.5 V
Ω
VI = 2 V,
IO = 26 mA,
RL = 75 Ω
7
10
(1)
VI, VO, II, and IO refer to I/O pins.
(2)
All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C.
(3)
For I/O ports, IOZ includes the input leakage current.
(4)
The IOS test is applicable to only one ON channel at a time. The duration of this test is less than 1 s.
(5)
Measured by the voltage drop between the D and S terminals at the indicated current through the switch. ON-state resistance is
determined by the lower of the voltages of the two (D or S) terminals.
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TS5V330


Similar Part No. - TS5V330DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5V330DR TI-TS5V330DR Datasheet
360Kb / 17P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
TS5V330DR TI-TS5V330DR Datasheet
713Kb / 24P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330DRE4 TI-TS5V330DRE4 Datasheet
713Kb / 24P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330DRG4 TI-TS5V330DRG4 Datasheet
713Kb / 24P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
More results

Similar Description - TS5V330DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3V330 TI-TS3V330_09 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
   Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Texas Instruments
TS3V330 TI-TS3V330_10 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330C TI1-TS5V330C Datasheet
847Kb / 22P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330 Datasheet
360Kb / 17P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
TS5V330 TI-TS5V330_10 Datasheet
713Kb / 24P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330 Datasheet
382Kb / 18P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330 Datasheet
303Kb / 8P
   Low On Resistance Quad SPDT Wide Bandwidth Video Switch
logo
STMicroelectronics
STMAV340 STMICROELECTRONICS-STMAV340 Datasheet
1Mb / 21P
   Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
logo
Texas Instruments
TS3L100 TI-TS3L100_10 Datasheet
785Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com