Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNS-DTP-DRL-11-B-1 Datasheet(PDF) 2 Page - Yamaichi Electronics Co., Ltd.

Part # CNS-DTP-DRL-11-B-1
Description  PCMCIA II Slot - Double Deck (SMT Type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

CNS-DTP-DRL-11-B-1 Datasheet(HTML) 2 Page - Yamaichi Electronics Co., Ltd.

  CNS-DTP-DRL-11-B-1 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. CNS-DTP-DRL-11-B-1 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Trading Division
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Card
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Card
Connectors
Connectors
A-49
Detail A
A
A
Example: Double Deck SMT Fixing with 2.2mm Stand-off
Rear Socket Section Details
Section A - A
Section B - B
Example PCB Layout
Top View
With Stand-off
Without Stand-off
Contact Dimensions at
Length
Contacts A1, A17, A34, A35, A51 and A68
5.00 ±0.1
B1, B17, B34, B35, B51 and D68
Contacts A36 and A67, B36 and B67
3.50 ±0.1
All other contacts
4.25 ±0.1
Series CNS
PCMCIA II Slot - Double Deck (SMT Type)


Similar Part No. - CNS-DTP-DRL-11-B-1

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
CNS-BBAR-KIT ADVANCEDENERGY-CNS-BBAR-KIT Datasheet
1Mb / 11P
   ARTESYN CNS650-M SERIES
01 4.20
logo
Yamaichi Electronics Co...
CNS-SBP-AL10-A YAMAICHI-CNS-SBP-AL10-A Datasheet
207Kb / 2P
   PCMCIA II Slot - Single Deck (SMT Type)
CNS-SBP-AL10-A-1 YAMAICHI-CNS-SBP-AL10-A-1 Datasheet
207Kb / 2P
   PCMCIA II Slot - Single Deck (SMT Type)
CNS-SBP-AL10-B YAMAICHI-CNS-SBP-AL10-B Datasheet
207Kb / 2P
   PCMCIA II Slot - Single Deck (SMT Type)
CNS-SBP-AL10-B-1 YAMAICHI-CNS-SBP-AL10-B-1 Datasheet
207Kb / 2P
   PCMCIA II Slot - Single Deck (SMT Type)
More results

Similar Description - CNS-DTP-DRL-11-B-1

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
CNS-STP-AR10-A-1 YAMAICHI-CNS-STP-AR10-A-1 Datasheet
207Kb / 2P
   PCMCIA II Slot - Single Deck (SMT Type)
logo
FCI connector
71299-625CA FCI-CONNECTOR-71299-625CA Datasheet
974Kb / 11P
   CARDBUS SINGLE DECK ASSY SMT TYPE 123
logo
WAGO Kontakttechnik Gmb...
2002-2954 WAGO-2002-2954 Datasheet
711Kb / 19P
   Double-deck, double-disconnect terminal block
24.11.2021
logo
List of Unclassifed Man...
690-008-221-013 ETC2-690-008-221-013 Datasheet
113Kb / 1P
   USB CONNECTOR A TYPE, RIGHT ANGLE, DOUBLE DECK
logo
WAGO Kontakttechnik Gmb...
2002-2952 WAGO-2002-2952 Datasheet
680Kb / 19P
   Double-deck, double-disconnect terminal block
24.11.2021
2002-2951 WAGO-2002-2951 Datasheet
679Kb / 19P
   Double-deck, double-disconnect terminal block
23.11.2021
2002-2958 WAGO-2002-2958 Datasheet
716Kb / 19P
   Double-deck, double-disconnect terminal block
24.11.2021
2002-2961 WAGO-2002-2961 Datasheet
706Kb / 18P
   Double-deck carrier terminal block
24.11.2021
2002-2971 WAGO-2002-2971 Datasheet
717Kb / 20P
   Double-deck disconnect terminal block
24.11.2021
logo
NXP Semiconductors
TDA1602A PHILIPS-TDA1602A Datasheet
848Kb / 19P
   Double-deck playback/record IC
April 1992
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com