Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZP4-125-26-G2 Datasheet(PDF) 2 Page - Yamaichi Electronics Co., Ltd.

Part # ZP4-125-26-G2
Description  Header for SMT (Various Heights)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

ZP4-125-26-G2 Datasheet(HTML) 2 Page - Yamaichi Electronics Co., Ltd.

  ZP4-125-26-G2 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. ZP4-125-26-G2 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sockets and Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Trading Division
ZS5A Top Connector – Socket
ZS5A / ZP4 (Board -to-Board)
Connection for Various Heights and Pin Counts
ZP4 Bottom Connector – Pin Header
ZS5A Top Connector – Socket
ZP4 Bottom Connector – Pin Header
ZS5A Top Connector – Socket
ZP4 Bottom Connector – Pin Header
ZS5A Top Connector – Socket
ZP4 Bottom Connector – Pin Header
C = 2.0 mm
T = 6.5 mm
C = 2.5 mm
T = 7.0 mm
C = 3.0 mm
T = 7.5 mm
C = 3.5 mm
T = 8.0 mm
C = 4.0 mm
T = 8.5 mm
C = 4.5 mm
T = 9.0 mm
C = 5.0 mm
T = 9.5 mm
C = 5.5 mm
T = 10.0 mm
C = 6.0 mm
T = 10.5 mm
C = 6.5 mm
T = 11.0 mm
C = 7.0 mm
T = 11.5 mm
C = 4.5 mm
T = 12.0 mm
C = 8.0 mm
T = 12.5 mm
C = 8.5 mm
T = 13.0 mm
C = 9.0 mm
T = 13.5 mm
C = 9.5 mm
T = 14.0 mm
C = 10.0 mm
T = 14.5 mm
C = 10.5 mm
T = 15.0 mm
C = 11.0 mm
T = 15.5 mm
C = 11.5 mm
T = 16.0 mm
Information:
Dimension 'A' = 4.50 mm
Dimension 'B' = 4.00 mm
These dimensions remain
constant for the socket
ZS5A
Dimension 'C' = Height
These dimensions vary
from 2.0 mm to 12.0 mm
for the pin header
ZP4
Total height = 'T' ±0.15


Similar Part No. - ZP4-125-26-G2

ManufacturerPart #DatasheetDescription
logo
ZHEJIANG HUAJING RECTIF...
ZP4000A HUAJING-ZP4000A Datasheet
264Kb / 3P
   Rectifier Diode
logo
Shenzhen Luguang Electr...
ZP4000A LUGUANG-ZP4000A Datasheet
2Mb / 2P
   Rectifier Diodes
logo
List of Unclassifed Man...
ZP4000A ETC-ZP4000A Datasheet
98Kb / 1P
   ZP series silicon rectifier
logo
ZHEJIANG HUAJING RECTIF...
ZP400A HUAJING-ZP400A Datasheet
261Kb / 3P
   Rectifier Diode
logo
Shenzhen Luguang Electr...
ZP4200A LUGUANG-ZP4200A Datasheet
2Mb / 2P
   Rectifier Diodes
More results

Similar Description - ZP4-125-26-G2

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
200109MA SUYIN-USA-200109MA Datasheet
259Kb / 2P
   2.0mm DUAL ROW HEADER OF VARIOUS HEIGHTS S.M.D. TYPE
12717MA SUYIN-USA-12717MA Datasheet
249Kb / 2P
   1.27X1.27mm DUAL ROW BOX HEADER OF VARIOUS HEIGHTS FOR BOARD TO BOARD S.M.D. SERIES
logo
Dialight Corporation
561-XX0X-XXX DIALIGHT-561-XX0X-XXX Datasheet
80Kb / 11P
   5mm LED CBI Circuit Board Indicator Vertical, Various Heights
logo
Sanyo Semicon Device
2SB1126 SANYO-2SB1126 Datasheet
81Kb / 3P
   For Various Drivers
2SB880 SANYO-2SB880 Datasheet
119Kb / 4P
   For Various Drivers
logo
ON Semiconductor
2SB1126 ONSEMI-2SB1126 Datasheet
122Kb / 4P
   For Various Drivers
Jan-2011, Rev. 0
logo
Infineon Technologies A...
2PS12017E44G35911 INFINEON-2PS12017E44G35911 Datasheet
683Kb / 8P
   Stacks for various inverter application.
2016-02-09 revision:2.0
logo
New Jersey Semi-Conduct...
2N4381 NJSEMI-2N4381 Datasheet
92Kb / 1P
   VARIOUS
logo
Panasonic Semiconductor
DS1E-S-DC3V PANASONIC-DS1E-S-DC3V Datasheet
92Kb / 6P
   High Reliability Relay for Various Applications
logo
SUYIN USA, INC.
12713MS SUYIN-USA-12713MS Datasheet
235Kb / 2P
   1.27X1.27mm DUAL ROW BOX HEADER OF VARIOUS HEIGHT FOR BOARD TO BOARD SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com