Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22946YZPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22946YZPR
Description  ULTRA-LOW POWER,LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF,AUTO-RESTART,AND OVER-CURRENT CONDITION TIME-OUT
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22946YZPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS22946YZPR Datasheet HTML 5Page - Texas Instruments TPS22946YZPR Datasheet HTML 6Page - Texas Instruments TPS22946YZPR Datasheet HTML 7Page - Texas Instruments TPS22946YZPR Datasheet HTML 8Page - Texas Instruments TPS22946YZPR Datasheet HTML 9Page - Texas Instruments TPS22946YZPR Datasheet HTML 10Page - Texas Instruments TPS22946YZPR Datasheet HTML 11Page - Texas Instruments TPS22946YZPR Datasheet HTML 12Page - Texas Instruments TPS22946YZPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
ELECTRICAL CHARACTERISTICS
TPS22946
www.ti.com......................................................................................................................................... SLVS984A – SEPTEMBER 2009 – REVISED OCTOBER 2009
VIN = 1.62 V to 5.5 V, TYP values at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
(1)
MIN
TYP
MAX
UNIT
IOUT = 0 mA, VIN = 4.5 V to 5.5 V
Full range
1.5
5
IIN
Average quiescent current
IOUT = 0 mA, VIN = 3.0 V to 3.6 V
1.3
4
µA
IOUT = 0 mA, VIN = 1.62 V to 1.98 V
1
3
IIN(OFF)
OFF state supply current
VON = 0 V
VIN = 3.6 V, VOUT open
Full range
0.1
1
µA
VIN = 3.6 V,
IOUT(LEAKAGE)
OFF state switch current
VON = 0 V
Full range
0.1
1.1
µA
VOUT short to GND
25°C
0.3
0.4
VIN = 5.5 V
Full range
0.45
25°C
0.4
0.5
VIN = 3.3 V
Full range
0.55
25°C
0.5
0.6
rON
ON-state resistance
IOUT = -100 mA
VIN = 2.5 V
Full range
0.65
25°C
0.6
0.8
VIN = 1.8 V
Full range
0.85
25°C
0.7
0.9
VIN = 1.62 V
Full range
1
ION
ON input leakage current
VON = VIN or GND
Full range
1
µA
VIN = 1.8 V, VOUT = 1.5 V, CL = GND
Full range
70
85
120
VIN = 3.3 V, VOUT = 3.0 V, CL = GND
Full range
60
80
115
VIN = 1.8 V, VOUT = 1.5 V, CL = VIN
Full range
155
175
235
ILIM
Current limit
mA
VIN = 3.3 V, VOUT = 3.0 V, CL = VIN
Full range
135
165
230
VIN = 1.8 V, VOUT = 1.5 V, CL floating
Full range
30
45
60
VIN = 3.3 V, VOUT = 3.0 V, CL floating
Full range
28
40
60
Ilimit_inrush
Inrush current limit
Rl = 1 Ω, VIN = 3.3 V, VOUT = 2.3 V
Full range
375
435
685
mA
Shutdown threshold
135
Thermal shutdown(2)
Return from shutdown
Full range
125
°C
Hysteresis
10
VIN = 5 V, ISINK = 10 mA
0.1
0.2
VOL
OC output logic low voltage
Full range
V
VIN = 1.8 V, ISINK = 10 mA
0.1
0.3
IOH
OC output high leakage current
VIN = 5 V, Switch ON
Full range
1
µA
(1)
Full range TA = –40°C to 85°C
(2)
See the Application Information section of this data sheet.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS22946


Similar Part No. - TPS22946YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22946YZPR TI-TPS22946YZPR Datasheet
459Kb / 26P
[Old version datasheet]   ULTRA-LOW POWER, LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF, AUTO-RESTART, AND OVER-CURRENT CONDITION TIME-OUT
More results

Similar Description - TPS22946YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22946 TI-TPS22946_10 Datasheet
459Kb / 26P
[Old version datasheet]   ULTRA-LOW POWER, LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF, AUTO-RESTART, AND OVER-CURRENT CONDITION TIME-OUT
TPS22941 TI-TPS22941 Datasheet
542Kb / 19P
[Old version datasheet]   LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
TPS22941 TI-TPS22941_10 Datasheet
542Kb / 19P
[Old version datasheet]   LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
logo
Toshiba Semiconductor
TCK22XXXG TOSHIBA-TCK22XXXG Datasheet
696Kb / 13P
   Load Switch IC with Over current limited function
2022-06-09
logo
CUI INC
VSUU-120-D CUI-VSUU-120-D Datasheet
215Kb / 4P
   input surge current, over voltage, over load, and over current protections
logo
Texas Instruments
TPS22949_101 TI-TPS22949_101 Datasheet
1Mb / 28P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949 TI-TPS22949 Datasheet
749Kb / 22P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949 TI-TPS22949_10 Datasheet
759Kb / 24P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5255 GMT-G5255 Datasheet
75Kb / 1P
   Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com