Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A7CN-2M-1 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # A7CN-2M-1
Description  Thumbwheel Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A7CN-2M-1 Datasheet(HTML) 4 Page - Omron Electronics LLC

  A7CN-2M-1 Datasheet HTML 1Page - Omron Electronics LLC A7CN-2M-1 Datasheet HTML 2Page - Omron Electronics LLC A7CN-2M-1 Datasheet HTML 3Page - Omron Electronics LLC A7CN-2M-1 Datasheet HTML 4Page - Omron Electronics LLC A7CN-2M-1 Datasheet HTML 5Page - Omron Electronics LLC A7CN-2M-1 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
A7CN/A7CN-L
Accessories (Order Separately)
Note: Unless otherwise indicated, dimensional tolerances for dimensions in the models above are
±0.4mm.
Output Codes
06 (Binary Code)
Note: The solid dot
● indicates that the internal switch is ON (i.e., connected to the common terminal).
Ordering Procedure
Place orders as shown in the example below, specifying the model
and number. Standard products are not factory-assembled for
shipment. Contact your OMRON representative for details on
ordering factory-assembled sets.
1. Switch Unit (snap-in mounting, black)
A7CN-206-1: 4 pieces
2. Spacer (snap-in mounting, no designation, black)
A7CN-2PA-1: 1 piece
3. End Caps (snap-in mounting, black)
A7CN-2M-1: 1 pair
End Caps for Push-operated Switches
A7CN-1M-1 Screw Mounting
Left Side
Right Side
16 ±0.2
3±0.1
16
3
2
2
13.6
15.7
2
13.6 15.7
18
16 ±0.2
16
18
8
3±0.1
3
2.2
2
8
44
16
3±0.1
2.7
2
44
3 ±0.1
2.7
2.2
2.2
15.5
18
16
18
13.4
15.5
13.4
End Caps for Push-operated Switches
A7CN-2M(-1) Snap-in Mounting
Left Side
Right Side
9
6±0.1
18
11.65
2
2
16
Spacers for Push-operated Switches
A7CN-1P
@-1
Screw Panel Mounting Model
Note: The
@ in the Spacer model number stands for a letter in the range A to U.
(Refer to the table under the explanation about Spacers on page 3.)
Spacers for Push-operated Switches
A7CN-2P
@(-1)
Snap-in Mounting Model
Note: The
@ in the Spacer model number stands for a letter in the range A to U.
(Refer to the table under the explanation about Spacers on page 3.)
9
6±0.1
18
13.4
2.25
16±0.2
Dial
Terminals connected to common
1
2
4
8
0
1
2
3
●●
4
5
●●
6
●●
7
●●
8
9
●●
3
2
3
1
1


Similar Part No. - A7CN-2M-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A7CN-206 ETC-A7CN-206 Datasheet
101Kb / 5P
   Thumbwheel Switch
logo
Omron Electronics LLC
A7CN-206 OMRON-A7CN-206 Datasheet
1Mb / 25P
   Thumbwheel Switch
logo
List of Unclassifed Man...
A7CN-206-1 ETC-A7CN-206-1 Datasheet
101Kb / 5P
   Thumbwheel Switch
logo
Omron Electronics LLC
A7CN-206-1 OMRON-A7CN-206-1 Datasheet
1Mb / 25P
   Thumbwheel Switch
More results

Similar Description - A7CN-2M-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A7MA OMRON-A7MA Datasheet
109Kb / 5P
   Thumbwheel Switch
logo
List of Unclassifed Man...
A7CN ETC-A7CN Datasheet
101Kb / 5P
   Thumbwheel Switch
logo
Omron Electronics LLC
A7AS OMRON-A7AS Datasheet
77Kb / 4P
   Thumbwheel Switch
A7P-M OMRON-A7P-M Datasheet
1Mb / 25P
   Thumbwheel Switch
A7F OMRON-A7F Datasheet
329Kb / 4P
   SCSI Thumbwheel Switch
logo
C&K Components
301100000 CK-COMPONENTS-301100000 Datasheet
387Kb / 8P
   Thumbwheel Switches
logo
Grayhill, Inc
62T22-N0-040C GRAYHILL-62T22-N0-040C Datasheet
258Kb / 2P
   Thumbwheel with Pushbutton
logo
ITT Industries
301100000 ITT-301100000 Datasheet
671Kb / 8P
   Thumbwheel Switches
logo
Marki Microwave
TW-1 MARKIMICROWAVE-TW-1 Datasheet
223Kb / 1P
   Connector Thumbwheel
logo
C&K Components
3 CK-COMPONENTS-3 Datasheet
1Mb / 8P
   Thumbwheel Switches
2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com